Part Number Hot Search : 
36M200 U1510 73D19 51216 IN74H CMF54A EC5575 F2520
Product Description
Full Text Search
 

To Download CMLD4448DO10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMLD4448DO CMLD4448DOG SURFACE MOUNT DUAL, ISOLATED, OPPOSING HIGH SPEED SILICON SWITCHING DIODES
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMLD4448DO and CMLD4448DOG each contain two (2) Isolated Opposing Configuration, Silicon Switching Diodes, manufactured by the epitaxial planar process, epoxy molded in a PICOminiTM surface mount package. These devices are designed for high speed switching applications. MARKING CODES: CMLD4448DO: C40 CMLD4448DOG: 4CG
SOT-563 CASE
* The CMLD4448DOG is Halogen Free by design
MAXIMUM RATINGS: (TA=25C) Peak Repetitive Reverse Voltage Continuous Forward Current Peak Repetitive Forward Current Peak Forward Surge Current, tp=1.0s Peak Forward Surge Current, tp=1.0s Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
SYMBOL VRRM IF IFRM IFSM IFSM PD TJ, Tstg JA 120 250 500 4.0 1.0 250 -65 to +150 500
UNITS V mA mA A A mW C C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25C unless otherwise noted) SYMBOL IR IR IR BVR VF VF VF CT trr TEST CONDITIONS VR=50V VR=50V, TA=125C VR=100V IR=100A IF=1.0mA IF=10mA IF=100mA VR=0, f=1.0MHz IR=IF=10mA, RL=100, Rec. to 1.0mA 2.0 120 0.55 0.67 0.85 150 0.59 0.72 0.91 0.65 0.77 1.0 1.5 4.0 MIN TYP MAX 300 100 500 UNITS nA A nA V V V V pF ns
R4 (18-January 2010)
CMLD4448DO CMLD4448DOG SURFACE MOUNT DUAL, ISOLATED, OPPOSING HIGH SPEED SILICON SWITCHING DIODES SOT-563 CASE - MECHANICAL OUTLINE
PIN CONFIGURATION
LEAD CODE: 1) Anode D1 2) NC 3) Cathode D2 4) Anode D2 5) NC 6) Cathode D1
MARKING CODES: CMLD4448DO: C40 CMLD4448DOG: 4CG
R4 (18-January 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMLD4448DO10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X