Part Number Hot Search : 
HFM101 2SK2276 P115J C1648X ATTINY85 S1610 IN4731 HD74L
Product Description
Full Text Search
 

To Download CMLD3003DOG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMLD3003DO CMLD3003DOG SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMLD3003DO and CMLD3003DOG types contain Two (2) Isolated Opposing Configuration, Silicon Switching Diodes, manufactured by the epitaxial planar process, epoxy molded in a PICOminiTM surface mount package. These devices are designed for switching applications requiring extremely low leakage. MARKING CODES: CMLD3003DO: C30 CMLD3003DOG: 3CG
SOT-563 CASE
* The CMLD3003DOG is Halogen Free by design
MAXIMUM RATINGS: (TA=25C) Continuous Reverse Voltage Average Rectified Current Continuous Forward Current Peak Repetitive Forward Current Peak Forward Surge Current, tp=1.0s Peak Forward Surge Current, tp=1.0s Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
SYMBOL VR IO IF IFRM IFSM IFSM PD TJ, Tstg JA
180 200 600 700 2.0 1.0 250 -65 to +150 500
UNITS V mA mA mA A A mW C C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN MAX IR IR IR IR BVR VF VF VF VF VF VF CT VR=125V VR=125V, TA=150C VR=180V VR=180V, TA=150C IR=5.0A IF=1.0mA IF=10mA IF=50mA IF=100mA IF=200mA IF=300mA VR=0, f=1.0MHz 200 0.62 0.72 0.80 0.83 0.87 0.90 0.72 0.83 0.89 0.93 1.10 1.15 4.0 1.0 3.0 10 5.0
UNITS nA A nA A V V V V V V V pF
R2 (18-January 2010)
CMLD3003DO CMLD3003DOG SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES SOT-563 CASE - MECHANICAL OUTLINE
PIN CONFIGURATION
LEAD CODE: 1) Anode D1 2) NC 3) Cathode D2 4) Anode D2 5) NC 6) Cathode D1
MARKING CODES: CMLD3003DO: C30 CMLD3003DOG: 3CG
R2 (18-January 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMLD3003DOG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X