Part Number Hot Search : 
5KP70A HD74ALVC 2J222J IR6210S 2SC3871 5KP70A CURA101 2SD11
Product Description
Full Text Search
 

To Download CEU730G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-Channel Enhancement Mode Field Effect Transistor FEATURES
400V, 5A, RDS(ON) = 1 @VGS = 10V. Super high dense cell design for extremely low RDS(ON). High power and current handing capability. Lead free product is acquired. TO-251 & TO-252 package.
CED730G/CEU730G
PRELIMINARY
D
D G S CEU SERIES TO-252(D-PAK)
G D
G
S CED SERIES TO-251(I-PAK)
S
ABSOLUTE MAXIMUM RATINGS
Parameter Drain-Source Voltage Gate-Source Voltage Drain Current-Continuous Drain Current-Pulsed
a
Tc = 25 C unless otherwise noted Symbol Limit VDS VGS ID IDM PD TJ,Tstg 400
Units V V A A W W/ C C
30
5 20 68 0.54 -55 to 150
Maximum Power Dissipation @ TC = 25 C - Derate above 25 C Operating and Store Temperature Range
Thermal Characteristics
Parameter Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient Symbol RJC RJA Limit 2.2 50 Units C/W C/W
This is preliminary information on a new product in development now . Details are subject to change without notice . 1
Rev 1. 2009.Nov http://www.cetsemi.com
CED730G/CEU730G
Electrical Characteristics
Parameter Off Characteristics Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Body Leakage Current, Forward Gate Body Leakage Current, Reverse On Characteristics b Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Dynamic Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching Characteristics c Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage
b c
Tc = 25 C unless otherwise noted Symbol BVDSS IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS f VSD VGS = 0V, IS = 3A VDS = 320V, ID =3.5A, VGS = 10V Test Condition VGS = 0V, ID = 250A VDS = 400V, VGS = 0V VGS = 30V, VDS = 0V VGS = -30V, VDS = 0V VGS = VDS, ID = 250A VGS = 10V, ID = 3A VDS = 50V, ID = 5A 2 0.8 6 590 105 20 15 7 30 5 14 2.5 6 5 1.5 30 14 60 10 18 Min 400 10 100 -100 4 1 Typ Max Units V
A
nA nA V S pF pF pF ns ns ns ns nC nC nC A V
VDS = 25V, VGS = 0V, f = 1.0 MHz
VDD = 200V, ID = 3.5A, VGS = 10V, RGEN =12
Drain-Source Diode Characteristics and Maximun Ratings
Notes : a.Repetitive Rating : Pulse width limited by maximum junction temperature . b.Pulse Test : Pulse Width < 300s, Duty Cycle < 2% . c.Guaranteed by design, not subject to production testing. d.Limited only by maximum temperature allowed . e.Pulse width limited by safe operating area . .
2
CED730G/CEU730G
12 12 VGS=10,9,8,7V
ID, Drain Current (A)
ID, Drain Current (A)
10 8 6 4 2 0
10 8 6 4 25 C 2 0 TJ=125C -55 C 4 5 6
VGS=5V
VGS=4V
0
2
4
6
8
10
12
1
2
3
VDS, Drain-to-Source Voltage (V) Figure 1. Output Characteristics
900 2.2 1.9 1.6 1.3 1.0 0.7 0.4 -100
VGS, Gate-to-Source Voltage (V) Figure 2. Transfer Characteristics
ID=3A VGS=10V
C, Capacitance (pF)
750 600 450 300 150 0 Crss 0 5 10 15 20 25 Coss Ciss
RDS(ON), Normalized RDS(ON), On-Resistance(Ohms)
-50
0
50
100
150
200
VDS, Drain-to-Source Voltage (V) Figure 3. Capacitance
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 VDS=VGS
TJ, Junction Temperature( C) Figure 4. On-Resistance Variation with Temperature IS, Source-drain current (A)
VGS=0V
10
0
VTH, Normalized Gate-Source Threshold Voltage
ID=250A
10
-1
-25
0
25
50
75
100
125
150
10
-2
0.4
0.6
0.8
1.0
1.2
1.4
TJ, Junction Temperature( C) Figure 5. Gate Threshold Variation with Temperature
VSD, Body Diode Forward Voltage (V) Figure 6. Body Diode Forward Voltage Variation with Source Current
3
CED730G/CEU730G
VGS, Gate to Source Voltage (V)
10 8 6 4 2 0 VDS=320V ID=3.5A 10
2
RDS(ON)Limit
4
100ms 1ms 10ms DC
ID, Drain Current (A)
10
1
10
0
0
4
8
12
16
10
-1
TC=25 C TJ=150 C Single Pulse 10
0
10
1
10
2
10
3
Qg, Total Gate Charge (nC) Figure 7. Gate Charge VDD t on V IN VGS RGEN G RL D VOUT td(on) VOUT
10%
VDS, Drain-Source Voltage (V) Figure 8. Maximum Safe Operating Area
toff tr
90%
td(off)
90% 10%
tf
INVERTED
90%
S
VIN
50% 10%
50%
PULSE WIDTH
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
r(t),Normalized Effective Transient Thermal Impedance
10
0
D=0.5
0.2
10
-1
0.1 0.05 0.02 0.01 Single Pulse
PDM t1 t2
10
-2
1. RcJC (t)=r (t) * RcJC 2. RcJC=See Datasheet 3. TJM-TC = P* RcJC (t) 4. Duty Cycle, D=t1/t2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Square Wave Pulse Duration (sec) Figure 11. Normalized Thermal Transient Impedance Curve
4


▲Up To Search▲   

 
Price & Availability of CEU730G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X