|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Flat panel sensor C9732DK-11 For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 x 120 mm The C9732DK-11 is two-dimensional CMOS image sensor module designed for X-ray imaging which requires high resolution, large area and wide dynamic range. A target material of X-ray source and X-ray energy adequate for the sensor is Mo and 17 keV. The device shape is thin cassette which incorporate on-chip high-resolution scintillator and a control board. An on-board USB 2.0 interface can realize fast data transfer with the C9732DK-11. Features 2400 x 2400 pixels (50 m pitch) High resolution 14-bit digital output (USB 2.0 interface) High-speed imaging: 1 frame/s No dead area (insensitive area) due to seamless structure Compatible with HAMAMATSU API (DCAM-API) Applications X-ray imaging (optimized to 17 keV) Structure The C9732DK-11 is comprised of a sensor board and a control board. Mounted on the sensor board is a CMOS image sensor chip made up of a twodimensional photodiode array, row-scanning vertical shift register, and 8 charge amplifier arrays. Each charge amplifier array has a horizontal shift register and consists of 300 ch charge amplifiers with CDS circuit. CsI scintillator is directly deposited on the two-dimensional photodiode array. X-rays incident on the scintillator are converted to fluorescence, which then enters the two-dimensional photodiode array where electric charge is accumulated in each pixel according to the light intensity. The accumulated charge on each row is sequentially selected by the row-scanning vertical shift register, transferred to the amplifiers through the data line, and converted to a voltage signal. Then an analog signal is sent out from each amplifier array by scanning the horizontal shift register. The control board converts the analog signal into a 14-bit digital signal, which is then output to a PC through the USB 2.0 interface. KACCC0310EC www.hamamatsu.com 1 Flat panel sensor C9732DK-11 General ratings Parameter Pixel size Photodiode area Number of pixels Number of active pixels Readout Video output TrgIn, TrgOut Scintillator Specification 50 x 50 120 x 120 2400 x 2400 2368 x 2340 Charge amplifier array USB 2.0, 14-bit TTL Direct deposition CsI Unit m mm pixels pixels - Absolute maximum ratings (Ta=25 C) Parameter Supply voltage for digital circuitry (+5 V) Supply voltage for analog circuitry (+5 V) Operating temperature *1 Storage temperature *1 Incident X-ray energy *1: No condensation Symbol D.vdd A.vdd Topr Tstg Value +6.0 +6.0 0 to +40 -10 to +60 35 Unit V V C C kVp Specifications (Ta=25 C, A.vdd=5.0 V, D.vdd=5.0 V) Parameter Frame rate Frame rate external Noise (rms) *2 Sensitivity *3 Resolution *4 Saturation charge Dynamic range Defect line *5 Adjacent defect line Blemish *6 Non-uniformity of sensitivity *6 Defect cluster *6 Bright line output adjacent to a defect line (vertical) *6 Bright line output adjacent to a defect line (horizontal) *6 Output offset *7 Symbol Sf(int) Sf(ext) N(rms) S Reso Csat Min. 0.95 52 9 Typ. 1 Sf(int) to 0.5 1250 65 10 6.4 5100 Not allowed 260 Max. 16 1 600 4 105 120 800 Unit frames/s frames/s electrons LSB/mR line pairs/mm M electrons lines line pair m % % % LSB *2: Internal trigger mode *3: Mo target 30 kV, without filter *4: Spatial frequency at CTF=5 % *5: A defect line is a horizontal or vertical line containing 4 or more cosecutive pixels located at the opposite side of an amplifier array or a shift register, that produce 1/8 of the average sensitivity of the surrounding pixels. *6: See P. 5, 6, "Description of terms" *7: Average of all active pixels at Sf(int) Note: X-ray energy range is less than 35 kVp (17 keV Mo source). Resolution KACCB0154EB 2 Flat panel sensor C9732DK-11 Accessories l Power cable (terminated with a JSTJ-C9-2C plug at one end and open at the other end; 2 m; see Table 1.) l External trigger cable (terminated with an FGG.0B.304.CLAD56 plug at one end and open at the other end; 5 m; see Table 2.) l Earth cable (AWG18; 4 m) System requirements To operate the C9732DK-11 at full performance, the following system and peripherals are required. l PC: IBM compatible PC with USB 2.0 running on Windows XP l Power source: A.vdd = +5.0 0.1 V (1100 mA), D.vdd = +5.0 0.1 V (350 mA) * The voltages described above are specified at the flat panel sensor side. * Please use a low noise series power supply. (Avoid using a switching power supply.) * Install a noise filter on the AC power input line to prevent surges on the AC line. * Always ground the ground terminal to avoid the effects of noise from peripheral devices. l DCAM-API (digital camera application programming interface): produced by HAMAMATSU * The driver software, DLL and sample software are included in DCAM-API. * The latest version of DCAM-API can be downloaded from "http://www.dcamapi.com" l USB cable: mini-B type [Table 1] Pin assignment and cable color for 9-pin power receptacle Pin No. 1 2 3 4 5 6 7 8 9 Color Yellow Blue Gray Black Red Green Purple White Brown Signal Digital GND Digital GND Analog GND Analog GND Analog GND Digital +5 V Digital +5 V Analog +5 V Analog +5 V 9-pin receptacle: DE-9PF-N made by JAE (Japan Aviation Electronics Industry, Limited) Mating plug: JST J-C9-2C made by JST Mfg. Co., Ltd. [Table 2] Pin assignment and color cable for 4-pin trigger cable Pin No. 1 2 3 4 Color Blue Orange Green Brown Signal TrgIn Digital GND TrgOut Digital GND Note Twist pair Twist pair 4-pin receptacle: ECG.0B.304.CLL made by LEMO S.A. Mating plug: FGG.0B.304.CLAD56 made by LEMO S.A. [Table 3] Control mode Mode External control (DCAM_TRIGMODE_SYNCREADOUT) Internal control (DCAM_TRIGMODE_INTRENAL) TrgIn (See Table 2) Rectangular signal High or Open Note The integration time is controlled through Lemo 4-pin trigger cable. The integration time is controlled by DCAM command without Lemo 4-pin trigger cable. 3 Flat panel sensor C9732DK-11 Connection After installing DCAM-API in a PC with a USB 2.0 port, connect the C9732DK-11 to that PC. KACCC0544EA Dimensional outline (unit: mm, tolerance: 1 mm unless otherwise noted) * * * KACCA0277EA 4 Flat panel sensor C9732DK-11 Notice * Do not subject the flat panel sensors to strong vibration or shock (Strong shock such as drop impacts may cause permanent damage to these sensors). * Users must take responsibility for implementing X-ray shielding safety measures to avoid the risk of X-ray exposure. * Data listed in this datasheet is defined at the time of shipment. Characteristics may vary somewhat due to exposure to X-rays so take proper countermeasures such as making periodic image correction. * This product is warranted for a period of 12 months after the date of the shipment. The warranty is limited to replacement or repair of any defective product due to defects in workmanship or materials used in manufacture. The warranty does not cover loss or damage caused by natural disaster, misuse (including modifications and any use not complying with the environment, application, usage and storage conditions described in this datasheet), or total X-ray radiation dose over 45000 Roentgen [incident X-ray energy: less than 35 kVp (17 keV Mo source)] even within the warranty period. The C9732DK-11 conforms to European EMC directives: EN61326-1 Class A. Description of terms Blemish Length of pixel cluster which has less than 90 % of the average sensitivity of the surrounding pixels. Bright line output adjacent to a defect line The relative sensitivity ratio "a/b" should be 105 % or less for vertical lines, 120 % or less for horizontal lines, where "a" and "b" are defined as follows: a: Average sensitivity of bright line (Line A) adjacent to defect line b: Average sensitivity of standard line (Line B) adjacent to Line A Note that the average sensitivity of the bright line is calculated from the region adjacent to the defect region in the defect line. Example: See the right figure Defect region in defect line: From pixel (J, 1) to pixel (J, 15) a: Average sensitivity from pixel (I, 1) to pixel (I, 15) or from pixel (K, 1) to pixel (K, 15) b: Average sensitivity from pixel (H, 1) to pixel (H, 15) or from pixel (L, 1) to pixel (L, 15) KACCC0385EB Defect cluster Formed with more than 3 x 3 pixels which have less than 1/8 of the average sensitivity of the surrounding pixels. KACCC0384EB 5 Flat panel sensor C9732DK-11 Non-uniformity of sensitivity 16 x 16 segments are 16 x 16-divided active area excluded 1 mm from the whole edge. Xij is defined as the average sensitivity of each segment. Uniformity of sensitivity is calculated as following equation. KACCC0447EA Cat. No. KACC1177E01 Jul. 2010 DN 6 |
Price & Availability of C9732DK-11 |