Part Number Hot Search : 
2N20C 1N4742A ENN6553 SM5841A 1N5371 L780S10 DB102 PT22151
Product Description
Full Text Search
 

To Download BC847AT-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
BC847AT, BT, CT
Features
Epitaxial Die Construction Complementary PNP Type Available (BC857AT,BT,CT) Ultra-Small Surface Mount Package Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1
NPN Surface Mount Small Signal Transistor 150mW
SOT-523
A D
Maximum Data
Case: SOT-523 Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram
C
Marking:BC847AT--1E,BC847BT--1F,BC847CT-1G.
Maximum Ratings @ 25
Symbol
Unless Otherwise Specified
Value Units
E
B
C
Parameter
B
E
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO IC Pd R
JA
Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Collector Current Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient(Note 1) Operating & Storage Temperature
45 50 6.0 100 150 833 -55~+150
Vdc Vdc
G H J
Vdc mAdc mW /W
DIM A B C D E G H J K K DIMENSIONS INCHES MIN MAX .059 .067 .030 .033 .057 .069 .020 Nominal .035 .043 .000 .004 .028 .031 .004 .008 .010 .014 MM MIN MAX 1.50 1.70 0.75 0.85 1.45 1.75 0.50Nominal 0.90 1.10 .000 .100 .70 0.80 .100 .200 .25 .35 NOTE
TJ, TSTG
Note: 1. Device mounted on FR-4 PCB with recommended pad layout
Revision: 4
www.mccsemi.com
1 of 3
2008/01/01
BC847AT, BT, CT
Electrical Characteristics @ 25
Symbol Parameter (Note 2) Current Gain A B C Collector-Emitter Saturation Voltage (Note 2) Base-Emitter Saturation Voltage (Note 2) Base-Emitter Voltage (Note 2) Collector-Cutoff Current (Note 2) Gain Bandwidth Product Collector-Base Capacitance Noise Figure BC847BT BC847CT DC Current Gain hFE
MCC
Micro Commercial Components
TM
Unless Otherwise Specified
Min Typ Max Units Test Condition
OFF CHARACTERISTICS
110 200 420 ----580 ------100 ------290 520 --700 900 660 ------------222 450 800 250 600 --700 770 15 5.0 --4.5 10 4.0 --VCE=5.0V, IC=2.0mA IC=10mA, IB=0.5mA IC=100mA, IB=5.0mA IC=10mA, IB=0.5mA VCE=5.0V, IC=2.0mA VCE=5.0V, IC=10mA VCB=30V, IE=0 VCB=30V, Tj=125 VCE=5.0V, IC=10mA, f=100MHz VCB=10V, f=1.0MHz VCE=5V,RS=2.0Kohm, f=1.0MHz,BW=200HZ
VCE(SAT) VBE(SAT) VBE(ON) ICBO ICBO fT CCBO NF
mV mV mV nA A MHz pF dB
Note: 2. Short duration pulse test used to minimize self-heating effect.
www.mccsemi.com
Revision: 4
2 of 3
2008/01/01
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 4
3 of 3
2008/01/01


▲Up To Search▲   

 
Price & Availability of BC847AT-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X