Part Number Hot Search : 
2SC2964 824DH ADUC8 1N5258 SA1276 ALVC16 TOP234 IC16F6
Product Description
Full Text Search
 

To Download BAS40-07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Schottky Barrier (Double) Diodes BAS40-07
Diodes
Unit: mm
Features
Low forward voltage Guard ring protected Small plastic SMD package Low diode capacitance.
Absolute Maximum Ratings Ta = 25
Parameter continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current storage temperature junction temperature operating ambient temperature thermal resistance from junction to ambient Symbol VR IF IFRM IFSM Tstg Tj Tamb Rth j-a -65 tp 1 s;a tp < 10 ms -65 0.5 Test Condition MIN MAX 40 120 120 200 +150 150 +150 500 K/W Unit V mA mA A
www.kexin.com.cn
1
SMD Type
BAS40-07
Diodes
E le c tric a l C h a ra c te ris tic s T a = 2 5
P a ra m e te r S ym b o l T e s t C o n d itio n IF = 1 m A fo rw a rd vo lta g e VF IF = 1 0 m A IF = 4 0 m A re ve rs e c u rre n t d io d e c a p a c ita n c e N o te 1 . P u ls e te s t: tp = 3 0 0 m s ; a = 0 .0 2 . IR Cd V R = 3 0 V ;n o te 1 V R = 4 0 V ;n o te 1 f = 1 M H z; V R = 0 M in M ax 380 500 1 1 10 5 U n it mV mV V nA A pF
Marking
Marking 47
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BAS40-07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X