Part Number Hot Search : 
IW4053B TRSP5014 PL3845B KSR2201 AMS4154S APC77174 HIP9010 L5002
Product Description
Full Text Search
 

To Download APTD1608SECK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.6X0.8mm SMD CHIP LED LAMP
Part Number: APTD1608SECK Super Bright Orange
Features
z 1.6mmX0.8mm SMT LED, 0.95mm thickness. z Low power consumption. z Wide viewing angle. z Ideal for backlight and indicator. z Various colors and lens types available. z Package: 2000pcs / reel . z Moisture sensitivity level : level 3. z RoHS compliant.
Description
The Super Bright Orange device is made with AlGaInP (on GaAs substrate) light emitting diode chip.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.15(0.006") unless otherwise noted. 3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAJ7592 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/10/2010 DRAWN: Y.F.Lv
PAGE: 1 OF 5 ERP:1203009944
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APTD1608SECK Super Bright Orange (AlGaInP) WATER CLEAR 480 Typ. 800 Viewing Angle [1] 2 1/2 60
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Typ. 610 601 29 15 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Orange 75 30 195 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAJ7592 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/10/2010 DRAWN: Y.F.Lv
PAGE: 2 OF 5 ERP:1203009944
Super Bright Orange
APTD1608SECK
SPEC NO: DSAJ7592 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/10/2010 DRAWN: Y.F.Lv
PAGE: 3 OF 5 ERP:1203009944
APTD1608SECK
Reflow soldering is recommended and the soldering profile is shown below. Other soldering methods are not recommended as they might cause damage to the product.
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Reel Dimension
Tape Dimensions (Units : mm)
SPEC NO: DSAJ7592 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/10/2010 DRAWN: Y.F.Lv
PAGE: 4 OF 5 ERP:1203009944
PACKING & LABEL SPECIFICATIONS
APTD1608SECK
SPEC NO: DSAJ7592 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/10/2010 DRAWN: Y.F.Lv
PAGE: 5 OF 5 ERP:1203009944


▲Up To Search▲   

 
Price & Availability of APTD1608SECK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X