Part Number Hot Search : 
DTA143E HMC939A CX138 IRF734 MHP3151D MC100H6 ON1572 EPC27
Product Description
Full Text Search
 

To Download ADIS16240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Power, Programmable Impact Sensor and Recorder ADIS16240
FEATURES
Digital triple-axis accelerometer, 19 g Programmable event recorder Internal and external trigger inputs Low power operation Sleep mode current: 100 A Continuous sampling current: 1 mA, 1 kSPS Wake-up and record function External trigger input and SPI trigger command Peak acceleration sample-and-hold Peak XYZ sum-of-squares output 1600 Hz (X, Y) and 550 Hz (Z) sensor bandwidth Digitally controlled bias correction Digitally controlled sample rate, up to 4096 SPS Programmable alarms for condition monitoring Programmable digital input/output lines Data-ready output and alarm indicator output Real-time clock Digitally activated self-test Embedded temperature sensor Programmable power management SPI-compatible serial interface Auxiliary 10-bit ADC input Two analog trigger inputs with programmable threshold Single-supply operation: 2.4 V to 3.6 V >4000 g powered shock survivability
FUNCTIONAL BLOCK DIAGRAM
AN VDD POWER MANAGEMENT CS SCLK DIN DOUT RST DIO1 DIO2
ADIS16240
XA YA ZA TRIPLE-AXIS MEMS ACCELEROMETER
ANALOGTO-DIGITAL CONVERSION AND PROCESSING
DIGITAL CONTROL AND SPI INTERFACE
TEMPERATURE SENSOR CMP1 CMP2 ALARM DETECTION EVENT TRIGGER EVENT CAPTURE BUFFER
Figure 1.
APPLICATIONS
Crash or impact detection Condition monitoring of valuable goods Safety, shut-off sensing Impact event recording Security sensing and tamper detection
GENERAL DESCRIPTION
The ADIS16240 is a fully integrated digital shock detection and recorder system. It combines industry-leading iMEMS(R) technology with a signal processing solution that optimizes dynamic performance for low power applications. The triple-axis sensing element enables shock measurement in all directions, eliminating the need for additional sensors and complex mechanical structures for many applications. The digital serial peripheral interface (SPI) uses four wires and is compatible with most processor platforms. The SPI interface provides access to sensor data and a set of configuration registers that control such operational parameters as offset bias correction, sample rate, sleep mode, peak detection, and event capture.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
The programmable event recorder offers two trigger modes. The internal mode monitors continuous sampled data and triggers the capture, based on the user-defined threshold. The external mode uses the two comparator inputs and a user-defined threshold to trigger the event captures. This function also provides user configuration controls for capture length, pretrigger data, and data storage. Each event is stored with a header that captures temperature, power supply, and time. Several power management features, including sleep mode and a wake-up function, enable power optimization with respect to specific mechanical system requirements. The ADIS16240 is available in a 12 mm x 12 mm laminate-based ball grid array (BGA) that meets IPC/JEDEC standards for Pb-free solder reflow processing (J-STD-020C and J-STD-033).
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2009 Analog Devices, Inc. All rights reserved.
08133-001
ADIS16240 TABLE OF CONTENTS
Features .............................................................................................. 1 Applications ....................................................................................... 1 Functional Block Diagram .............................................................. 1 General Description ......................................................................... 1 Revision History ............................................................................... 2 Specifications..................................................................................... 3 Timing Specifications .................................................................. 4 Absolute Maximum Ratings............................................................ 5 ESD Caution .................................................................................. 5 Pin Configuration and Function Descriptions ............................. 6 Typical Performance Characteristics ............................................. 7 Theory of Operation ........................................................................ 8 Sensing Element ............................................................................8 Data Sampling and Processing ....................................................8 User Interface .................................................................................8 Capture ...........................................................................................8 Basic Operation .................................................................................9 Memory Map .............................................................................. 10 Output Data Registers ............................................................... 11 Event Recorder ........................................................................... 12 Operational Control................................................................... 14 Outline Dimensions ....................................................................... 16 Ordering Guide .......................................................................... 16
REVISION HISTORY
4/09--Revision 0: Initial Version
Rev. 0 | Page 2 of 16
ADIS16240 SPECIFICATIONS
TA = 25C, VDD = 2.4 V to 3.6 V unless otherwise noted. Table 1.
Parameter
ACCELEROMETER Dynamic Range Initial Sensitivity Sensitivity Temperature Coefficient Sensitivity Change with Supply Voltage Nonlinearity Sensor-to-Sensor Alignment Error Cross-Axis Sensitivity Initial Bias Error Bias Temperature Coefficient Bias Voltage Sensitivity Output Noise Noise Density Bandwidth Sensor Resonant Frequency Self-Test Change in Output Response
Conditions
Axis
Min
16
Typ
19 51.4 0.01 6 2 0.1 1
Max
Unit
g mg/LSB % % % FS Degrees % g mg/C mg/V mg rms g/Hz Hz Hz kHz LSB LSB LSB C/LSB V Bits LSB LSB LSB LSB pF V V A A pF V V ms Cycles Years SPS V mA A
-40C to +85C 2.4 V < VDD < 3.6 V Compare with best fit line
X, Y
-2.7 1 TBD 24 480 1600 550 5.5 -21 +21 +36 0.244
+2.7
No external capacitance No external capacitance
X, Y Z X Y Z -10 +10 +10
-39 +39 +65
TEMPERATURE SENSOR SCALE FACTOR ADC INPUT Input Range Resolution Integral Nonlinearity, INL Differential Nonlinearity, DNL Offset Error Gain Error Input Capacitance LOGIC INPUTS 1 Input High Voltage, VINH Input Low Voltage, VINL Logic 1 Input Current, IINH Logic 0 Input Current, IINL Input Capacitance, CIN DIGITAL OUTPUTS Output High Voltage, VOH Output Low Voltage, VOL START-UP TIME Initial, Reset Recovery FLASH MEMORY Endurance 2 Data Retention 3 CONVERSION RATE SETTING POWER SUPPLY Average Supply Current 4 Sleep Mode Current
1 2 3 4
TEMP_OUT = 0x0133 (307) at 25C 0
VDD 10 1 1 1 1 11 2 1.25 2 3
2.0 VIH = VDD VIL = 0 V 0.2 -40 10 2.4 0.4 32 10,000 20 2.4 SMPL_PRD = 0x1F, VDD = 2.5 V 1 100 4096 3.6 0.8 1 -60
ISOURCE = 1.6 mA ISINK = 1.6 mA
TJ = 85C
Note that the inputs are 5 V tolerant.
Endurance is qualified as per JEDEC Standard 22, Method A117 and measured at -40C, +25C, +85C, and +105C.
Retention lifetime equivalent at junction temperature (TJ) of 55C as per JEDEC Standard 22, Method A117. Retention lifetime decreases with junction temperature. Instantaneous current has periodic peaks at the sample rate that can reach 30 mA. Rev. 0 | Page 3 of 16
ADIS16240
TIMING SPECIFICATIONS
TA = 25C, VDD = 3.3 V, unless otherwise noted. Table 2.
Parameter fSCLK tDATARATE tCS tDAV tDSU tDHD tDF tDR tSFS
1 2
Description Serial clock rate 2 Chip select period2 Chip select to clock edge Data output valid after SCLK edge Data input setup time before SCLK rising edge Data input hold time after SCLK rising edge Data output fall time Data output rise time CS high after SCLK edge
Min 1 0.01 60 120 20 20
Typ
Max1 2.5
30
10 10 430
25 25
Unit MHz s ns ns ns ns ns ns ns
Guaranteed by design; typical specifications are not tested or guaranteed. Based on sample rate selection.
Timing Diagrams
tDATARATE
CS
08133-002
SCLK
Figure 2. SPI Chip Select Timing
CS
tCS
1 SCLK 2 3 4 5 6 15 16
tSFS
tDAV
DOUT MSB DB14 DB13 DB12 DB11 DB10 DB2 DB1 LSB
tDSU
DIN W/R A6 A5
tDHD
A4 A3 A2 D2 D1 LSB
08133-003
Figure 3. SPI Timing (Utilizing SPI Settings Typically Identified as Phase = 1, Polarity = 1)
Rev. 0 | Page 4 of 16
ADIS16240 ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter Acceleration Any Axis, Unpowered Any Axis, Powered VDD to GND Digital Input Voltage to GND Analog Inputs to GND Operating Temperature Range Storage Temperature Range Rating 2000 g 2000 g -0.3 V to +3.6 V -0.3 V to VDD + 0.3 V -0.3 V to VDD + 0.3 V -40C to +85C -65C to +150C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
Rev. 0 | Page 5 of 16
ADIS16240 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW 12 345678 9 10 11 A B C D E F G H J K L
NOTES 1. THE ACTUAL PINS ARE NOT VISIBLE FROM THE TOP VIEW.
Figure 4. Pin Configuration (Top View)
A1
AZ X
AY
08133-004
AY AX
AX
08133-005
AZ
Figure 5. Axis Orientation of Device (Top View)
Table 4. Pin Function Descriptions
Pin No. E10, E11 F10, F11 G10, G11 H10, H11 J10, J11 K9, L9 K8, L8 K7, L7 K6, L6 K3, L3 J1, J2 H1, H2 G1, G2 A5, B5 D4 to D8, E4, E8, F4, F8, G4, G8, H4 to H8 A1, A2, A10, A11, B1, B2, B10, B11, C3 to C9, D3, D9, E3, E9, F3, F9, G3, G9, H3, H9, J3 to J9, K1, K2, K10, K11, L1, L2, L10, L11 A3, A4, A6 to A9, B3, B4, B6 to B9, C1, C2, C10, C11, D1, D2, D10, D11, E1, E2, F1, F2, K4, K5, L4, L5
1
Mnemonic SCLK CS DIN DOUT DIO2 DIO1 AN CMP2 CMP1 RST XA YA ZA ST VDD GND NC
Type 1 I I I O I/O I/O I I I I O O O I S S
Description SPI Serial Clock SPI Chip Select, Active Low SPI Data Input SPI Data Output Multifunction Digital Input/Output 2 Multifunction Digital Input/Output 1 Analog Input Channel Analog Comparator Input 2 Analog Comparator Input 1 Reset, Active Low, No Pull-Up Resistor X-Axis Accelerometer Filter Pin Y-Axis Accelerometer Filter Pin Z-Axis Accelerometer Filter Pin Self-Test Input Control Line Power Supply, 3.3 V Ground No Connect
I = input, O = output, I/O = input/output, S = supply.
Rev. 0 | Page 6 of 16
ADIS16240 TYPICAL PERFORMANCE CHARACTERISTICS
3.3
SUPPLY CURRENT (mA)
2.8
30mA PEAK
2.3
1.8
CURRENT
1
1.3
08133-106
0.8
0.3 0 500 1000 1500 2000 2500 3000 SAMPLE RATE (SPS) 3500 4000
4500
CH1 20.0V
M40.0s A CH1 T 40.5304s
17.2mV
Figure 6. Supply Current vs. Sample Rate
Figure 9. Instantaneous Supply Current
1.6 1.4
30mA PEAK
SUPPLY CURRENT (mA)
1.2 1.0 0.8
CURRENT
0.6 0.4
08133-107
1
0.2 0 2.4 2.6 2.8 3.0 3.2 SUPPLY VOLTAGE (V) 3.4 3.6
CH1 50.0V
M40.0s A CH1 T 40.5304s
73.0mV
Figure 7. Supply Current vs. Supply Voltage
Figure 10. Instantaneous Supply Current
1.5 3.6V 1.4
SUPPLY CURRENT (mA)
3.0V 1.3
1.2
1.1 2.4V 1.0
08133-110
0.9 -40 -30 -20 -10 0 10 20 30 40 TEMPERATURE (C) 50 60 70 80
90
Figure 8. Supply Current vs. Temperature
Rev. 0 | Page 7 of 16
08133-109
08133-108
ADIS16240 THEORY OF OPERATION
The ADIS16240 is a triple-axis accelerometer system for shock detection and recording applications. This sensing system collects data autonomously and makes it available to any processor system that supports a 4-wire serial peripheral interface (SPI).
USER INTERFACE
SPI Interface
Data collection and configuration commands both use the SPI, which consists of four wires. The chip select (CS) signal activates the SPI interface, and the serial clock (SCLK) synchronizes the serial data lines. The serial input data clocks into DIN on the rising edge of SCLK, and the serial output data clocks out of DOUT on the falling edge of SCLK. Many digital processor platforms support this interface with dedicated serial ports and simple instruction sets.
SENSING ELEMENT
Digital shock sensing starts with the triple-axis MEMS sensing element in the ADIS16240. This element provides a linear motionto-electrical transducer function. Figure 11 provides a basic physical diagram of the sensing element and its response to linear acceleration. It uses a fixed frame and a moving frame to form a differential capacitance network that responds to linear acceleration. Tiny springs tether the moving frame to the fixed frame and govern the relationship between acceleration and physical displacement. A modulation signal on the moving plate feeds through each capacitive path into the fixed frame plates and into a demodulation circuit, which produces the electrical signal that is proportional to the acceleration acting on the device.
ANCHOR
User Registers
The user registers provide addressing for all input/output operations on the SPI interface. Each 16-bit register has its own unique bit assignment and has two 7-bit addresses: one for its upper byte and one for its lower byte. Table 7 provides a memory map for each register and identifies output registers as read only (R) and configuration registers as either read/write (R/W) or write only (W). The control registers use a dual-memory structure. The SRAM controls operation while the part is on and facilitates all user configuration inputs. The flash memory provides nonvolatile storage for the control registers that are identified with a "yes" in the flash backup column in Table 7. Storing configuration data in the flash memory requires a manual command (see GLOB_CMD[3] in Table 24). When the device starts up from an initial power-up or reset, the flash memory contents load into the SRAM. Then the device starts producing data according to the configuration in the control registers.
MANUAL FLASH BACKUP NONVOLATILE FLASH MEMORY (NO SPI ACCESS) START-UP RESET VOLATILE SRAM (SPI ACCESS)
08133-009
PLATE CAPACITORS
ACCELERATION
MOVABLE FRAME
FIXED PLATES UNIT SENSING CELL MOVING PLATE UNIT FORCING CELL
ANCHOR
Figure 11. MEMS Sensor Diagram
DATA SAMPLING AND PROCESSING
The analog acceleration signals feed into an analog-to-digital converter stage that passes digitized data into the controller for data processing and capture. The ADIS16240 runs autonomously, based on the configuration in the user control registers.
CAPTURE BUFFER OUTPUT REGISTERS MEMS SENSOR CONTROLLER CONTROL REGISTERS
08133-007
Figure 13. Control Registers--SRAM and Flash Memory Diagram
CAPTURE
SPI PORT
The ADIS16240 offers a recorder function that captures acceleration information based on either internal or external triggers. The buffer memory is 3 x 8192 samples and is capable of storing multiple trigger events.
CLOCK
08133-008
INPUT/OUTPUT FUNCTIONS
Figure 12. Simplified Sensor Signal Processing Diagram
SPI SIGNALS
Rev. 0 | Page 8 of 16
ADIS16240 BASIC OPERATION
The ADIS16240 starts up automatically when it has a valid power supply and begins producing digital acceleration data in the output registers. When using the factory-default configuration, DIO1 serves as a data-ready indicator signal that can drive a processor interrupt function. Figure 14 shows a schematic for connecting to a SPI-compatible processor platform, referred to as the SPI master.
VDD VDD
User registers govern all data collection and configuration. Table 7 provides a memory map that includes all user registers, along with references to bit assignment tables that follow the generic assignments in Figure 15.
08133-011
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
UPPER BYTE
LOWER BYTE
Figure 15. Generic Register Bit Assignments
SPI Write Commands
SYSTEM PROCESSOR SPI MASTER SS SCLK MOSI MISO IRQ1 IRQ2
ADIS16240
SPI SLAVE CS SCLK DIN DOUT DIO1 DIO2
Master processors write to the control registers, one byte at a time, using the bit assignments shown in Figure 18. The programmable registers in Table 7 provide controls for optimizing sensor operation and for starting various automated functions. For example, set GLOB_CMD[8] = 1 (DIN = 0xCB01) to wake up the device.
CS
08133-010
SCLK DIN
08133-012
Figure 14. Electrical Hook-Up Diagram
Table 5. Generic Master Processor Pin Names and Functions
Pin Name SS IRQ1, IRQ2 MOSI MISO SCLK Function Slave select. Interrupt request inputs. Master output, slave input. Master input, slave output. Serial clock.
Figure 16. SPI Sequence for a Wake-Up Command (DIN = 0xCB01)
Some configurations require writing both bytes to a register, which takes two separate 16-bit sequences. See GLOB_CMD[3] in Table 24 for backing up configuration data in nonvolatile flash memory. SPI Read Commands Reading data on the SPI requires two consecutive 16-bit sequences. The first sequence transmits the read command on DIN, and the second sequence receives the resulting data from DOUT. The 7-bit register address can represent either the upper or lower byte address for the target register. For example, DIN can be either 0x0200 or 0x0300 when reading the SUPPLY_OUT register. The SPI operates in full duplex mode, which means that the master processor can read the output data from DOUT while using the same SCLK pulses to transmit a new command on DIN. In Figure 17, the second SPI segment sets up the device to read YACCL_OUT on the following SPI segment (not shown).
The ADIS16240 SPI interface supports full duplex serial communication (simultaneous transmit and receive) and uses the bit sequence shown in Figure 18. Processor platforms typically support SPI communication with general-purpose serial ports that require some configuration in their control registers. Table 6 lists the most common settings that require attention when initializing a processor serial port for communication with the ADIS16240. Table 6. Generic Master Processor SPI Settings
Processor Setting Master SCLK Rate 2.5 MHz SPI Mode 3 (1,1) MSB First 16-Bit Description The ADIS16240 operates as a slave. Bit rate setting. Clock polarity/phase (CPOL = 1, CPHA = 1). Bit sequence. Shift register/data length.
SPI SEGMENT 1 CS SCLK
SPI SEGMENT 2
DIN = 0x0600 TO READ YACCL_OUT DIN
08133-013
DOUT DIN = 0x0400 PRODUCES XACCL_OUT CONTENTS ON DOUT DURING THE NEXT SPI SEGMENT DOUT = 0x802B = 2.21g, NEW DATA
Figure 17. Example SPI Read Sequence
Rev. 0 | Page 9 of 16
ADIS16240
MEMORY MAP
Note that all registers are two bytes. All unused memory locations are reserved for future use. Table 7. User Register Memory Map
Register Name FLASH_CNT SUPPLY_OUT XACCL_OUT YACCL_OUT ZACCL_OUT AUX_ADC TEMP_OUT XPEAK_OUT YPEAK_OUT ZPEAK_OUT XYZPEAK_OUT CAPT_BUF1 CAPT_BUF2 DIAG_STAT EVNT_CNTR CHK_SUM XACCL_OFF YACCL_OFF ZACCL_OFF CLK_TIME CLK_DATE CLK_YEAR WAKE_TIME WAKE_DATE ALM_MAG1 ALM_MAG2 ALM_CTRL XTRIG_CTRL CAPT_PNTR CAPT_CTRL GPIO_CTRL MSC_CTRL SMPL_PRD GLOB_CMD
1
Read/ Write R R R R R R R R R R R R R R R R R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W W
Flash Backup Yes No No No No No No No No No No
Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes No No Yes Yes
Register Address 1 0x00 0x02 0x04 0x06 0x08 0x0A 0x0C 0x0E 0x10 0x12 0x14 0x16 0x18 0x1A 0x1C 0x1E 0x20 0x22 0x24 0x2E 0x30 0x32 0x34 0x36 0x38 0x3A 0x3C 0x3E 0x40 0x42 0x44 0x46 0x48 0x4A
Default N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0x0000 0x0000 N/A 0x0000 0x0000 0x0000 0x0000 0x0000 0x0000 0x0000 0x0000 0x9000 0x9000 0x0000 0x0000 0x0000 0x0022 0x0000 0x0006 0x001F N/A
Function Flash memory write count Output, power supply Output, x-axis accelerometer Output, y-axis accelerometer Output, z-axis accelerometer Output, auxiliary ADC input Output, temperature Output, x-axis acceleration peak Output, y-axis acceleration peak Output, z-axis acceleration peak Output, sum-of-squares acceleration peak Output, Capture Buffer 1, X and Y acceleration Output, Capture Buffer 2, Z acceleration Diagnostic, error flags Diagnostic, event counter Diagnostic, check sum value from firmware test Calibration, x-axis acceleration offset adjustment Calibration, y-axis acceleration offset adjustment Calibration, z-axis acceleration offset adjustment Clock, hour and minute Clock, month and day Clock, year Wake-up setting, hour and minute Wake-up setting, month and day Alarm 1 amplitude threshold Alarm 2 amplitude threshold Alarm control Capture, external trigger control Capture, address pointer Capture, configuration and control General-purpose digital input/output control Miscellaneous control Internal sample period (rate) control System command
Bit Assignments N/A See Table 10 See Table 9 See Table 9 See Table 9 See Table 8 See Table 11 See Table 9 See Table 9 See Table 9 See Table 8 See Table 18 See Table 19 See Table 28 See Table 21 See Table 34 See Table 27 See Table 27 See Table 27 See Table 29 See Table 30 See Table 31 See Table 32 See Table 33 See Table 13 See Table 13 See Table 12 See Table 15 See Table 20 See Table 17 See Table 26 See Table 25 See Table 23 See Table 24
Each register contains two bytes. The address of the lower byte is displayed. The address of the upper byte is equal to the address of the lower byte plus 1.
CS SCLK DIN DOUT R/W D15 A6 D14 A5 D13 A4 D12 A3 D11 A2 D10 A1 D9 A0 D8 DC7 D7 DC6 D6 DC5 D5 DC4 D4 DC3 D3 DC2 D2 DC1 D1 DC0 D0 R/W D15 A6 D14 A5 D13
08133-014
NOTES 1. DOUT BITS ARE BASED ON THE PREVIOUS 16-BIT SEQUENCE, WHEN R/W = 0.
Figure 18. SPI Communication Bit Sequence
Rev. 0 | Page 10 of 16
ADIS16240
OUTPUT DATA REGISTERS
Each output data register uses the bit assignments shown in Figure 19. The ND flag indicates that unread data resides in the register. This flag clears and returns to 0 after reading the register. It returns to 1 after the next internal sample updates the register with new data. When the data-ready function (the DIO1 and DIO2 pins and the MSC_CTRL register; see Table 25) drives data collection, the ND bit is always high and does not require validation. The EA flag indicates that one of the error flags in the DIAG_STAT register (see Table 28) is active (true).
MSB FOR 10-BIT OUTPUT ND EA x x x x D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
08133-015
Table 9. Accelerometer Data Output Format1
Binary 01 0011 0111 ... 00 0000 0010 00 0000 0001 00 0000 0000 11 1111 1111 11 1111 1110 ... 10 1100 1001
1
Hex 0x137 ... 0x002 0x001 0x000 0x3FF 0x3FE ... 0x2C9
Codes +311 ... +2 +1 0 -1 -2 ... -311
Acceleration +16 g ... +102.8 mg +51.4 mg 0 -51.4 mg -102.8 mg ... -16 g
Figure 19. Output Register Bit Assignments
Table 8. Output Data Register Formats
Register SUPPLY_OUT XACCL_OUT YACCL_OUT ZACCL_OUT AUX_ADC TEMP_OUT XPEAK_OUT1 YPEAK_OUT1 ZPEAK_OUT1 XYZPEAK_OUT2
1
Bits 10 10 10 10 10 10 10 10 10 12
Format Binary, 0 V = 0x0000 Twos complement Twos complement Twos complement Binary, 0 V = 0x0000 Binary, 25C = 0x0133 Twos complement Twos complement Twos complement Binary, 0 g2 = 0x0000
Scale 4.88 mV 51.4 mg 51.4 mg 51.4 mg VDD/1024 0.244C 51.4 mg 51.4 mg 51.4 mg 0.676 g2
The XACCL_OUT register is located at Address 0x05[15:8] and Address 0x04[7:0]. The YACCL_OUT register is located at Address 0x07[15:8] and Address 0x06[7:0]. The ZACCL_OUT register is located at Address 0x09[15:8] and Address 0x08[7:0]. The XPEAK_OUT register is located at Address 0x0F[15:8] and Address 0x0E[7:0]. The YPEAK_OUT register is located at Address 0x11[15:8] and Address 0x10[7:0]. The ZPEAK_OUT register is located at Address 0x13[15:8] and Address 0x12[7:0].
When MSC_CTRL[14] = 1, the XPEAK_OUT, YPEAK_OUT, and ZPEAK_OUT registers track the peak acceleration in each acceleration output register. When MSC_CTRL[15] = 1, use the following equation to calculate the root mean square (rms) of all three peak registers, where 1 LSB = 0.822 g:
XYZrms = XYZPEAK _ OUT
Set GLOB_CMD[5] = 1 to reset these registers to 0x0000. Table 10. Power Supply Data Output Format1
Binary 10 1110 0010 ... 10 1010 0101 10 1010 0100 10 1010 0011 ... 01 1110 1100
1
Function requires MSC_CTRL[14] = 1. 2 Function requires MSC_CTRL[15] = 1.
Processing Sensor Data
Processing sensor data starts with reading the appropriate output data register using the SPI. For example, use DIN = 0x0E00 to read the XPEAK_OUT register. Use the ND and EA bits to validate new data and normal operating status, if necessary. Then mask off all of the nondata bits and calculate the data, using the format and scale information shown in Table 8. For example, XACCL_OUT[9:0] and XYZPEAK_OUT[11:0] contain all relevant data for their function. Table 9, Table 10, and Table 11 provide output code examples for each output register.
Hex 0x2E2 ... 0x2A5 0x2A4 0x2A3 ... 0x1EC
Codes 738 ... 677 676 675 ... 492
Power Supply (V) 3.6 ... 3.30488 3.3 3.29502 ... 2.4
The SUPPLY_OUT register is located at Address 0x03[15:8] and Address 0x02[7:0].
Table 11. Temperature Data Output Format1
Binary 10 0010 1001 ... 01 0011 0100 01 0011 0011 01 0011 0010 ... 00 0010 1001
1
Hex 0x229 ... 0x134 0x133 0x132 ... 0x029
Codes 553 ... 308 307 306 ... 41
Temperature (C) +85C ... +25.244C +25C +24.756C ... -40C
The TEMP_OUT register is located at Address 0x0D[15:8] and Address 0x0C[7:0].
Rev. 0 | Page 11 of 16
ADIS16240
EVENT RECORDER
The ADIS16240 provides a 3 x 8192 (8-bit) buffer memory for reading transient acceleration data on all three axes (x, y, and z). There are a number of user controls for tailoring the event recorder for optimal system-level operation. Alarm 1 and Alarm 2 provide internal and external trigger options for starting a data capture sequence. Table 14. Internal Trigger Setup Example
DIN 0xBD44 0xB980, 0xB832 0xBB00, 0xBA0A 0xBC37 Description Set Alarm 1 and Alarm 2 to ZACCL_OUT Set Alarm 1 to trigger on a measured acceleration that has a magnitude of >2.57 g Set Alarm 2 to trigger on a measured acceleration that has a magnitude of <0.5 g Activate Alarm 1 and Alarm 2 to trigger capture events, and configure DIO2 as a positive alarm indicator output.
Internal Trigger Setup
Select the trigger data source for Alarm 1 and Alarm 2 using ALM_CTRL[15:8] (see Table 12). The ALM_MAG1 and ALM_ MAG2 registers contain threshold magnitude and direction settings for Alarm 1 and Alarm 2, respectively. The format for the data bits in these registers matches the trigger data source, which is set using ALM_CTRL[15:8]. For example, if ALM_ CTRL[15:12] equals 0010, then the format matches that of XACCL_OUT: 10-bit, twos complement, with 1 LSB = 51.4 mg of acceleration. Table 12. ALM_CTRL Register Bit Descriptions1
Bit [15:12] Description (Default = 0x0000) Alarm 2 source selection 0000 = disabled 0001 = power supply voltage (SUPPLY_OUT) 0010 = x acceleration (XACCL_OUT) 0011 = y acceleration (YACCL_OUT) 0100 = z acceleration (ZACCL_OUT) 0101 = auxiliary ADC voltage (AUX_ADC) 0110 = temperature (TEMP_OUT) 0111 = XYZ peak acceleration (XYZPEAK_OUT) 1000 = external trigger Alarm 1 source selection (same as Alarm 2) Unused Alarm 2 capture trigger: 1 = enabled, 0 = disabled Alarm 1 capture trigger: 1 = enabled, 0 = disabled Unused Alarm indicator enable: 1 = enabled, 0 = disabled Alarm indicator polarity: 1 = positive, 0 = negative Alarm indicator pin: 1 = DIO2, 0 = DIO1
External Trigger Setup
ALM_CTRL[15:8] and XTRIG_CTRL (see Table 15) provide all of the settings needed to govern the use of the comparator pins (CMP1, CMP2) as external trigger inputs. Table 15. XTRIG_CTRL Register Bit Descriptions1
Bit [15:8] 7 6 5 4 [3:0] Description (Default = 0x0000) Unused External Trigger 1 direction: 0 = <, 1 = > External Trigger 2 direction: 0 = <, 1 = > External Trigger 1 enable: 1 = enabled, 0 = disabled External Trigger 2 enable: 1 = enabled, 0 = disabled External trigger-level setting (TL), binary format Note that trigger threshold = TL x supply/24
1
The XTRIG_CTRL register is located at Address 0x3F[15:8] and Address 0x3E[7:0].
Table 16. External Trigger Setup Example
DIN 0xBD80 0xBE1C 0xBC20 Description Set Alarm 2 to an external trigger (ALM_CTRL) Activate and set CMP2 to trigger on signals that are greater than one-half of the supply voltage (XTRIG_CTRL) Activate Alarm 2 to trigger data capture (ALM_CTRL)
[11:8] [7:6] 5 4 3 2 1 0
1
If the device is in standby mode, an external trigger on CMD1 or CMD2 awakens the device and initiates an event capture. The first sample is taken 0.2 ms + sample period (SMPL_PRD[7:0]) after the trigger edge.
Buffer Memory Configuration
CAPT_CTRL (see Table 17) manages the buffer memory for the event recorder using two programmable controls: event length and pretrigger length. Table 17. CAPT_CTRL Register Bit Descriptions1
Bit [15:8] [7:4] 3 [2:0]
1
The ALM_CTRL register is located at Address 0x3D[15:8] and Address 0x3C[7:0].
Table 13. ALM_MAG1, ALM_MAG2 Register Bit Descriptions1
Bit 15 Description (Default = 0x9000) Threshold direction 1 = active for output greater than alarm magnitude 0 = inactive for output less than alarm magnitude Unused Trigger threshold; bit format matches that of the register selected by ALM_CTRL[15:8] but is unsigned.
14 [13:0]
1
Description (Default = 0x0022) Unused Pretrigger length control factor (P), binary format Unused Event length control factor (T), binary format
The ALM_MAG1 register is located at Address 0x39[15:8] and Address 0x38[7:0]. The ALM_MAG2 register is located at Address 0x3B[15:8] and Address 0x3A[7:0].
The CAPT_CTRL register is located at Address 0x43[15:8] and Address 0x42[7:0].
The event length (NL) also determines the number of events (NE) that the buffer can store at one time.
Rev. 0 | Page 12 of 16
ADIS16240
EVENT 1 EVENT 2 8192 SAMPLES NL = NL 1024 2T
08133-016
Table 18. CAPT_BUF1 Register Bit Descriptions1
Bit [15:8] [7:0]
1
Description Y-axis acceleration X-axis acceleration
Format Twos complement, 205.7 mg/LSB
NE = 8 x 2T EVENT NE
The CAPT_BUF1 register is located at Address 0x17[15:8] and Address 0x16[7:0].
Figure 20. Event Storage in Buffer Memory
Table 19. CAPT_BUF2 Register Bit Descriptions1
Bit [15:8] [7:0]
1
For example, if CAPT_CTRL[2:0] = 100, then T = 4, which organizes the buffer memory into 128 events of 64 samples each.
Event Organization
Each event contains a header, pretrigger data, and posttrigger data, as shown in Figure 21. The event header provides information about the conditions that occur when the capture takes place. CAPT_CTRL[7:4] sets the number of pretrigger samples in each event. If NPRE is negative, there is no pretrigger data and the first sample after the trigger follows the header.
Description Unused Z-axis acceleration
Format Twos complement, 205.7 mg/LSB
The CAPT_BUF2 register is located at Address 0x19[15:8] and Address 0x18[7:0].
Table 20. CAPT_PNTR Register Bit Descriptions1
Bit [15:13] [7:0]
1
Description Unused Buffer address that loads into CAPT_BUF1, CAPT_BUF2
N PRE =
NL -6 16
BUFFER 2 0 0 0 0 0 0 0
Z-26 Z-25
The CAPT_PNTR register is located at Address 0x41[15:8] and Address 0x40[7:0].
CAPT_BUF2
CAPT_BUF1
BUFFER 1
XYZPEAK_OUT TIME DATE TEMP_OUT SUPPLY_OUT AUX_ADC Y-26 Y-25 X-26 X-25 0 1 2 3 4 5 6 7 EVENT HEADER
PRETRIGGER DATA
0 0 0 0 0 0 0
Z-1 Z0 Z1
Y-1 Y0 Y1
X-1 X0 X1
31 32 33
08133-017
BUFFER 2
BUFFER 1
POSTTRIGGER DATA
CAPT_PNTR USER ACCESIBLE INTERNAL MEMORY STRUCTURE
08133-018
Z223
Y223
X223
255
Figure 21. Default Event Organization
Reading Event Data
The CAPT_BUF1, CAPT_BUF2, and CAPT_PNTR registers manage user access to data in the capture buffer (see Table 18, Table 19, and Table 20). The address pointer, CAPT_PNTR, determines which capture memory location loads into the capture buffer registers. It increments automatically with every CAPT_ BUF2 read. The most efficient method for reading the entire buffer memory space is to alternate between the CAPT_BUF1 (DIN = 0x9600) and CAPT_BUF2 (DIN = 0x9800) read commands. When alternating the read sequences in this manner, the CAP_PNTR increments automatically and optimizes SPI processing resources. Writing to the CAPT_PNTR register provides access to individual locations in the capture. For example, writing 0x0138 (DIN = 0xC038, DIN = 0xC101) to the CAPT_ PNTR register causes the 311th sample in each buffer memory to load into the CAP_BUF1 and CAPT_BUF2 locations (see Figure 22).
Figure 22. Capture Buffer Data Flow Diagram
The EVNT_CNTR register (see Table 21) provides a running count for the number of triggers (internal and external) that occur after a buffer clear and/or reset. If this number is greater than the number of events, this indicates that the device has experienced trigger events that it could not capture because its capture buffer is full. The EVNT_CNTR returns to 0x0000 after a buffer clear (GLOB_CMD[6] = 1 by DIN = 0xCA40), or a factory reset (GLOB_CMD[1] = 1 by DIN = 0xCA02). After a power cycle or software reset command, the EVNT_CNTR contains the number of events stored in the buffer memory.
Table 21. EVNT_CNTR Register Bit Descriptions1
Bit [15:0]
1
Description Binary event counter
The EVNT_CNTR register is located at Address 0x1D[15:8] and Address 0x1C[7:0].
Rev. 0 | Page 13 of 16
ADIS16240
Transient Behavior During Capture
During capture events, the device consumes an increased amount of current for a short period. Following a capture event, sampling suspends and the SPI commands are ignored by the sensor for the pause times that are listed in Table 22.
Table 22. Postcapture Operation Pause Times
Event Length (Samples) <64 128 256 512 1024 Pause Time (ms) 2 4 8 16 33
purpose lines, the GPIO_CTRL register configures DIO1 and DIO2. For example, set GPIO_CTRL = 0x0103 (DIN = 0xC403, then 0xC501) to set DIO1 and DIO2 as outputs, with DIO1 in a 1 state and DIO2 in a 0 state. In the event of competing assignments, the order of precedence is MSC_CTRL, ALM_CTRL, and GPIO_CTRL.
Table 24. GLOB_CMD Register Bit Descriptions1
Bit [15:9] 8 7 6 5 4 3 2 1 0
1 2
OPERATIONAL CONTROL
Internal Sample Rate
The SMPL_PRD register (see Table 23) provides a user control for sample rate adjustment, using the following equation: fS =
32768 (N SR + 1)
Description Unused Wake up from standby mode Software reset Clear capture buffer flash memory Clear peak registers Clear DIAG_STAT register Save configuration to flash Start standby mode for low power Restore factory-default settings Auto-null
Execution Time2 N/A 0.2 ms 32 ms 350 ms N/A N/A 24 ms N/A 350 ms N/A
The GLOB_CMD register is located at Address 0x4B[15:8] and Address 0x4A[7:0]. SPI processing and data sampling suspend for the indicated times.
For example, set SMPL_PRD[7:0] = 0x07 (DIN = 0xC807) to configure the ADIS16240 to operate at its maximum sample rate of 4096 SPS. Note that the sample rate affects power dissipation and peak resolution during event capture.
Table 23. SMPL_PRD Register Bit Descriptions1
Bit [15:0]
1
Table 25. MSC_CTRL Register Bit Descriptions1
Bit 15 14 [13:10] 9 8 [7:3] 2 1 0
1
Description (Default = 0x001F) Sample rate scale factor, binary format (NSR)
The SMPL_PRD register is located at Address 0x49[15:8] and Address 0x48[7:0].
Global Commands
For convenience, the GLOB_CMD register (see Table 24) provides an array of single-write commands. Setting the assigned bit to 1 activates each function, right after the 16th SCLK in the SPI communication sequence. When the function completes, the bit restores itself to 0. All commands in the GLOB_CMD register require the power supply to be within normal limits for the execution times listed in Table 24. The execution times reflect the factory default configuration, where applicable, and describe the time required to return to normal operation. For example, set GLOB_CMD[2] = 1 (DIN = 0xCA04) to place the part in standby mode. Set GLOB_CMD[8] = 1 (DIN = 0xCB01) to wake up the device and return to normal operation.
Description (Default = 0x0006) Enables sum-of-squares output (XYZPEAK_OUT) Enables peak tracking output (XPEAK_OUT, YPEAK_OUT, and ZPEAK_OUT) Unused No self-test on startup when set to 1 Self-test enable: 1 = apply electrostatic force, 0 = disabled Unused Data-ready enable: 1 = enabled, 0 = disabled Data-ready polarity: 1 = active high, 0 = active low Data-ready line selection: 1 = DIO2, 0 = DIO1
The MSC_CTRL register is located at Address 0x47[15:8] and Address 0x46[7:0].
Table 26. GPIO_CTRL Register Bit Descriptions1
Bit [15:10] 9 8 [7:2] 1 0
1
Input/Output Lines
The ADIS16240 provides two general-purpose digital input/ output lines that offer several functions. When using the factorydefault configuration, MSC_CTRL[2:0] establishes DIO1 as a positive data-ready output. Change MSC_CTRL[2:0] to 100 (DIN = 0xC604) to make DIO1 a negative data-ready output signal. ALM_CTRL[2:0] offers a control for setting one of the digital signals as an alarm indicator. For example, set ALM_ CTRL[2:0] = 110 (DIN = 0xBC06) to set DIO1 as a positive alarm indicator output signal. When configured as general-
Description (Default = 0x0000) Unused General-Purpose I/O Line 2 data level General-Purpose I/O Line 1 data level Unused General-Purpose I/O Line 2, data direction control: 1 = output, 0 = input General-Purpose I/O Line 1, data direction control: 1 = output, 0 = input
The GPIO_CTRL register is located at Address 0x45[15:8] and Address 0x44[7:0].
Offset Adjustment
The XACCL_OUT, YACCL_OFF, and ZACCL_OFF registers add to the sensor outputs and provide a convenient offset adjustment function for each accelerometer output. For example, writing 0x0A to YACCL_OUT[7:0] (DIN = 0xA20A) results in a 514 mg offset adjustment for the YACCL_OUT output data.
Rev. 0 | Page 14 of 16
ADIS16240
Table 27. XACCL_OFF, YACCL_OFF, ZACCL_OFF1
Bit [15:10] [9:0]
1
Table 30. CLK_DATE Register Bit Descriptions1
Bit [15:13] 12 [11:8] [7:6] [5:4] [3:0]
1
Description (Default = 0x0000) Unused Offset, twos complement, 51.4 mg/LSB
The XACCL_OFF register is located at Address 0x21[15:8] and Address 0x20[7:0]. The YACCL_OFF register is located at Address 0x23[15:8] and Address 0x22[7:0]. The ZACCL_OFF register is located at Address 0x25[15:8] and Address 0x24[7:0].
Diagnostics
For all of the error flags in the DIAG_STAT register (see Table 28), a 1 identifies an error condition, and a 0 signals normal operation. All of the flags return to 0 after reading DIAG_STAT. If the power supply is still out of range during the next sample cycle, DIAG_ STAT[0] and DIAG_STAT[1] return to 1. DIAG_STAT[9:8] provide flags to check for the alarms with respect to the conditions in the ALM_CTRL and ALM_MAGx registers. DIAG_STAT[6] contains the internal memory checksum result. If the sum of the firmware program memory does not does not match the expected value, this flag reports a 1. The SPI communication flag (DIAG_ STAT[3]) changes to 1 when the number of SCLK pulses during a SPI transfer is not a multiple of 16 when CS goes high. Table 28. DIAG_STAT Register Bit Descriptions1
Bit [15:10] 9 8 7 6 5 4 3 2 1 0
1
Description (Default = 0x0000) Unused Month, 10s digit Month, 1s digit Unused Day, 10s digit Day, 1s digit
The CLK_DATE register is located at Address 0x31[15:8] and Address 0x30[7:0].
Table 31. CLK_YEAR Register Bit Descriptions1
Bit [15:8] [7:4] [3:0]
1
Description (Default = 0x0000) Unused Year, 10s digit Year, 1s digit
The CLK_YEAR register is located at Address 0x33[15:8] and Address 0x32[7:0].
The WAKE_TIME and WAKE_DATE registers enable users to program a specific time for the ADIS16240 to exit standby mode. Enable this function by writing the wake-up time and date to these registers. Table 32. WAKE_TIME Register Bit Descriptions1
Bit 15 14 [13:12] [11:8] 7 [6:4] [3:0]
1
Description (Default = 0x0000) Unused Alarm 2 status: 1 = alarm active, 0 = alarm inactive Alarm 1 status: 1 = alarm active, 0 = alarm inactive Capture buffer full: 1 = capture buffer is full Flash test, checksum flag: 1 = mismatch, 0 = match Power-on, self-test flag: 1 = failure, 0 = pass Power-on self-test: 1 = in-progress, 0 = complete SPI communications failure: 1 = error, 0 = normal Flash update failure: 1 = failure, 0 = pass Power supply above 3.625 V: 1 = above, 0 = below Power supply below 2.225 V: 1 = below, 0 = above
Description (Default = 0x0000) Wake time enable (1 = enabled, 0 = disabled) Unused Hours, 10s digit Hours, 1s digit Unused Minutes, 10s digit Minutes, 1s digit
The WAKE_TIME register is located at Address 0x35[15:8] and Address 0x34[7:0].
Table 33. WAKE_DATE Register Bit Descriptions1
Bit [15:14] [13:12] [11:8] [7:6] [5:4] [3:0]
1
The DIAG_STAT register is located at Address 0x1B[15:8] and Address 0x1A[7:0].
Clock
The CLK_TIME, CLK_DATE, and CLK_YEAR registers provide an internal clock that enables a time entry into the event header and for user access. If CLK_TIME = 0x2231, the time is 22:31, or 10:31 p.m. The CLK_DATE and CLK_YEAR registers follow a similar binary-coded, decimal format. Table 29. CLK_TIME Register Bit Descriptions1
Bit [15:14] [13:12] [11:8] 7 [6:4] [3:0]
1
Description (Default = 0x0000) Unused Month, 10s digit Month, 1s digit Unused Day, 10s digit Day, 1s digit
The WAKE_DATE register is located at Address 0x37[15:8] and Address 0x36[7:0].
Description Unused Hours, 10s digit Hours, 1s digit Unused Minutes, 10s digit Minutes, 1s digit
Checksum
Table 34. CHK_SUM Register Bit Descriptions1
Bit [15:0]
1
Description Sum of memory locations used to verify code integrity
The CHK_SUM register is located at Address 0x1F[15:8] and Address 0x1E[7:0].
The CLK_TIME register is located at Address 0x2F[15:8] and Address 0x2E[7:0].
Rev. 0 | Page 15 of 16
ADIS16240 OUTLINE DIMENSIONS
12.10 12.00 SQ 11.90 A1 BALL CORNER
11 10 9 8 7 6 5 4 321 A
BALL A1 PAD CORNER 10.00 BSC SQ
B C D E F G H J K L
1.00 BSC
TOP VIEW DETAIL A
BOTTOM VIEW
2.90 2.80 2.70
DETAIL A 2.30 NOM 0.50 NOM
0.65 0.60 0.55 BALL DIAMETER
COPLANARITY 0.10 SEATING PLANE
010909-A
Figure 23. 112-Ball Plastic Ball Grid Array [PBGA] (B-112-1) Dimensions shown in millimeters
ORDERING GUIDE
Model ADIS16240ABCZ 1 ADIS16240/PCBZ1
1
Temperature Range -40C to +85C
Package Description 112-Ball Plastic Ball Grid Array [PBGA] Evaluation Board
Package Option B-112-1
Z = RoHS Compliant Part.
(c)2009 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D08133-0-4/09(0)
Rev. 0 | Page 16 of 16


▲Up To Search▲   

 
Price & Availability of ADIS16240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X