Part Number Hot Search : 
PTB20008 BZ5240B FR153S EB60WT NC7SZ57 16X5R MAX9032 LD7513A
Product Description
Full Text Search
 

To Download AA2810ASYSK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.8X0.8mm RIGHT ANGLE SMD CHIP LED LAMP
Part Number: AA2810ASYSK Super Bright Yellow
Features
2.8mmX0.8mm right angle SMT LED, 1.2mm thickness. Low power consumption. Ideal for backlight and indicator. Various colors and lens types available. Package : 2000pcs / reel. Moisture sensitivity level : level 3. RoHS compliant.
Description
The Super Bright Yellow device is made with AlGaInP (on GaAs substrate) light emitting diode chip.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.0039") unless otherwise noted. 3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAK2446 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: DEC/19/2009 DRAWN: S.P.Chen
PAGE: 1 OF 6 ERP: 1201005914
Handling Precautions
Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic significantly reduces thermal stress, it is more susceptible to damage by external mechanical force. As a result, special handling precautions need to be observed during assembly using silicone encapsulated LED products. Failure to comply might leads to damage and premature failure of the LED.
Do not directly touch or handle the silicone lens surface. It may damage the internal circuitry.
SPEC NO: DSAK2446 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: DEC/19/2009 DRAWN: S.P.Chen
PAGE: 2 OF 6 ERP: 1201005914
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. AA2810ASYSK Super Bright Yellow (AlGaInP) WATER CLEAR 110 Typ. 200 Viewing Angle [1] 21/2 110
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Typ. 590 590 20 20 2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Yellow 75 30 175 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAK2446 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: DEC/19/2009 DRAWN: S.P.Chen
PAGE: 3 OF 6 ERP: 1201005914
Super Bright Yellow
AA2810ASYSK
SPEC NO: DSAK2446 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: DEC/19/2009 DRAWN: S.P.Chen
PAGE: 4 OF 6 ERP: 1201005914
AA2810ASYSK
Reflow soldering is recommended and the soldering profile is shown below. Other soldering methods are not recommended as they might cause damage to the product.
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Reel Dimension
Tape Dimensions (Units : mm)
SPEC NO: DSAK2446 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: DEC/19/2009 DRAWN: S.P.Chen
PAGE: 5 OF 6 ERP: 1201005914
PACKING & LABEL SPECIFICATIONS
AA2810ASYSK
SPEC NO: DSAK2446 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: DEC/19/2009 DRAWN: S.P.Chen
PAGE: 6 OF 6 ERP: 1201005914


▲Up To Search▲   

 
Price & Availability of AA2810ASYSK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X