Part Number Hot Search : 
HEF4053B STM6316 MOC30 RA101 EVALZ TLP549J 1110C 2SD2652
Product Description
Full Text Search
 

To Download 890-012-25PT-BRST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 890-012 and -013 Series 89 Nanominiature Connectors Single Row Right Angle Surface Mount PCB
Right Angle SMT PCB Nano Connectors feature gold alloy TwistPin contacts. These nanomimiature connectors offer premium performance and reliability for demanding applications. Available with #0-80 female threads, or with jackscrews for use with flexible circuits. Pre-Tinned PC Tails are coated with Sn63Pb37 tin-lead for excellent solderability. Choose Aluminum, Titanium or Stainless Steel Shells in seven layouts from 9 to 51 contacts. Complies to the requirements of MIL-DTL-32139. These connectors are intermateable with any corresponding Glenair Series 890 single row metal shell nanominiature connector. HOW TO ORDER RIGHT ANGLE SMT PCB CONNECTORS
Series Insert Arrangement/ Contact Type
Plugs (890-012)
Shell Material and Finish A1
Aluminum Shell, Cadmium Plating
Termination Type
Hardware
890-012
Plug, Pin Contacts, Single Row, Right Angle SMT Nanominiature
BRS
"Board Right Angle Surface Mount"
T
#0-80 Female Thread
890-013
Receptacle, Socket Contacts, Single Row, Right Angle SMT Nanominiature
9P 15P 21P 25P 31P 37P 51P
Receptacles (890-013)
A2
Aluminum Shell, Electroless Nickel Plating
9S 15S 21S 25S 31S 37S 51S
T
Titanium Shell, Unplated
S
Stainless Steel Shell, Passivated
Sample Part Number 890-012 - 51P T - BRS T
MATERIALS AND FINISHES
Connector Shell Insulator Contacts Hardware PC Tails PCB Trays Encapsulant See Ordering Information Liquid Crystal Polymer (LCP),30% Glass-Filled Gold Alloy, Unplated 300 Series Stainless Steel #30 (.010 Dia.) Copper Wire, Solder Dipped Liquid Crystal Polymer (LCP) or Epoxy Epoxy
SPECIFICATIONS
Durability Current Rating Voltage Rating (DWV) Insulation Resistance Operating Temperature Contact Resistance Thermal Vacuum Outgassing 200 Cycles Minimum 1 AMP Maximum 300 VAC RMS Sea Level 5000 Megohms Minimum -55 C. to +125 C. 71 mV. @1 AMP #30 AWG Wire 1.0% Max TML, 0.1% Max VCM
(c) 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 31 E-Mail: sales@glenair.com
Single Row Connectors
890-012 and -013 Series 89 Nanominiature Connectors Single Row Right Angle Surface Mount PCB
SINGLE RoW NANo RIGHT ANGLE SMT DIMENSIoNS
Plug (Pin) Connectors
A B .115 (2.92) C .005 (0.13) .115 (2.92)
Single Row Connectors .015 (0.38) .025 (0.64) TYP #0-80 UNF-2A, 2X .120 (3.05) .225 (5.72) .051 (1.30)
Receptacle (Socket) Connectors
A B C .005 (0.13)
PIN 1
.015 (0.38)
SOCKET 1 #0-80 UNF-2B, 2X
.025 (0.64) TYP
.108 / .102 2.74 / 2.59 .187 .225 (4.75) (5.72)
.042/.037 (1.07/0.94)
.187 .345 (4.75) (8.76) .010 (0.25) TYP
.110 .003 (2.79 0.08) .010 (0.25) TYP
Layout 9P 9S 15P 15S 21P 21S 25P 25S 31P 31S 37P 37S 51P 51S
(c) 2007 Glenair, Inc.
A In. .005
.500 .500 .650 .650 .800 .800 .900 .900 1.050 1.050 1.200 1.200 1.550 1.550
B BSC. mm. 0.13
12.70 12.70 16.51 16.51 20.32 20.32 22.86 22.86 26.67 26.67 30.48 30.48 39.37 39.37
C BSC. mm.
10.03 10.03 13.84 13.84 17.65 17.65 20.19 20.19 24.00 24.00 27.81 27.81 36.70 36.70
In.
.395 .395 .545 .545 .695 .695 .795 .795 .945 .945 1.095 1.095 1.445 1.445
In.
.284 .285 .434 .435 .584 .585 .684 .685 .834 .835 .984 .985 1.334 1.335
mm.
7.21 7.24 11.02 11.05 14.83 14.86 17.37 17.40 21.18 21.21 24.99 24.02 33.88 33.91
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 32 E-Mail: sales@glenair.com
890-012 and -013 Series 89 Nanominiature Connectors Single Row Right Angle Surface Mount PCB
RIGHT ANGLE SMT PLUG (PIN) CONNECTOR LAYOUT 890-012
Component Mounting Side of Printed Circuit Board
.0975 (2.48) .025 (0.64) TYP
9 Contacts
.011 (0.28)
123456 78 9
Connector Mating Face
Pin #1
.395(10.03)
.070 (1.78) 2 PLCS
.0975 (2.48) .025 (0.64) TYP
15 Contacts
.011 (0.28)
1 2 34 5 6 78 9 1 1 1 1 11 012345
Component Mounting Side of PCB
(25P actual size)
.070 (1.78) 2 PLCS .545 (13.84)
.010 (0.25) LEAD DIA. .045 (1.14) PAD HEIGHT .035 (0.89) LEAD LENGTH .016 (0.41) TYP. PAD/FOOTPRINT DETAIL
.070 (1.78) 2 PLCS
.0975 (2.48) .025 (0.64) TYP
21 Contacts
.011 (0.28)
1 2 34 56 789 11 1 111 11 11 22 012345678901
.695 (17.65) .0975 (2.48) .025 (0.64) TYP .011 (0.28)
25 Contacts
1 2 34 5 6 7 8 9 1 1 11 1 1 1 1 1 1 2 2 2 2 2 2 0 123 456789012345
.070 (1.78) 2 PLCS .795 (20.19)
.0975 (2.48) .025 (0.64) TYP
31 Contacts
.011 (0.28)
1 2 34 567 8 91 11 1 1 11 11 1 22 2 2 2 22 222 3 3 01234567890123456 789 0 1
.070 (1.78) 2 PLCS .945 (24.00) .0975 (2.48) .025 (0.64) TYP .011 (0.28)
37 Contacts
1 2 3 4 5 6 7 8 9 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 3 33 3 3 3 3 3 0 1 2 3 4 5 6 7 8 9 0 1 2 3 4 5 6 7 8 9 0 12 3 4 5 6 7
.070 (1.78) 2 PLCS 1.095 (27.81) .0975 (2.48) .025 (0.64) TYP
51 Contacts
.011 (0.28)
1 2 3 4 5 6 7 8 9 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 3 33 3 3 3 3 3 3 3 4 4 4 4 4 4 4 4 4 4 5 5 0 1 2 3 4 5 6 7 8 9 0 1 2 3 4 5 6 7 8 9 0 12 3 4 5 6 7 8 9 0 1 2 3 4 5 6 7 8 9 0 1
.070 (1.78) 2 PLCS
1.445 (36.71)
(c) 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 33 E-Mail: sales@glenair.com
Single Row Connectors
890-012 and -013 Series 89 Nanominiature Connectors Single Row Right Angle Surface Mount PCB
RIGHT ANGLE SMT RECEPTACLE (SOCKET) CONNECTOR LAYOUT 890-013
Component Mounting Side of Printed Circuit Board
.070 (1.78) 2 PLCS .395(10.03)
Single Row Connectors
9 Contacts
Connector Mating Face
9 87 654321
Socket #1
.094 (2.39)
.025 (0.64) TYP .0975 (2.48) .545 (13.84) .070 (1.78) 2 PLCS
15 Contacts
11 1 1 1 1 9 87 6 5 43 2 1 543210
Component Mounting Side of PCB
(25S actual size)
.094 (2.39)
.025 (0.64) TYP .0975 (2.48)
.010 (0.25) LEAD DIA. .045 (1.14) PAD HEIGHT .035 (0.89) LEAD LENGTH .016 (0.41) TYP.
.695 (17.65) .070 (1.78) 2 PLCS
21 Contacts
22 11 11 111 1 11 987 65 43 2 1 109876543210
PAD/FOOTPRINT DETAIL
.025 (0.64) TYP .0975 (2.48)
.094 (2.39)
.795 (20.19) .070 (1.78) 2 PLCS
25 Contacts
2 2 2 2 2 2 1 1 1 1 1 1 11 1 1 9 8 7 6 5 43 2 1 543210987654 321 0
.025 (0.64) TYP .0975 (2.48) .945 (24.00) .070 (1.78) 2 PLCS
3 3 222 22 2 2 2 22 1 11 11 1 1 11 19 8 765 43 2 1 1 0 987 65432109876543210
.094 (2.39)
31 Contacts
.025 (0.64) TYP .0975 (2.48)
.094 (2.39)
1.095 (27.81) .070 (1.78) 2 PLCS
3 3 3 3 3 33 3 2 2 2 2 2 2 2 2 2 2 1 1 1 1 1 1 1 1 1 1 9 8 7 6 5 4 3 2 1 7 6 5 4 3 21 0 9 8 7 6 5 4 3 2 1 0 9 8 7 6 5 4 3 2 1 0
37 Contacts
.025 (0.64) TYP .0975 (2.48) 1.445 (36.71) .070 (1.78) 2 PLCS
.094 (2.39)
51 Contacts
5 5 4 4 4 4 4 4 4 4 4 4 3 3 3 3 3 3 3 33 3 2 2 2 2 2 2 2 2 2 2 1 1 1 1 1 1 1 1 1 1 9 8 7 6 5 4 3 2 1 1 0 9 8 7 6 5 4 3 2 1 0 9 8 7 6 5 4 3 21 0 9 8 7 6 5 4 3 2 1 0 9 8 7 6 5 4 3 2 1 0
.025 (0.64) TYP .0975 (2.48)
.094 (2.39)
(c) 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 34 E-Mail: sales@glenair.com


▲Up To Search▲   

 
Price & Availability of 890-012-25PT-BRST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X