Part Number Hot Search : 
02800 L6259 MIC24420 SMA13CA 03800 1084104 MAC12SMG ONSEMI
Product Description
Full Text Search
 

To Download 890-008-25PT-BRT1J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 890-008 and -009 Series 89 Nanominiature Connectors Single Row Right Angle Printed Circuit Board
Right Angle Thru Hole PCB Nano Connectors feature gold alloy TwistPin contacts. These nanomimiature connectors offer premium performance and reliability for demanding applications. Available with #0-80 female threads, or with jackscrews for use with flexible circuits. Pre-Tinned PC Tails are coated with Sn63Pb37 tin-lead for excellent solderability. Choose Aluminum, Titanium or Stainless Steel Shells in seven layouts from 9 to 51 contacts. Complies to the requirements of MIL-DTL-32139. These connectors are intermateable with any corresponding Glenair Series 890 single row metal shell nanominiature connector. HOW TO ORDER RIGHT ANGLE PCB CONNECTORS
Series Insert Arrangement/ Contact Type
Plugs (890-008)
Shell Material and Finish
Termination Type
PC Tail Length
Hardware
890-008
Plug, Pin Contacts, Single Row, Right Angle Thru-Hole PCB Nanominiature
9P 15P 21P 25P 31P 37P 51P
Receptacles (890-009)
A1
Aluminum Shell, Cadmium Plating
BRT
"Board Right Angle Thru-Hole"
1
.110 Inch (2.79 mm)
J
Jackscrew, #0-80
T 2
.172 Inch (4.37 mm) #0-80 Female Thread
A2
Aluminum Shell, Electroless Nickel Plating
890-009
Receptacle, Socket Contacts, Single Row, Right Angle Thru-Hole PCB Nanominiature
9S 15S 21S 25S 31S 37S 51S
T
Titanium Shell, Unplated
S
Stainless Steel Shell, Passivated
Sample Part Number 890-008 - 51P A2 - BRT 1 T
MATERIALS AND FINISHES
Connector Shell Insulator Contacts Hardware PC Tails PCB Trays Encapsulant See Ordering Information Liquid Crystal Polymer (LCP),30% Glass-Filled Gold Alloy, Unplated 300 Series Stainless Steel #30 (.010 Dia.) Copper Wire, Solder Dipped Liquid Crystal Polymer (LCP) or Epoxy Epoxy
SPECIFICATIONS
Durability Current Rating Voltage Rating (DWV) Insulation Resistance Operating Temperature Contact Resistance Thermal Vacuum Outgassing 200 Cycles Minimum 1 AMP Maximum 300 VAC RMS Sea Level 5000 Megohms Minimum -55 C. to +125 C. 71 mV. @1 AMP #30 AWG Wire 1.0% Max TML, 0.1% Max. VCM
(c) 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 23 E-Mail: sales@glenair.com
Single Row Connectors
890-008 and -009 Series 89 Nanominiature Connectors Single Row Right Angle Printed Circuit Board
SINGLE ROW NANO RIGHT ANGLE PCB DIMENSIONS
Plug (Pin) Connectors
A B C .025 (0.64) TYP .115 (2.92) .015 (0.38) #0-80 UNF-2B, 2X LEAD LENGTH .015 (0.38) .010 (0.25) PIN 1 .005 (0.13) .115 (2.92) .015 (0.38) #0-80 UNF-2B, 2
SOCKET #1
Single Row Connectors B .345 (8.76) .018 (0.46) .050 (1.27) .050 (1.27) .025 (0.64)
Receptacle (Socket) Connectors
A B C .025 (0.64) TYP .005 (0.13)
X
LEAD LENGTH .015 (0.38) .010 (0.25)
.108 / .102 2.74 / 2.59
B
.187 .365 (4.75) (9.27)
.344 (8.74)
.292 (7.42) .365 (9.27)
#0-80 UNF-2B, 2X
.018 (0.46)
.050 (1.27)
.050 (1.27) .025 (0.64)
#0-80 UNF-2B, 2X
A Layout In. .005 9P 9S 15P 15S 21P 21S 25P 25S 31P 31S 37P 37S 51P 51S
.500 .500 .650 .650 .800 .800 .900 .900 1.050 1.050 1.200 1.200 1.550 1.550
B BSC. mm. 0.13
12.70 12.70 16.51 16.51 20.32 20.32 22.86 22.86 26.67 26.67 30.48 30.48 39.37 39.37
C BSC. mm.
10.03 10.03 13.84 13.84 17.65 17.65 20.19 20.19 24.00 24.00 27.81 27.81 36.70 36.70
In.
.395 .395 .545 .545 .695 .695 .795 .795 .945 .945 1.095 1.095 1.445 1.445
In.
.284 .285 .434 .435 .584 .585 .684 .685 .834 .835 .984 .985 1.334 1.335
mm.
7.21 7.24 11.02 11.05 14.83 14.86 17.37 17.40 21.18 21.21 24.99 24.02 33.88 33.91
(c) 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 24 E-Mail: sales@glenair.com
890-008 and -009 Series 89 Nanominiature Connectors Single Row Right Angle Printed Circuit Board
Patterns shown are for connector mounting side of PC Board.
RIGHT ANGLE PCB PLUG (PIN) CONNECTOR LAYOUT 890-008
.018 (0.46) TYP .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
1 3 2 4 5 6 7 8 9
9 Contacts
Pin #1
Connector Mating Face
.050 (1.27) TYP
.395(10.03) .070 (1.78) 2 PLCS
.013/.016 (0.33/0.41) TYP
1 2 3 4 5 6 7 8 9 11 13 15 17 19 21 23 25 10 12 14 16 18 20 22 24
.018 (0.46) TYP
.0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
1 3 2 4 5 6 7 8 9 11 13 15 10 12 14
15 Contacts
Component Mounting Side of PCB
(25P actual size)
.013/.016 (0.33/0.41) TYP
.050 (1.27) TYP
.545(13.84) .070 (1.78) 2 PLCS
.0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
1 3 2 4 5 6 7 8 9
.018 (0.46) TYP
21 Contacts
11 13 15 17 19 21 10 12 14 16 18 20
.050 (1.27) TYP
.695 (17.65) .070 (1.78) 2 PLCS
.013/.016 (0.33/0.41) TYP
.018 (0.46) TYP
.0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
1 3 2 4 5 6 7 8 9 11 13 15 17 19 21 23 25 10 12 14 16 18 20 22 24
25 Contacts
.050 (1.27) TYP
.070 (1.78) 2 PLCS
.795 (20.19)
.013/.016 (0.33/0.41) TYP
.018 (0.46) TYP
.0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
1 3 2 4 5 6 7 8 9 11 13 15 17 19 21 23 25 27 29 31 10 12 14 16 18 20 22 24 26 28 30
31 Contacts
.050 (1.27) TYP
.070 (1.78) 2 PLCS
.945 (24.00)
.013/.016 (0.33/0.41) TYP
.018 (0.46) TYP
.0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
1 3 2 4 5 6 7 8 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 32 34 36 10 12 14 16 18 20 22 24 26 28 30
37 Contacts
.050 (1.27) TYP
.070 (1.78) 2 PLCS .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
1 3 2 4 5 6 7 8 9
1.095 (27.81)
.013/.016 (0.33/0.41) TYP
.018 (0.46) TYP
51 Contacts
11 13 15 17 19 21
23 25 27 29 31 33 35 37 39 41 43 45 47 49 51 32 34 36 38 40 42 44 46 48 50
.050 (1.27) TYP
10 12 14 16 18 20 22 24 26 28 30
.070 (1.78) 2 PLCS
1.445 (36.71)
.013/.016 (0.33/0.41) TYP
(c) 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 25 E-Mail: sales@glenair.com
Single Row Connectors
890-008 and -009 Series 89 Nanominiature Connectors Single Row Right Angle Printed Circuit Board
Patterns shown are for connector mounting side of PC Board.
Single Row Connectors
.018 (0.46) TYP
RIGHT ANGLE PCB RECEPTACLE (SOCKET) CONNECTOR LAYOUT 890-009
.0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
97531 8642
9 Contacts
Connector Mating Face
Socket #1
.050 (1.27) TYP
.395(10.03) .070 (1.78) 2 PLCS
.013/.016 (0.33/0.41) TYP
25 23 21 19 17 15 13 11 9 8 7 6 5 4 3 2 1 24 22 20 18 16 14 12 10
.018 (0.46) TYP
.0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
15 13 11 9 8 7 6 5 4 3 2 1 14 12 10
Component Mounting Side of PCB
(25S actual size)
15 Contacts
.050 (1.27) TYP
.545(13.84) .070 (1.78) 2 PLCS
.013/.016 (0.33/0.41) TYP
.018 (0.46) TYP
.0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
21 19 17 15 13 11 9 8 7 6 5 4 3 2 1 20 18 16 14 12 10
21 Contacts
.050 (1.27) TYP
.695 (17.65) .070 (1.78) 2 PLCS .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
25 23 21 19 17 15 13 11 9 8 7 6 5 4 3 2 1 24 22 20 18 16 14 12 10
.013/.016 (0.33/0.41) TYP
.018 (0.46) TYP
25 Contacts
.050 (1.27) TYP
.070 (1.78) 2 PLCS
.795 (20.19)
.013/.016 (0.33/0.41) TYP
.018 (0.46) TYP
.0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
31 29 27 25 23 21 19 17 15 13 11 9 8 7 6 5 4 3 2 1 30 28 26 24 22 20 18 16 14 12 10
31 Contacts
.050 (1.27) TYP
.070 (1.78) 2 PLCS
.945 (24.00)
.013/.016 (0.33/0.41) TYP
.018 (0.46) TYP
.0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
37 35 33 31 29 27 25 23 21 19 17 15 13 11 9 8 7 6 5 4 3 2 1 36 34 32 30 28 26 24 22 20 18 16 14 12 10
37 Contacts
.050 (1.27) TYP
.070 (1.78) 2 PLCS
1.095 (27.81)
.013/.016 (0.33/0.41) TYP
.018 (0.46) TYP
.0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP
51 49 47 45 43 41 39 37 35 33 31 29 27 25 23 21 19 17 15 13 11 9 8 7 6 5 4 3 2 1 50 48 46 44 42 40 38 36 34 32 30 28 26 24 22 20 18 16 14 12 10
51 Contacts
.050 (1.27) TYP
.070 (1.78) 2 PLCS
1.445 (36.71)
.013/.016 (0.33/0.41) TYP
(c) 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 26 E-Mail: sales@glenair.com


▲Up To Search▲   

 
Price & Availability of 890-008-25PT-BRT1J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X