|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
890-006 and -007 Series 89 Nanominiature Connectors Single Row Vertical Mount Printed Circuit Board Vertical Mount PCB Nano Connectors feature gold alloy TwistPin contacts. These nanomimiature connectors offer premium performance and reliability for demanding applications. Available with #0-80 female threads, or with jackscrews for use with flexible circuits. Pre-Tinned PC Tails are coated with Sn63Pb37 tin-lead for excellent solderability. Choose Aluminum, Titanium or Stainless Steel Shells in seven layouts from 9 to 51 contacts. Complies to the requirements of MIL-DTL-32139. These connectors are intermateable with any corresponding Glenair Series 890 single row metal shell nanominiature connector. HOW TO ORDER VERTICAL MOUNT PCB CONNECTORS Series Insert Arrangement/ Contact Type Plugs (890-006) Shell Material and Finish Termination Type PC Tail Length Hardware 890-006 Plug, Pin Contacts, Single Row, Vertical PCB Nanominiature 9P 15P 21P 25P 31P 37P 51P Receptacles (890-007) A1 Aluminum Shell, Cadmium Plating BST "Board Straight ThruHole" 1 .110 Inch (2.79 mm) J Jackscrew, #0-80 A2 Aluminum Shell, Electroless Nickel Plating 2 .172 Inch (4.37 mm) T #0-80 Female Thread 890-007 Receptacle, Socket Contacts, Single Row, Vertical PCB Nanominiature 9S 15S 21S 25S 31S 37S 51S T Titanium Shell, Unplated S Stainless Steel Shell, Passivated Sample Part Number 890-007 - 31S T - BST 1 T MATERIALS AND FINISHES Connector Shell Insulator Contacts Hardware PC Tails PCB Trays Encapsulant See Ordering Information Liquid Crystal Polymer (LCP),30% Glass-Filled Gold Alloy, Unplated 300 Series Stainless Steel #30 (.010 Dia.) Copper Wire, Solder Dipped Liquid Crystal Polymer (LCP) or Epoxy Epoxy SPECIFICATIONS Durability Current Rating Voltage Rating (DWV) Insulation Resistance Operating Temperature Contact Resistance Thermal Vacuum Outgassing 200 Cycles Minimum 1 AMP Maximum 300 VAC RMS Sea Level 5000 Megohms Minimum -55 C. to +125 C. 71 mV. @1 AMP #30 AWG Wire 1.0% Max TML, 0.1% Max. VCM (c) 2007 Glenair, Inc. CAGE Code 06324/0CA77 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 19 E-Mail: sales@glenair.com Single Row Connectors 890-006 and -007 Series 89 Nanominiature Connectors Single Row vertical Mount printed Circuit board SINGLE RoW vERtICAL NANo pCb DIMENSIoNS plug (pin) Connectors A .115 (2.92) .150 (3.81) .025 (0.64) TYP #0-80 UNF-2B, 2X JACKSCREW OPTION J #0-80 UNF-2A, 2X .108 / .102 2.74 / 2.59 .210 (5.33) .225 (5.72) B C .005 (0.13) .115 (2.92) .150 (3.81) .025 (0.64) TYP Single Row Connectors .080 (2.03) .330 (8.38) .064(1.63) .101 (2.57) Max Receptacle (Socket) Connectors A B C .005 (0.13) PIN 1 SOCKET 1 #0-80 UNF-2B, 2X .042/.037 (1.07/0.94) .345 (8.76) .110 .003 (2.79 0.08) LEAD LENGTH .015 (0.38) LEAD LENGTH .015 (0.38) .010 (0.25) .010 (0.25) Layout 9p 9S 15p 15S 21p 21S 25p 25S 31p 31S 37p 37S 51p 51S A In. .005 .500 .500 .650 .650 .800 .800 .900 .900 1.050 1.050 1.200 1.200 1.550 1.550 b bSC. mm. 0.13 12.70 12.70 16.51 16.51 20.32 20.32 22.86 22.86 26.67 26.67 30.48 30.48 39.37 39.37 C bSC. mm. 10.03 10.03 13.84 13.84 17.65 17.65 20.19 20.19 24.00 24.00 27.81 27.81 36.70 36.70 In. .395 .395 .545 .545 .695 .695 .795 .795 .945 .945 1.095 1.095 1.445 1.445 In. .284 .285 .434 .435 .584 .585 .684 .685 .834 .835 .984 .985 1.334 1.335 mm. 7.21 7.24 11.02 11.05 14.83 14.86 17.37 17.40 21.18 21.21 24.99 24.02 33.88 33.91 (c) 2007 Glenair, Inc. CAGE Code 06324/0CA77 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 20 E-Mail: sales@glenair.com 890-006 and -007 Series 89 Nanominiature Connectors Single Row Vertical Mount Printed Circuit Board Patterns shown are for connector mounting side of PC Board. VERtICAL PCB PLuG (PIN) CoNNECtoR LAYout 890-006 .050 (1.27) TYP .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 97531 8642 Pin #1 9 Contacts .025 (0.64) TYP .395(10.03) "T" - .070 (1.78) 2 PLCS .070 (1.78) 2 PLCS "J" - .111 (2.82) 2 PLCS .013/.016 (0.33/0.41) TYP Connector Mating Face .050 (1.27) TYP .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 15 13 11 9 8 7 6 5 4 3 2 1 14 12 10 15 Contacts .025 (0.64) TYP .545(13.84) .070 (1.78) 2 PLCS .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 21 19 17 15 13 11 9 8 7 6 5 4 3 2 .013/.016 (0.33/0.41) TYP .050 (1.27) TYP 21 Contacts 1 .025 (0.64) TYP 20 18 16 14 12 10 .695 (17.65) .070 (1.78) 2 PLCS .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 25 23 21 19 17 15 13 11 9 8 7 6 5 4 3 2 1 24 22 20 18 16 14 12 10 .013/.016 (0.33/0.41) TYP .050 (1.27) TYP 25 Contacts .025 (0.64) TYP "T" - .070 (1.78) 2 PLCS .070 (1.78) 2 PLCS "J" - .111 (2.82) 2 PLCS .795 (20.19) .013/.016 (0.33/0.41) TYP 31 Contacts .050 (1.27) TYP .025 (0.64) TYP .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 31 29 27 25 23 21 19 17 15 13 11 9 8 7 6 5 4 3 2 1 30 28 26 24 22 20 18 16 14 12 10 "T" - .070 (1.78) 2 PLCS .070 (1.78) 2 PLCS "J" - .111 (2.82) 2 PLCS .050 (1.27) TYP .945 (24.00) .013/.016 (0.33/0.41) TYP .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 37 35 33 31 29 27 25 23 21 19 17 15 13 11 9 8 7 6 5 4 3 2 1 36 34 32 30 28 26 24 22 20 18 16 14 12 10 37 Contacts .025 (0.64) TYP "T" - .070 (1.78) 2 PLCS .070 (1.78) 2 PLCS "J" - .111 (2.82) 2 PLCS .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 1.095 (27.81) .013/.016 (0.33/0.41) TYP .050 (1.27) TYP 51 Contacts 51 49 47 45 43 41 39 37 35 33 31 29 27 25 23 21 19 17 15 13 11 9 8 7 6 5 4 3 2 1 .025 (0.64) TYP 50 48 46 44 42 40 38 36 34 32 30 28 26 24 22 20 18 16 14 12 10 "T" - .070 (1.78) 2 PLCS .070 (1.78) 2 PLCS "J" - .111 (2.82) 2 PLCS 1.445 (36.71) .013/.016 (0.33/0.41) TYP (c) 2007 Glenair, Inc. CAGE Code 06324/0CA77 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 21 E-Mail: sales@glenair.com Single Row Connectors 890-006 and -007 Series 89 Nanominiature Connectors Single Row Vertical Mount Printed Circuit Board Patterns shown are for connector mounting side of PC Board. Single Row Connectors .050 (1.27) TYP VERtICAL PCB RECEPtACLE (SoCkEt) CoNNECtoR LAYout 890-007 .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 1 3 2 4 5 6 7 8 9 9 Contacts Socket #1 .025 (0.64) TYP .395(10.03) "T" - .070 (1.78) 2 PLCS .070 (1.78) 2 PLCS "J" - .111 (2.82) 2 PLCS .013/.016 (0.33/0.41) TYP Connector Mating Face .050 (1.27) TYP .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 1 3 2 4 5 6 7 8 9 11 13 15 10 12 14 15 Contacts .025 (0.64) TYP .545(13.84) "T" - .070 (1.78) 2 .070 (1.78) 2 PLCSPLCS "J" - .111 (2.82) 2 PLCS .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 1 3 2 4 5 6 7 8 9 .013/.016 (0.33/0.41) TYP .050 (1.27) TYP 21 Contacts 11 13 15 17 19 21 10 12 14 16 18 20 .025 (0.64) TYP .695 (17.65) .070 .070 (1.78) 2 PLCS "T" - (1.78) 2 PLCS "J" - .111 (2.82) 2 PLCS .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 1 3 2 4 5 6 7 8 9 11 13 15 17 19 21 23 25 10 12 14 16 18 20 22 24 .013/.016 (0.33/0.41) TYP .050 (1.27) TYP 25 Contacts .025 (0.64) TYP "T" - .070 (1.78) 2 PLCS .070 (1.78) 2 PLCS "J" - .111 (2.82) 2 PLCS .795 (20.19) .013/.016 (0.33/0.41) TYP .050 (1.27) TYP .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 1 3 2 4 5 6 7 8 9 11 13 15 17 19 21 23 25 27 29 31 10 12 14 16 18 20 22 24 26 28 30 31 Contacts .025 (0.64) TYP "T" - .070 (1.78) 2 PLCS .070 (1.78) 2 PLCS "J" - .111 (2.82) 2 PLCS .945 (24.00) .013/.016 (0.33/0.41) TYP .050 (1.27) TYP .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 1 3 2 4 5 6 7 8 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 32 34 36 10 12 14 16 18 20 22 24 26 28 30 37 Contacts .025 (0.64) TYP "T" - .070 (1.78) 2 PLCS .070 (1.78) 2 PLCS "J" - .111 (2.82) 2 PLCS .0975 (2.48) .025 (0.64) TYP .050 (1.27) TYP 1 3 2 4 5 6 7 8 9 1.095 (27.81) .013/.016 (0.33/0.41) TYP .050 (1.27) TYP 51 Contacts 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 47 49 51 32 34 36 38 40 42 44 46 48 50 .025 (0.64) TYP 10 12 14 16 18 20 22 24 26 28 30 "T" - .070 (1.78) 2 PLCS .070 (1.78) 2 PLCS "J" - .111 (2.82) 2 PLCS 1.445 (36.71) .013/.016 (0.33/0.41) TYP (c) 2007 Glenair, Inc. CAGE Code 06324/0CA77 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 22 E-Mail: sales@glenair.com |
Price & Availability of 890-006-25PT-BST1J |