Part Number Hot Search : 
QVB11133 68HC11 CS44L11 CO48025 KIA2093 SI9176 AD1858 2SD121
Product Description
Full Text Search
 

To Download 87824-0007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0878240007 Active
1.27mm (.050") Signal Pitch, 0.80mm (.031") SCSI Pitch, 1.27mm (.050") Power Pitch SAS Receptacle, Vertical, Surface Mount, with Straight Solder Tab, 1.6mm (.062") PCB Thickness, 29 Circuits, with Cap, Embossed Tape on Reel, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-87824-029 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only I/O Connectors 87824 Board-to-Board
  • With Pick-and-Place Cap Receptacle SAS N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
    General
    Product Family Series Application Comments Component Type Product Name Type
    Physical
    Boot Color Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG N/A 29 29 Signal 7, SCSI 7, Power 15 Black 500 Female Yes None Copper Alloy Gold Tin High Temperature Thermoplastic 2 Vertical Yes Yes 0.063 In 1.60 mm Embossed Tape on Reel Yes 0.031 In, 0.050 In 0.80 mm, 1.27 mm 0.031 In, 0.050 In 0.80 mm, 1.27 mm 30 0.76 102 2.54 Yes Yes N/A 0C to +55C Surface Mount No N/A
    Search Parts in this Series 87824Series Mates With SFF-8482 Hard Disk Drive and Backplane Plug. 87679 Serial ATA Device Plug with Latch. 87703 Serial ATA Device Plug without Jumper. 87799 Serial ATA Device Plug with Jumper
    Electrical
    Current - Maximum per Contact Shielded Voltage - Maximum 1.5A No 30V
    Solder Process Data
    Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 1 260
    Material Info Reference - Drawing Numbers
    Product Specification Sales Drawing PS-87824-029 SD-87824-027
    This document was generated on 04/09/2010
    PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION

  • ▲Up To Search▲   

     
    Price & Availability of 87824-0007

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X