Part Number Hot Search : 
0000T NE02135 AP2401 X22C10PI R2040 MAX9990 SM5610 0000T
Product Description
Full Text Search
 

To Download 87824-0003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0878240003 Active
1.27mm (.050") Signal Pitch, 0.80mm (.031") SCSI Pitch, 1.27mm (.050") Power Pitch SAS Receptacle, Vertical, Surface Mount, with Straight Solder Tab, 1.6mm (.062") PCB Thickness, 29 Circuits, with Cap, Tray, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-87824-029 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Comments Component Type Product Name Type I/O Connectors 87824 Board-to-Board
  • With Pick-and-Place Cap Receptacle SAS N/A
    Physical
    Boot Color Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB N/A 29 29 Signal 7, SCSI 7, Power 15 Black 500 94V-0 Female Yes None Copper Alloy Gold, Tin Tin High Temperature Thermoplastic 2 Vertical Yes Yes 0.063 In 1.60 mm Tray Yes 0.031 In, 0.050 In 0.80 mm, 1.27 mm 0.031 In, 0.050 In 0.80 mm, 1.27 mm 30 0.76 102 2.54 Yes Yes
    Search Parts in this Series 87824Series Mates With SFF-8482 Hard Disk Drive and Backplane Plug. 87679 Serial ATA Device Plug with Latch. 87703 Serial ATA Device Plug without Jumper. 87799 Serial ATA Device Plug with Jumper
    Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG
    N/A 0C to +55C Surface Mount No N/A
    Electrical
    Current - Maximum per Contact Shielded Voltage - Maximum 1.5A No 30V
    Solder Process Data
    Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 1 260
    Material Info Reference - Drawing Numbers
    Product Specification Sales Drawing PS-87824-029 SD-87824-027
    This document was generated on 04/09/2010
    PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION

  • ▲Up To Search▲   

     
    Price & Availability of 87824-0003

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X