Part Number Hot Search : 
PSDI50 A472M 402ML HN27C DS75LXU AK4397EQ CAT93C56 EDDTRP
Product Description
Full Text Search
 

To Download 583UYDS530-A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet 5.0*5.0mm Square Type LED Lamps
583UYD/S530-A3
Features :

Choice of various viewing angles Available on tape and reel. Reliable and robust Pb free
Descriptions :
The series is specially designed for applications requiring higher brightness
The led lamps are available with different colors, intensities.
Applications :

TV set Monitor Telephone Computer
PART NO.
583UYD/S530-A3
Material
AlGaInP
Emitted Color
Super Yellow
Lens Color
Yellow Diffused
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-058-026
http : //www.everlight.com Prepared date: 2005/6/29 BG0506051,R0502584
Rev.:
1
Page: 1 of 6 Lan Feng
Prepared by:
Technical Data Sheet 5.0*5.0mm Square Type LED Lamps
583UYD/S530-A3
Package Dimensions
Notes: 1. All dimensions are in millimetres
2. The height of flange must be less than 1.5mm(0.059"). 3. Without special declared,the tolerance is 0.25mm.
Absolute Maximum Ratings at Ta = 25
Parameter Forward Current Operating Temperature Storage Temperature Soldering Temperature Electrostatic Discharge Power Dissipation Reverse Voltage Symbol IF Topr Tstg Tsol ESD Pd VR Rating 25 -40 to +85 -40 to +100 260 5 2000 60 5 Unit mA V mW V
Note: *1:Soldering time 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-058-026
http : //www.everlight.com Prepared date: 2005/6/29
Rev.:
1
Page: 2 of 6 Lan Feng
Prepared by:
Technical Data Sheet 5.0*5.0mm Square Type LED Lamps
583UYD/S530-A3
Electro-Optical Characteristics (Ta=25)
Parameter Forward Voltage Reverse Current Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Symbol VF IR Iv 21/2 p d Condition IF= VR= IF= IF= IF= IF= IF= 20 5 20 20 20 20 20 mA V mA mA mA mA mA Min. 10 Typ. 2.0 20 170 591 589 15 Max. 2.4 10 Unit V A mcd deg nm nm nm
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-058-026
http : //www.everlight.com Prepared date: 2005/6/29
Rev.:
1
Page: 3 of 6 Lan Feng
Prepared by:
Technical Data Sheet 5.0*5.0mm Square Type LED Lamps
583UYD/S530-A3
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-058-026
http : //www.everlight.com Prepared date: 2005/6/29
Rev.: Prepared by:
1
Page: 4 of 6 Lan Feng
Technical Data Sheet 5.0*5.0mm Square Type LED Lamps
583UYD/S530-A3
Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below. Confidence level97% LTPD3%
NO
Item
Test Conditions
Test Hours/Cycle 10 SEC
Sample Size 76 PCS
Failure Judgment Ac/Re Criteria 0/1
1
Solder Heat
TEMP : 260 5 H : +100 15min 5 min L : -40 15min H : +100 5min 10 sec L : -10 5min TEMP : 100
2
Temperature Cycle
300 CYCLES
76 PCS
0/1
3
Thermal Shock High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity
300 CYCLES
76 PCS
4
1000 HRS
IvIvt*0.5 or VfU 76 PCS or VfL 76 PCS
0/1
0/1
5
TEMP : -40 TEMP : 25 IF = 20mA 85 / 85% RH
1000 HRS
0/1
6 7
1000 HRS 1000 HRS
76 PCS 76 PCS
0/1 0/1
NoteIvtTo test Iv value of the chip before the reliablility test IvThe test value of the chip that has completed the reliablility test UUpper Specification Limit L Lower Specification Limit
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-058-026
http : //www.everlight.com Prepared date: 2005/6/29
Rev.:
1
Page: 5 of 6 Lan Feng
Prepared by:
Technical Data Sheet 5.0*5.0mm Square Type LED Lamps 583UYD/S530-A3
Packing Quantity Specification
1.500PCS/1Bag5Bags/1Box 2.10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number
QTY: Packing Quantity CAT: Ranks 583UYD/S530-A3 HUE: Dominant Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
Notes 1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation Please don't reproduce or cause anyone to reproduce them without EVERLIGHT'sconsent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-058-026
http : //www.everlight.com Prepared date: 2005/6/29
Rev.: Prepared by:
1
Page: 6 of 6 Lan Feng


▲Up To Search▲   

 
Price & Availability of 583UYDS530-A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X