Part Number Hot Search : 
TM9101 110CA R6101225 LH5P8129 02024 V32F1CLC MR751RLG 5T567
Product Description
Full Text Search
 

To Download 507T175E0901H11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 507-175
17-7PH Stainless Steel Clips attach the backshell to the connector. These backshells accept standard and micro BANDIT(R) shield termination straps. Straight, 45 and Right Angle elliptical backshell provides plenty of working room for complicated wiring situations. Rugged One-Piece Aluminum Shell with stainless steel hardware, available in standard nickel plating, or choose optional finishes.
HOW TO ORDER 507-175 EMI BACKSHELLS
Connector Size 09 15 21 25 31 37 51 51-2 67 69 100
Series
Top Entry
Shell Finish E J M NF Z2
- Chem Film
Cable Entry Code
D Size 01 02 03 04 05 06 07 08
In. .010 mm. 0.25 In. .010
Hardware Option
Available on Shell Size 09 Thru 100 15 Thru 100 21 Thru 100 25 Thru 100 31 Thru 100 37 Thru 100 37 and 100 100
507T175
(Alodyne) Chromate Nickel
E
mm. 0.25
Omit (Leave Blank)
Fillister Head Jackscrew
- Cadmium, Yellow - Electroless - Cadmium, - Gold
Olive Drab
Side Entry
507S175
.344 .494 .644 .744 .894 .994 1.044 1.024
8.74 12.55 16.36 18.90 21.34 25.25 26.52 26.01
.290 .290 .290 .304 .304 .304 .304 .384
7.37 7.37 7.37 7.72 7.72 7.72 7.72 9.75
H - Hex Head Jackscrew
E - Extended Jackscrew
E
45 Entry
D
507E175
F - Jackpost, Female
Sample Part Number 507E175 M 25 04
(c) 2011 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com M-19
Micro-D Backshells
EMI/RFI Elliptical Banding Backshell
M
EMI/REF Eliptical Banding Backshell
507-175
Micro-D Backshells
Shell Clips Jackscrews, Washers, Jackposts
B E .32 (8.1)
MATERIALS (SEE ORDERING INFO FOR FINISH OPTIONS)
Aluminum Alloy 6061 -T6 Per QQ-A-200, QQ-A-225 (Machined Components) Aluminum Alloy 6061-T6 Per QQ-A-591 (A380) (Die-Cast Components) 17-7PH Stainless Steel 300 Series Stainless Steel, Passivated
G
J
L K H
F
A D C .175 (4.4)
CONNECTOR ORDERED SEPARATELy
#2-56 UNC THDS. 9-69 PIN #4-40 UNC THDS. 100 PIN
CABLE ENTRY SIZES Cable Entry Code 01 02 03 04 05 06 07 08 D
In. .010 mm. 0.25 In. .010
E
mm. 0.25
Available on Shell Size 09 Thru 100 15 Thru 100 21 Thru 100 25 Thru 100 31 Thru 100 37 Thru 100 37 and 100 100
.344 .494 .644 .744 .894 .994 1.044 1.024
8.74 12.55 16.36 18.90 21.34 25.25 26.52 26.01
.290 .290 .290 .304 .304 .304 .304 .384
7.37 7.37 7.37 7.72 7.72 7.72 7.72 9.75
STANDARD FILLISTER HEAD JACKSCREW
CODE H HEX HEAD JACKSCREW
CODE F FEMALE JACKPOST
CODE E EXTENDED JACKSCREW
DIMENSIONS
M
Size
09 15 21 25 31 37 51 51-2 67 69 100
A Max. In. mm.
.850 1.000 1.150 1.250 1.400 1.550 1.500 1.910 2.310 1.810 2.235 21.59 25.40 29.21 31.75 35.56 39.37 38.10 48.51 58.67 45.97 56.77
B Max. In. mm.
.370 .370 .370 .370 .370 .370 .410 .370 .370 .410 .460 9.40 9.40 9.40 9.40 9.40 9.40 10.41 9.40 9.40 10.41 11.68
In.
.565 .715 .865 .965 1.115 1.265 1.215 1.615 2.015 1.515 1.800
C
mm.
14.35 18.16 21.97 24.51 28.32 32.13 30.86 41.02 51.18 38.48 45.72
F Max. In. mm.
.782 .832 .882 .932 .972 .972 1.092 1.092 1.092 1.092 1.157 19.86 21.13 22.40 23.67 24.69 24.69 27.74 27.74 27.74 27.74 29.39
G Max. In. mm.
.970 .970 .970 .990 .990 .990 1.030 1.030 1.030 1.030 1.090 24.64 24.64 24.64 25.15 25.15 25.15 26.16 26.16 26.16 26.16 27.69
H Max. In. mm.
.668 .668 .668 .678 .678 .678 .698 .698 .698 .698 .723 16.97 16.97 16.97 17.22 17.22 17.22 17.73 17.73 17.73 17.73 18.36
J Max. In. mm.
.673 .673 .673 .700 .700 .700 .758 .758 .758 .758 .824 17.09 17.09 17.09 17.78 17.78 17.78 19.25 19.25 19.25 19.25 20.93
K Max. In. mm.
.851 .876 .901 .943 .963 .983 1.050 1.050 1.050 1.050 1.130 21.62 22.25 22.89 23.95 24.46 24.97 26.67 26.67 26.67 26.67 28.70
(c) 2011 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com M-20


▲Up To Search▲   

 
Price & Availability of 507T175E0901H11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X