Part Number Hot Search : 
F20C15 MP1011E KTC3400 PESD5V0 4LC21 02SSL20 A3054SU NTE887M
Product Description
Full Text Search
 

To Download 500-047Z251-2BB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro-D Backshells
Series 500-047 E J M NF Z2 Shell Finish
- Chem Film - Cadmium, Yellow
EMI/RFI Eliptical Banding Backshell 500-047
Elliptical Backshells provide extra room for large wire bundles. This one piece version features an oversize shield termination area for both standard and micro BAND-IT(R) shield termination straps.
MATERIALS
Shell Clips Hardware Aluminum Alloy 6061 -T6 17-7PH Stainless Steel 300 Series Stainless Steel
HOW TO ORDER 500-047 ELLIPTICAL BACKSHELLS
Connector Size 09 15 21 25 31 37 51 51-2 67 69 100 Hardware Option B - Fillister Head
Jackscrew
EMI Band St rap Option Omit (Leave Blank) Band Not Included B
- Standard Band .250" Wide .125" Wide
Chromate
- Electroless Nickel - Cadmium, Olive
Drab
H - Hex Head Jackscrew E - Extended Jackscrew F - Jackpost, Female
M - Micro Band
- Gold
Sample Part Number 500-047
F B E H .175 (4.4) A D C
CONNECTOR ORDERED SEPARATELy
M
G
25
H
#2-56 UNC THDS. 9-69 PIN #4-40 UNC THDS. 100 PIN
CODE B CODE H FILLISTER HEAD HEX HEAD JACKSCREW JACKSCREW
CODE F FEMALE JACKPOST
CODE E EXTENDED JACKSCREW
M
A Max. Size
09 15 21 25 31 37 51 51-2 67 69 100
B Max. In.
.370 .370 .370 .370 .370 .370 .410 .370 .370 .410 .460
C In.
.565 .715 .865 .965 1.115 1.265 1.215 1.615 2.015 1.515 1.800
D Max. mm.
14.35 18.16 21.97 24.51 28.32 32.13 30.86 41.02 51.18 38.48 45.72
In.
.850 1.000 1.150 1.250 1.400 1.550 1.500 1.910 2.310 1.810 2.235
mm.
21.59 25.40 29.21 31.75 35.56 39.37 38.10 48.51 58.67 45.97 56.77
mm.
9.40 9.40 9.40 9.40 9.40 9.40 10.41 9.40 9.40 10.41 11.68
In.
mm.
E In. mm. .015 0.38
.281 .281 .281 .281 .281 .281 .312 .281 .281 .312 .360 7.14 7.14 7.14 7.14 7.14 7.14 7.92 7.14 7.14 7.92 9.14
F Max. In.
.450 .450 .450 .450 .450 .450 .481 .450 .450 .481 .529
G Max. In.
.481 .589 .759 .859 .989 1.139 1.089 1.489 1.889 1.389 1.459
H Max. In.
.780 .910 1.030 1.090 1.150 1.180 1.220 1.220 1.220 1.220 1.280
mm.
11.43 11.43 11.43 11.43 11.43 11.43 12.22 11.43 11.43 12.22 13.44
mm.
12.22 14.96 19.28 21.82 25.12 28.93 27.66 37.82 47.98 35.28 37.06
mm.
19.81 23.11 26.16 27.68 29.21 29.97 30.99 30.99 30.99 30.99 32.51
.312 7.92 .420 10.67 .591 15.01 .690 17.53 .820 20.83 .970 24.64 .920 23.37 1.030 26.16 1.720 43,69 1.220 30.99 1.290 32.77
(c) 2011 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com M-12


▲Up To Search▲   

 
Price & Availability of 500-047Z251-2BB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X