Part Number Hot Search : 
S1205 AN520 SDM0565R MBR1535 200PC ICL765 BF1202WR STB6015
Product Description
Full Text Search
 

To Download 500-017NF51-2MBN4-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 500-017 and 500-037
Choose Metal Protective Covers for full environmental protection. Silicone Rubber Gasket provides a watertight seal. Use with M83513 Type Metal Shell Micro-D Connectors
MATERIALS & FINISHES
Shell Gasket Hardware Aluminum Alloy 6061 -T6 Silicone Rubber 300 Series Stainless Steel, Passivated
SELECT A PROTECTIVE COVER STYLE
Style 1
Tapped Threads Panel
Style 2
Style 3
Silicone Gasket (All Styles)
Use With Micro-D Connectors With Jackposts Not for rear panel mounted connectors.
Use With Micro-D Connectors With Jackscrews
Use With Rear-Panel Mounted Micro-D Connectors
HOW TO ORDER STYLE 1 AND STYLE 2 PROTECTIVE COVERS
Series 500-017 C E J Shell Finish
- Black
Connector Size 09 15 21 25 31 37 51 51-2 67 69 100
Hardware Option STYLE 1
Lanyard Option N - No Lanyard G - Flexible Nylon
Rope
Lanyard Length
Ring Terminal Ordering Code
Anodize
- Chem Film - Cadmium,
Yellow Chromate Nickel
F - Wire Rope,
Fits Micro-D's With Jackposts Cover has Jackscrews
Nylon Jacket
Length in 06 - .125 (3.2) 01 - .140 (3.6) One Inch Increments 05 - .167 (4.2) 04 - .197 (5.0)
Example: "6" equals six inches. I.D. of Ring Terminal
H - Wire Rope,
M NF Z2
- Electroless - Cadmium, - Gold
MB - Fillister Head Jackscrew MH - Hex Head Jackscrew STYLE 2
Hi-Temp Teflon Jacket
Olive Drab
Fits Micro-D's With Jackscrews Cover has Tapped Female Threads
F - Female Threads (STYLE 3: see next page)
Sample Part Number 500-017 M 25 MB F 4 - 06
(c) 2011 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com N-5
Micro-D Accessories
Metal Protective Covers with Silicone Rubber Gaskets
N
Metal Protective Covers with Silicone Rubber Gasket
500-017 and 500-037
Micro-D Accessories
Series 500-037 C E J Shell Finish
- Black
HOW TO ORDER STYLE 3 PROTECTIVE COVERS FOR REAR MOUNT CONNECTORS
Connector Size 09 15 21 25 31 37 51 51-2 67 69 100 Panel Thickness Option R1 R2 R3 R4
- .031 (0.79) Panel - .047 (1.19) Panel - .062 (1.57) Panel - .093 (2.36) Panel
Hardware Option STYLE 3
Lanyard Option N - No Lanyard G - Flexible
Nylon Rope
Ring Terminal Ordering Code 06 01 05 04 - - - -
.125 (3.2) .140 (3.6) .167 (4.2) .197 (5.0)
Anodize
- Chem Film - Cadmium,
Yellow Chromate Nickel
Fits Micro-D's With Jackposts
Panel
F - Wire Rope,
Nylon Jacket I.D. of Ring Terminal
M NF Z2
- Electroless - Cadmium, - Gold
B - Fillister Head
Jackscrew
H - Wire
Olive Drab
H - Hex Head Jackscrew
Rope, HiTempTeflon Jacket
Sample Part Number 500-037 J 31 R4 B G - 06
PROTECTIVE COVER DIMENSIONS
Style 1 Style 2 Style 3
A C B
th Leng
D C E
th Leng
A C B
th Leng
RING TERMINAL DIA. .410 (10.4) MAX
RING TERMINAL DIA. .310 (7.9) MAX
F
RING TERMINAL DIA. .260 (6.6) MAX
#2-56 UNC THREADS SIZES 9-69 #4-40 UNC THREADS SIZE 100
#2-56 UNC THREADS SIZES 9-69 #4-40 UNC THREADS SIZE 100
#2-56 UNC THREADS SIZES 9-69 #4-40 UNC THREADS SIZE 100
For Micro-D Connectors With Jackposts A Max. B Max. In .
.930 1.080 1.230 1.330 1.480 1.630 1.580 1.980 2.380 1.880 2.315
For Micro-D Connectors With Jackscrews C In.
.565 .715 .865 .965 1.115 1.265 1.215 1.615 2.015 1.515 1.800
For Rear-Panel Mounted Micro-D E Max. In.
.775 .925 1.075 1.175 1.325 1.475 1.425 1.825 2.225 1.725 2.160
D Max. mm.
14.35 18.16 21.97 24.51 28.32 32.13 30.86 41.02 51.18 38.48 45.72
N
Size
9 15 21 25 31 37 51 51-2 67 69 100
In.
.453 .453 .453 .453 .453 .453 .496 .453 .453 .496 .539
mm.
11.5 11.5 11.5 11.5 11.5 11.5 12.6 11.5 11.5 12.6 13.7
mm.
23.6 27.4 31.2 33.8 37.6 41.4 40.1 50.3 60.5 47.8 58.8
In.
.360 .360 .360 .360 .360 .360 .400 .360 .360 .400 .450
mm.
9.1 9.1 9.1 9.1 9.1 9.1 10.2 9.1 9.1 10.2 11.4
mm.
19.7 23.5 27.3 29.8 33.7 37.5 36.2 46.4 56.5 43.8 54.9
Panel Thickness R1 R2 R3 R4
F In.
.126 .110 .095 .064
mm.
3.2 2.8 2.4 1.6
(c) 2011 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com N-6


▲Up To Search▲   

 
Price & Availability of 500-017NF51-2MBN4-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X