Part Number Hot Search : 
HC123 ST441 2SC36 TDA381 LVC540B L63ID 1212Z21 0233001P
Product Description
Full Text Search
 

To Download 3DD5606-O-Z-N-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
CASE-RATED BIPOLAR TRANSISTOR 3DD5606 FOR LOW FREQUENCY AMPLIFICATION
3DD5606
BVCBO IC PC
MAIN CHARACTERISTICS
1600V 6A 60W
Package TO-220

APPLICATIONS
Electronic ballasts High frequency switching power supply High frequency power transform Commonly power amplifier circuit
EQUIVALENT CIRCUIT
RoHS
FEATURES
High breakdown voltage High current capability High switching speed High reliability RoHS product
ORDER MESSAGE
Order codes 3DD5606-O-Z-N-C Halogen Free Device Weight Marking D5606 Package TO-220 Packaging Bag
MARKING
Trademark Part No. product message
201102A
1/3
R
3DD5606
ABSOLUTE RATINGS (Tc=25)
Parameter
Symbol
Value 1600 800 9 6 10 3 60 150 -55~+150
Unit V V V A A W
-- Collector-Base Voltage -- Collector-Emitter Voltage -- Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Max. Junction Temperature Storage Temperature Range
DC Pulse
BVCES BVCEO BVEBO IC ICP IB PC Tj TSTG

ELECTRICAL CHARACTERISTICS (Tc=25)

Parameter
Tests conditions IC=10mA,IB=0 IC=1mA,IE=0 IE=1mA,IC=0 VCE = 5V, IC = 1A VCE = 5V, IC = 0.01A IC=2A, IB=0.4A IC=2A, IB=0.4A IC=3A,2IB1=-IB2=1A fH=15.75kHz
Min
Max
Unit V V V V V s s
V(BR)CEO V(BR)CES V(BR)EBO HFE VCE(sat) VBE(sat) tf ts
800 1600 9 20 10 -
40 1.0 1.2 0.3 2
THERMAL CHARACTERISTIC

Parameter
Symbo Rth(j-c)
min
max
Unit /W
TO-220 Thermal Resistance Junction CaseTO-220
-
2.08
201012B
2/3
R
3DD5606
Unit mm
A B1 b c D D2 E e F L L2 P Q Q1 mm 4.4-4.8 1.1-1.4 0.7-0.95 0.3-0.55 14.45-16.0 8.2-9.2 9.6-10.4 2.54typ 1.2-1.35 13.05-14.05 3.7-3.9 3.5-4.0 2.4-3.0 2.2-2.9
PACKAGE MECHANICAL DATA TO-220
AppendixRevision History
Date Last Rev. New Rev. Description of Changes
201012B
3/3


▲Up To Search▲   

 
Price & Availability of 3DD5606-O-Z-N-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X