Part Number Hot Search : 
4HC15 SEC1101C B0000 O3402 3362P T2222 RGFZ20M IRFBC20
Product Description
Full Text Search
 

To Download 2SA950 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
2SA950
DISCRETE SEMICONDUCTORS
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
Description
Designed for low-frequency power amplifier applications.
TO-92
.190(4.83) .170(4.33) .190(4.83) .170(4.33) 2 Typ 2 Typ
o o
Pinning
1 = Emitter 2 = Collector 3 = Base
Absolute Maximum Ratings(TA=25oC)
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC PD TJ TSTG Rating -35 -30 -5 -800 600 +150 -55 to +150 Unit V V V mA mW
o o
.500 Min (12.70) .022(0.56) .014(0.36) .100 Typ (2.54) .148(3.76) .132(3.36) .022(0.56) .014(0.36)
.050 Typ (1.27)
321
C
.050 o o 5 Typ. 5 Typ. (1.27) Typ Dimensions in inches and (millimeters)
C
Electrical Characteristics o
Characteristic Collector-Base Breakdown Volatge Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Volatge Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain
(1) (1)
(Ratings at 25 C ambient temperature unless otherwise specified)
Symbol BVCBO BVCEO BVEBO ICBO IEBO
(1)
Min -35 -30 -5 45 100 40 2%
Typ -0.28 120 19
Max -0.1 -0.1 -0.7 -1.3 320 -
Unit V V V A A V V MHz pF
Test Conditions IC=-100A, IE=0 IC=-2mA, IB=0 IE=-100A, IC=0 VCB=-35V, IE=0 VEB=-5V, IC=0 IC=-500mA, IB=-20mA IC=-500mA, IB=-20mA IC=-5mA, VCE=-1V IC=-100mA, VCE=-1V IC=-500mA, VCE=-1V IC=-10mA, VCE=-5V VCE=-10V, f=1MHz, IE=0
VCE(sat) VBE(sat) hFE1 hFE2 hFE3 fT
Transition Frequency Output Capacitance (1)Pulse Test: Pulse Width
Cob 380s, Duty Cycle
Classification of hFE2
Rank Range
O
100~200
Y
160~320


▲Up To Search▲   

 
Price & Availability of 2SA950

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X