Part Number Hot Search : 
40ST1 PUMB2 IRFD121 CLR2010 P1701 E003723 AZ431 02100
Product Description
Full Text Search
 

To Download 2SA1142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1142
DESCRIPTION With TO-126 package Complement to type 2SC2682 APPLICATIONS Audio frequency power amplifier; high frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-126) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature 8 150 -55~150 ae ae CONDITIONS Open emitter Open base Open collector VALUE -180 -180 -5 -0.1 1.2 W UNIT V V V A
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SA1142
SYMBOL
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=-50mA; IB=-5mA
-0.16
-0.5
V
VBEsat
Base-emitter saturation voltage
IC=-50mA; IB=-5mA
-0.8
-1.5
V
ICBO
Collector cut-off current
VCB=-180V; IE=0
-1
|I
A
IEBO
Emitter cut-off current
VEB=-3V; IC=0
-1
|I
A
hFE-1
DC current gain
IC=-1mA ; VCE=-5V
90
200
hFE-2
DC current gain
IC=-10mA ; VCE=-5V
100
200
320
fT
Transition frequency
IC=-20mA ; VCE=-10V
180
MHz
Cob
Output capacitance
IE=0 ; VCB=-10V;f=1MHz
4.5
pF
hFE-2 Classifications O 100-200 Y 160-320
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1142
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA1142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X