Part Number Hot Search : 
GT61G SMBJ90CA HIR333 EMP207 HIR333 IRFR3709 IDT72200 CM1851
Product Description
Full Text Search
 

To Download 231-104-07MT09-35PA-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulkhead Feed-Thrus
Connector Series 231 - D38999 Series I Type Shell Style 07 - Jam Nut Mount Shell Size 09 11 13 15 17 19 21 23 25 Connector Type 104 - Env. Bulkhead Feed-Thru SHELL SIZE A THREAD CLASS 2A .688-24 UNEF .813-20 UNEF 1.000-20 UNEF 1.125-18 UNEF 1.250-18 UNEF 1.375-18 UNEF 1.500-18 UNEF 1.625-18 UNEF 1.750-18 UNS B DIA MAX .573(14.6) .701(17.8) .851(21.6) .976(24.8) 1.101(28.0) 1.208(30.7) 1.333(33.9) 1.458(37.0) 1.583(40.2)
231-104-07 Jam Nut Environmental Bulkhead Feed-Thru
MIL-DTL-38999 Series I Type
2.540 Max
Insert Arrangement Per MIL-DTL-38999 Series I MIL-STD-1560 Alternate Key Position A, B, C, D (N = Normal)
1.810 Max
.585 Ref
B
231 - 104 - 07 M 11 - 35 P N - 01
A Thread Hole for .032 Dia Safety Wire, 3 Equally Spaced .125
.150 Max
Connector Material and Finish M - Aluminum / Electroless Nickel NC - Aluminum / Zinc-Cobalt NF - Cad / O.D. Over Electroless Nickel (1000hr Salt Spray) ZN - Aluminum Zinc-Nickel Olive Drab MT - Aluminum / Ni-PTFE 1000 Hour GreyTM AL - Aluminum / Pure Electrodeposited Aluminum
Panel Accomodation 01 - .0625 (Min) .125 (Max) 02 - .0625 (Min) .250 (Max) 03 - .0625 (Min) .500 (Max)
C
Panel Accomodation
Contact Termination P - Pin on Jam Nut Side S - Socket on Jam Nut Side
D
TABLE I: CONNECTOR DIMENSIONS
C HEX .875(22.2) 1.000(25.4) 1.188(30.2) 1.312(33.3) 1.438(36.5) 1.562(39.7) 1.688(42.9) 1.812(46.0) 2.000(50.8) D FLATS 1.062(27.0) 1.250(31.8) 1.375(34.9) 1.500(38.1) 1.625(41.3) 1.812(46.0) 1.938(49.2) 2.062(52.4) 2.188(55.6) E DIA .005(0.1) .703(17.9) .827(21.0) 1.015(25.8) 1.140(29.0) 1.265(32.1) 1.390(35.3) 1.515(38.5) 1.640(41.7) 1.765(44.8) F +.000-.005 (0-0.1) .669(17.0) .769(19.5) .955(24.3) 1.084(27.5) 1.208(30.7) 1.333(33.9) 1.459(37.1) 1.580(40.1) 1.709(43.4)
F
Insert arrangement, per MIL-C-38999, Series l MIL-STD-1560 E Dia
E
09 11 13 15 17 19 21 23 25
Recommended Panel Cut-Out
APPLICATION NOTES
1. 2. 3. Power to a given contact on one end will result in power to contact Metric Dimensions (mm) are indicated in parentheses Shell, lockring, jam nut--Al alloy, See Table II Page D-5 Contacts--Copper alloy/gold plate Insulators--High grade rigid dielectric/N.A. Bayonet Pins--CRES/passivate Seals--silicone/N.A.
(c) 2010 Glenair, Inc. www.glenair.com
CAGE CODE 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
E-4


▲Up To Search▲   

 
Price & Availability of 231-104-07MT09-35PA-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X