Part Number Hot Search : 
SW6310 M54531P S811H1 BX6118 MBR12040 MUR12 44000 LPC1102
Product Description
Full Text Search
 

To Download 231-103-H7FT09-35PA-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-DTL 38999 Type
231-103-H7 Jam Nut Mount Hermetic Bulkhead Feed-Thru
MIL-DTL-38999 Series I Type
Connector Series 231 - D38999 Series I Type
B
Shell Style H7 - Jam Nut Mount
Shell Size 09 11 13 15 17 19 21 23 25
Insert Arrangement Per MIL-DTL-38999 Series I MIL-STD-1560 Alternate Key Position A, B, C, D (N = Normal)
231 - 103 - H7 Z1 11 - 35
Connector Type 103 - Hermetic Bulkhead Feed-Thru
Connector Material and Finish FT - Carbon Steel, Fused Tin Z1 - CRES, Passivated ZL - CRES, Nickel Finish
P N - 01
Contact Termination P - Pin on Jam Nut Side S - Socket on Jam Nut Side
Panel Accomodation 01 - .0625 (Min) .125 (Max) 02 - .0625 (Min) .250 (Max) 03 - .0625 (Min) .500 (Max)
2.040 (51.8) 1.310 (33.3) .585 (14.9) Ref
C
B
D
A Thread Hole For .032 Dia Safety Wire, 3 Equally Spaced .125 (3.2) .150 (3.8) Max Panel Accomodation
Insert Arrangement per MIL-DTL-38999, Series l MIL-STD-1560
(c) 2009 Glenair, Inc. www.glenair.com
CAGE CODE 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
B-16
231-103-H7 Jam Nut Mount Hermetic Bulkhead Feed-Thru
MIL-DTL-38999 Series I Type
E Dia
HERMETIC LEAK RATE MOD CODES Designator
-585A -585B -585C
Required Leak Rate
1 x 10-10 cc's Helium per second 1 x 10-9 cc's Helium per second 1 x 10-8 cc's Helium per second
F
Recommended Panel Cut-Out
TABLE I: CONNECTOR DIMENSIONS
SHELL SIZE 09 11 13 15 17 19 21 23 25 A THREAD CLASS 2A .688-24 UNEF 0.812-20 UNEF 1.000-20 UNEF 1.125-18 UNEF 1.250-18 UNEF 1.375-18 UNEF 1.500-18 UNEF 1.625-18 UNEF 1.750-18 UNS B DIA MAX .573(14.6) .701(17.8) .851(21.6) .976(24.8) 1.101(28.0) 1.208(30.7) 1.333(33.9) 1.458(37.0) 1.583(40.2) C HEX .875(22.2) 1.000(25.4) 1.188(30.2) 1.312(33.3) 1.438(36.5) 1.562(39.7) 1.688(42.9) 1.812(46.0) 2.000(50.8) D FLATS 1.062(27.0) 1.250(31.8) 1.375(34.9) 1.500(38.1) 1.625(41.3) 1.812(46.0) 1.938(49.2) 2.062(52.4) 2.188(55.6) E DIA .005(0.1) .703(17.9) .827(21.0) 1.015(25.8) 1.140(29.0) 1.265(32.1) 1.390(35.3) 1.515(38.5) 1.640(41.7) 1.765(44.8) F +.000-.005 (0-0.1) .669(17.0) .769(19.5) .955(24.3) 1.084(27.5) 1.208(30.7) 1.333(33.9) 1.459(37.1) 1.580(40.1) 1.709(43.4)
APPLICATION NOTES
1. 2. 3. Power to a given contact on one end will result in power to contact directly opposite, regardless of identification letter. Hermeticity = less than 1 x 10-7 cc/sec at one atmosphere. Not for use in liquid atmosphere. Material/finish: Shell, nut - CRES/passivated, carbon steel/fused tin or CRES/nickel per QQ-N-290. 4. Contacts - Gold Plated. Pin: alloy 52; Skt.: copper alloy Insulator - fused vitreous glass/N.A. Seals - fluorosilicone rubber/N.A. Metric dimensions (mm) are indicated in parentheses.
(c) 2009 Glenair, Inc. www.glenair.com
CAGE CODE 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
B-17
MIL-DTL 38999 Type
B


▲Up To Search▲   

 
Price & Availability of 231-103-H7FT09-35PA-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X