Part Number Hot Search : 
PSWT9012 MIC5164 00GA1 EM73362 EML12 04G5T SP1820 BR808
Product Description
Full Text Search
 

To Download 230-025FT8-3PW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 230-025 MIL-DTL-83723/81 Series III Type Hermetic
Bayonet Coupling Jam-Nut Mount Receptacle with Solder Cup Terminals
Alternate Insert Arrangement W, X, Y, or Z (Omit for Normal)
MIL-DTL 83723
Connector Style 025 = Hermetic Single Hole Jam-Nut Mount Receptacle
Insert Arrangement Per MIL-STD-1554
230 - 025
Series 230 MIL-DTL-83723 Type
FT
12 - 3
Shell Size
P
Contact Type P = Solder Cup
X
Material Designation FT = Carbon Steel/ Tin Plated Z1 = Stainless Steel/ Passivated
.235 Max Contact Sizes 12 & 16 .165 Max Contact Size 20 OA OD Shell I.D. 90
JJ Mounting Flat
E
1
1
B
2 3
OF
OG Max
3
2
OC Min N Thread .781 .761
.481 .461
O E Max Resilient Insert
APPLICATION NOTES 1. 2. To be identified with manufacturer's name, part number and date code, space permitting. Material/Finish: Shell* and Jam-Nut: Z1 - Stainless steel/passivated. FT - Carbon steel/tin plated. Contacts - 52 Nickel alloy/gold plated. Bayonets - Stainless steel/passivated. Seals - Silicone elastomer/N.A. Insulation - Glass/N.A. Glenair 230-025 will mate with any QPL MIL-DTL-83723/75 & 77 Series III bayonet coupling plug of same size, keyway, and insert polarization. * Additional shell materials available, including titanium and Inconel(R). Consult factory for ordering information. (c) 2009 Glenair, Inc. www.glenair.com CAGE CODE 06324 Printed in U.S.A. E-Mail: sales@glenair.com 4. Performance: Hermeticity <1 x 10-7 cc He/sec @ 1 atmosphere differential. Dielectric withstanding voltage - Consult factory or MIL-STD-1554. Insulation resistance - 5000 MegOhms min @ 500VDC. Consult factory and/or MIL-STD-1554 for arrangement, keyway, and insert position options. Metric Dimensions (mm) are indicated in parentheses.
5. 6.
3.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
E-8
Bayonet Coupling Jam-Nut Mount Receptacle with Solder Cup Terminals
.125 Max Thick Panel Jam Nut Per Table
EE
1
FF
3 2
Painted Bayonet Pin Ends
Panel Cut Out
HERMETIC LEAK RATE MOD CODES Designator
-585A -585B -585C
Required Leak Rate
1 x 10-10 cc's Helium per second 1 x 10-9 cc's Helium per second 1 x 10-8 cc's Helium per second
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS
Shell Size 8 10 12 14 16 18 20 22 24 A Dia Max B C Dia Min E Dia D Dia Resilient Shell I.D. Insert .433/.428 (11.0/10.9) .535/.530 (13.6/13.5) .312 (7.9) .388 (9.9) F Dia G Dia Max N Thread .625-20 UN-2A JJ Panel Mounting Cut-Out Flat EE Panel Cut-Out FF Jam Nut MS3186 -105 -107 -110 -111 -112 -116 -117 -120 -121
1.068 (27.1) .979 (24.9) .493 (12.5) 1.192 (30.3) 1.104 (28.0) .555 (14.1) 1.380 (35.1) 1.291 (32.8) .743 (18.9) 1.505 (38.2) 1.391 (35.3) .805 (20.4) 1.630 (41.4) 1.516 (38.5) .931 (23.6) 1.765 (44.8) 1.641 (41.7) 1.055 (26.8) 1.860 (47.2) 1.766 (44.9) 1.243 (31.6) 2.068 (52.5) 1.954 (49.6) 1.305 (33.1) 2.160 (54.9) 2.079 (52.8) 1.493 (37.9)
.536/.531 .561 (14.2) (13.6/13.5)
.596/.590 .605 (15.4) .635 (16.1) (15.1/15.0)
.659/.654 .721/.715 .696 (17.7) .750-20 UNEF-2A .730 (18.5) .760 (19.3) (16.7/16.6) (18.3/18.2)
.705/.700 .829/.824 .908/.902 .558 (14.2) .875 (22.2) .937-20 UNEF-2A .917 (23.3) .947 (24.1) (17.9/17.8) (21.1/20.9) (23.1/22.9) .774/.796 .898/.893 .971/.965 .627 (15.9) .935 (23.7) 1.000-20 UNEF-2A .980 (24.9) 1.010 (25.7) (19.7/20.2) (22.8/22.7) (24.7/24.5) .901/.896 1.025/1.020 1.096/1.090 .772 (19.6) 1.062 (27.0) 1.125-20 UNEF-2A 1.105 (28.1) 1.135 (28.8) (22.9/22.8) (26.0/25.9) (27.8/27.7) 1.220/1.214 1.007/1.002\ 1.131/1.126 .860 (21.8) 1.187 (30.1) 1.250-18 UNEF-2A) 1.229 (31.2) 1.260 (32.0) (25.6/25.5) (28.7/28.6) (31.0/30.8) 1.132/1.125 1.256/1.251 1.345/1.339 .985 (25.0) 1.312 (33.3) 1.375-18 UNEF-2A 1.354 (34.4) 1.385 (35.2) (34.2/34.0) (28.8/28.6) (31.9/31.8) 1.381/1.376 1.470/1.464 1.257/1.252 1.479 (37.6) 1.510 (38.4) 1.110 (28.2) 1.437 (36.5) 1.500-18 UNEF-2A (35.1/35.0) (37.3/37.2) (31.9/31.8) 1.382/1.377 1.506/1.501 1.595/1.587 1.562 (39.7) 1.625-18 UNEF-2A 1.604 (40.7) 1.635 (41.5) 1.235 (31.4) (35.1/35.0) (38.3/38.1) (40.5/40.3) CAGE CODE 06324
(c) 2009 Glenair, Inc. www.glenair.com
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
E-9
MIL-DTL 83723
230-025 MIL-DTL-83723/81 Series III Type Hermetic
E


▲Up To Search▲   

 
Price & Availability of 230-025FT8-3PW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X