Part Number Hot Search : 
2AD85 S6B0723 JM1AN KC7783R EB62D22 14D511 KC7783R 14D511
Product Description
Full Text Search
 

To Download 101111FHAH4M406ZA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUYIN
www.suyin.com.tw
CONNECTOR
SPECIFICATION
PART NO. DESCRIPTION. CUSTOMER. REV. : P0 APPROVED REV. DATE : 2006 / Aug / 23 CHECKED PREPARED 101111FHAH4M406ZA RJ45 1X1 TAB UP W/LED & TRANSFORMER
NAME
Kenny Chen
Bryant Tu
Nicole Lee
SUYIN CORPORATION
TAIWAN HEAD OFFICE NO. 377.Fu-The First Re., His-Chih, Taipei Hsien, Taiwan, R.O.C. TEL(886) 2-2694-7697 (Rep) FAX(886) 2-2694-8407 2694-8047 E-mailLesley@suyin.com.tw
90 Lorong 23 Geylang #02-01/02/03 Yong DA Industrial Building Singapore 388393
U.S.A BRANCH OFFICE
TEL(1) 714-750-0378 FAX(1) 714-750-0379
E-mailsteven@suyinusa.com
ISRAEL BRANCH OFFICE TEL(1) 714-750-0378 FAX(1) 714-750-0379
E-mailsales@suyin.co.il
Page 1 of 9


KOREA BRANCH OFFICE TEL(82) 2-559-6017 FAX(82) 2-5596461 SUYIN ELECTRONICS (DONGGUAN) CO., LTD. E-mailyang@sdint.co.kr Suyin Road, San Zhong, GERMANY BRANCH OFFICE Qing Xl Town, Dongguan City, TEL(+49) 0-8561/238-8880 TEL(886) 2-2694-7697 (Rep) FAX(+49) 0-8561/238/8888 FAX(886) 2-2694-8407 2694-8047 E-mailmail@suyin.de E-mailkevin@suyin.com.tw JAPAN BRANCH OFFICE TEL(81) 45-266-2488 FAX(81) 45-266-2489 E-mailkanashiro@suyinjapan.com
TEL(65) 6256-6481 FAX(65) 6256-6483
E-mailalice@suyin.com.sg

HONG KONG BRANCH OFFICE TEL(852) 2-559-6017 FAX(852) 2-5596461 E-mailsuyin@netvigtor.com
SINGAPOER BRANCH OFFICE





SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 101111FHAH4M406ZA SUYIN P/N. : 101111FHAH4M406ZA CUSTOMER P/N. : DESC. : RJ45 1X1 TAB UP W/LED & TRANSFORMER
1
P/N SPECIFICATION
SUYIN P/N: 101 111 F H AH 4 A BC M4 D 06 E ZA
A. Transformer Speed: 10/100/1000 Base-T LED Polarity: Normal B. Schematic: Refers to section 5.1
C. LED Color Code:
D. RJ Contact Plating: M2: Gold Flash selected Gold plating over 50 u" min. Nickel M3: 10u" selected Gold plating over 50 u" min. Nickel M4: 15u" selected Gold plating over 50 u" min. Nickel M5: 30u" selected Gold plating over 50 u" min. Nickel M6: 50u" selected Gold plating over 50 u" min. Nickel. E. Mechanical Series: Refers to section 2.1~2.2
Page 2 of 9
T S R G/ O
Q P N Y/ G
J C 6 H B 5 G A 4 M F 9 3 L E 8 2 K D 7 1 O/ G EGN ARO NEERG WOLLEY D E L T H GI R
G/ O Y/ G L E F O/ G T EGN ARO L E D NEERG WOLLEY 0 : D E L o/ w
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 101111FHAH4M406ZA SUYIN P/N. : 101111FHAH4M406ZA CUSTOMER P/N. : DESC. : RJ45 1X1 TAB UP W/LED & TRANSFORMER
2 MECHANICAL DIMENSIONS
2-1 Dimensions
General Tolerance :
0~10mm: 0.10 10~30mm: 0.20 30~ mm: 0.30
Page 3 of 9
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 101111FHAH4M406ZA SUYIN P/N. : 101111FHAH4M406ZA CUSTOMER P/N. :
2-2 PCB Layout
DESC. : RJ45 1X1 TAB UP W/LED & TRANSFORMER
Page 4 of 9
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 101111FHAH4M406ZA SUYIN P/N. : 101111FHAH4M406ZA CUSTOMER P/N. : DESC. : RJ45 1X1 TAB UP W/LED & TRANSFORMER
3
RECOMMEND RJ PLUG SPECIFICATION
Page 5 of 9
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 101111FHAH4M406ZA SUYIN P/N. : 101111FHAH4M406ZA CUSTOMER P/N. : DESC. : RJ45 1X1 TAB UP W/LED & TRANSFORMER
4
4-1 4-2
MATERIAL SPECIFICATION
RoHS Compliance per EU Directive 2002/95/EC Plastic Housings: A. B. C. 4-3 Main Housings: Nylon 9T , UL 94V-0, Black Transformer Housing: Nylon 9T, UL94V-0, Black Spacer: PBT, UL94V-0, Black
Terminals: A. B. C. D. RJ Contacts: Phosphor Bronze RJ Solder Pins: Brass LED Solder Pins: Brass Transformer Housing Solder Pins: Brass
4-4
Shields: A. Shield: Stainless Steel
4-5
Plating: A. B. C. D. E. RJ Contacts: As P/N specified RJ Solder Pins: 100u" min. MatteTin over 50u" Nickel under-plating LED Solder Pins: 100u" min. Tin over 50u" Nickel under-plating Transformer Housing Solder Pins: 100u" min. Matte Tin over 50u" Nickel under-plating Shield Grounding Legs: Pre-soldering, Sn/ Ag/ Cu ( 96.5/ 3/ 0.5 )
4-6 4-7
PCB: FR-4, Two Layer PCB Internal Solder Joints: Sn/ Ag/ Cu ( 96.5/ 3/ 0.5 )
Page 6 of 9
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 101111FHAH4M406ZA SUYIN P/N. : 101111FHAH4M406ZA CUSTOMER P/N. : DESC. : RJ45 1X1 TAB UP W/LED & TRANSFORMER
5
5-1
ELECTRICAL CHARACTERISTICS
Schematic

Page 7 of 9
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 101111FHAH4M406ZA SUYIN P/N. : 101111FHAH4M406ZA CUSTOMER P/N. :
5-2 Transmitter & Receiver Filter:
Insertion Loss (dB MAX) 1~125MHz -1.2 1~30MHz -18 Return Loss at 100 30~60MHz -16
DESC. : RJ45 1X1 TAB UP W/LED & TRANSFORMER
5-3 5-4 5-5 5-6 5-7
Common Mode Rejection @ 1~100 MHz: Cross Talk @ 1~100 MHz: -25dB MIN
Inductance @ 100KHz/ 0.1V, 8mA DC BIAS: HiPot Test: 1500Vrms, 60sec LED: Forward Voltage (V) @ 20mA Typical MAX 2.2 2.6
6
OPERATING & TEST REQUIRMENTS
Product is designed to meet electrical, mechanical and environmental performance requirements specified below. All tests are performed at ambient environmental conditions per MIL-STD-1344A and EIA-364 unless otherwise specified
6-1 6-2 6-3
Operating Temperature Range: Storage Temperature: Ratings: 1. 2.
0 TO +70
-40 to 85
Insulation Resistance: 500M Ohm (MIN) Dielectric Withstanding Voltage: 1000 VAC
Page 8 of 9
) NI M B d(
60~80MHz -12
80~100MHz -10
-30dB MIN
350H MIN
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 101111FHAH4M406ZA SUYIN P/N. : 101111FHAH4M406ZA CUSTOMER P/N. : DESC. : RJ45 1X1 TAB UP W/LED & TRANSFORMER
7
STORAGE REQUIRMENTS
All products shall be packaged against any physical damage and corrosion during shipment or in storage.
8
RECOMMEND WAVE SOLDERING PROFILE
Temperature( C)
Time(seconds)
PARAMETER
PREHEAT TEMPERATURE GRADIENT PREHEAT TIME PREHEAT TEMPERATURE SOLDER POT TEMPERATURE DWELL TIME PEAK BOARD TOP TEMPERATURE COOLING TEMPERATURE GRADIENT
REFERENCE
t1 T1 T PEAK t2
LEAD FREE SPECIFICATION
+1~4/sec 2~3 MIN >100 2605 3.5 SEC 190 -6/SEC MAX.
Page 9 of 9


▲Up To Search▲   

 
Price & Availability of 101111FHAH4M406ZA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X