Part Number Hot Search : 
10100CT ADP3300 UR13205 B102J W005G 1A66C ON1153 SY89216V
Product Description
Full Text Search
 

To Download V585ME16-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V585ME16-LF
PHASE NOISE (1 Hz BW, typical) 9939 Via Pasar | San Diego, CA 92126 TEL: (858) 621-2700 | FAX: (858) 621-2722 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev A1
-50 -60 -70 -80
(f) (dBc/Hz)
Voltage-Controlled Oscillator Surface Mount Module Applications * Satellite Communications * Test Instrumentations * Application Notes
* AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering
-90 -100 -110 -120 -130 -140 1 E+3 10 E+3 100 E+3
OFFSET (Hz)
Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes
Min 1000
Typ -97 -5
Max 2000
Units MHz dBc/Hz dBc
1 67 3 5.5 50
20 8 100 1 10
Vdc MHz/V dBm pF MHz/V MHz C
-40 MINI-14S Min Typ 10 15
80
Max 20
Units Vdc mA
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2
FRM-S-002 B
Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ.
2190 2110 2030 1950 1870 1790 1710 1630 1550 1470 1390 1310 1230 1150 1070 990 910 830 750 0 2 4 6 8 10 12 14 16 18 20
V585ME16-LF
Rev A1
FREQUENCY (MHz)
80 C 25 C -40 C
TUNING VOLTAGE (Vdc)
Power Curve, typ. Footprint
RECOMMENDED FOOTPRINT
12 11 10 9 8 7 6 5 4 3 2 1 0 814 SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING.
POWER OUTPUT (dBm)
0.030 MIN. CUTBACK FROM LIVE PADS
1051
1207
1348
1496
1654
1824
1988
2127
FREQUENCY (MHz)
80 C 25 C -40 C
Physical Dimensions
PIN CONFIGURATION
Z-COMM XXXXXXXX-LF W/O# D/C
P1 P2 P3 REST
Vt RF OUT Vcc GROUND
PACKAGE MINI-14S MINI-14S-L
H 0.220 0.130
MINI-14S-LOW 0.160
NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2
FRM-S-002 B


▲Up To Search▲   

 
Price & Availability of V585ME16-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X