Part Number Hot Search : 
JRC0168 HT82V KSC1070 V585ME42 Z1175 ST62P10C BUF672 SRF04
Product Description
Full Text Search
 

To Download TSM600-250F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com
PolySwitch(R) PTC Devices
Overcurrent Protection Device
Raychem Circuit Protection Products
PRODUCT: TSM600-250F
DOCUMENT: SCD 26006 PCN: A88766-000 REV LETTER: D REV DATE: MAY 8, 2007 PAGE NO.: 1 OF 1
Specification Status: RELEASED
Max Electrical Rating at 20C
Operating Voltage: 250VDC Interrupt Current: 3ARMS Fault Voltage: 600VRMS Lead Material: Tin plated brass Configuration: Two PPTC devices per TSM600 part Case Material: Nylon Resin (UL94 V-0) 1000V dielectric rating Marking:
Raychem Logo
TSM600
Part Identification Lot Identification
Terminal Description: T1 = Tip In T4 = Tip Out R2 = Ring In R3 = Ring Out TABLE I. DIMENSIONS:
A B C D E F G MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX mm: 17.0 17.6 11.2 11.7 10.4 11.2 4.8 5.2 2.5 2.8 0.6 1.0 2.2 3.1 in: (0.671) (0.691) (0.440) (0.460) (0.410) (0.440) (0.187) (0.203) (0.099) (0.111) (0.022) (0.038) (0.087) (0.122)
TABLE II. PERFORMANCE RATINGS @ 20C (unless otherwise noted):
IHOLD (A) RESISTANCE ()** @ 20 C R MIN 1.0 R TYP 3.5 R1 MAX* 7.0 TIME TO TRIP @3A (Seconds) TYP 0.8 MAX 6 OPERATING TEMPERATURE (C) MIN -40 MAX 85 Tripped state Power Dissipation @ 250V (Watts) TYPICAL 2
20C 0.250
60C 0.140
* Maximum device resistance, measured 1-hour post reflow or post trip. ** Resistance per PPTC device.
Additional Ratings @ 20C Resistance Matched: Line Balance: Agency Recognitions: Reference Documents: Precedence: Effectivity:
0.5 Ohm measured 24 hours after reflow installation 0.5 Ohm, 59 dB @ 4 kHz minimum***
Storage Temperature: Storage Humidity:
-40 to 85 C Per IPC/JEDEC J-STD-020A Level 2a
***Tested in accordance with IEEE 455 with a device having a series longitudinal balance value of at least 60dB
UL, CSA PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid.
MATERIALS INFORMATION
ROHS Compliant ELV Compliant Pb-Free
(c) 2006, 2007 Tyco Electronics Corporation. All rights reserved.


▲Up To Search▲   

 
Price & Availability of TSM600-250F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X