Part Number Hot Search : 
6404A MK325 SCH3114 F45H11G 74LVC1G KH39GM2 25U4035 2812D
Product Description
Full Text Search
 

To Download TFS30006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Filename: tfs 300.doc
Version 1.6
17.05.2006
VI TELEFILTER
Measurement condition
Ambient temperature: Input power level: Terminating impedance: * Input: Output: External Coil: 23 0 C dBm
Filter specification
TFS 300
1/5
607 || -1,7 pF 607 || -1,7 pF 122 nH
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS 300 is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed at 300,0 MHz without any tolerance. The given values for both the relative attenuation arel and the group delay ripple have to be achieved at the frequencies given below even if the centre frequency fc is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
Data
Insertion loss (reference level) Nominal frequency Centre frequency Passband Bandwidth 3 dB arel 600 13 kHz MHz ae fN fC PB BW
typ. value
3,1 300,01 MHz fN
tolerance / limit
max. 6,5 300,00 70,0 kHz dB MHz
306
kHz
min.
280
kHz
Relative attenuation fN fN fN fN 400 400 600 100 kHz kHz ... fN kHz ... fN MHz
32 32 47 60 0,9 -
dB dB dB dB s
min. min. min. min. max. max.
15 27 35 58 2 13
dB dB dB dB s dBm
Group delay ripple within PB Input power level Operating temperature range Storage temperature range Frequency inversion temperature Temperature coefficient of frequency TCf ** OTR
+ 20 -0.036 C ppm/K
- 20 C ... + 80C - 30 C ... + 85C -
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team. **) f(Hz) = TCf(ppm/K2) x (T-T0)2 x fTo(MHz)
Generated:
Checked / Approved:
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: tfs 300.doc
Version 1.6
17.05.2006
VI TELEFILTER
Filter characteristic
0 -6 -12 -18 -24 -30 -36 -42 -48 -54 -60 295
Filter specification
TFS 300
2/5
0 -4 -8 -12 -16 -20 -24 -28 -32 -36 -40 299.5
16.25 14.75 13.25 11.75 10.25 8.75 7.25 5.75 4.25 2.75 1.25 300.5 delay in s
magnitude in dB
magnitude in dB
296
297
298
299
300 301 frequency in MHz
302
303
304
305
299.6
299.7
299.8
299.9 300 300.1 frequency in MHz
300.2
300.3
300.4
Construction and pin connection
(All dimensions in mm)
7
5
1 2 3 4 5 6 7 8 Output Ground External Coil Ground Input Ground Ground Ground
300 U20
1 3
1,8 Max. 0,64
Date cod e
1
5 - 0,10
+ 0,15
3
120
1,1
2,54
50 Test circuit
L1
0,1
7
5
Date code: U V W ...
Year + week 2006 2007 2008
1,1
5
C1
1
L2
SAW
C2
L3
2, 4, 6, 7, 8 3
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: tfs 300.doc
Version 1.6
17.05.2006
VI TELEFILTER
Stability characteristics, reliability
Filter specification
TFS 300
3/5
After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Change of temperature: 4. Resistance to solder heat (reflow): 500g, 1 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5 g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N reflow possible: three times max.; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
This filter is RoHS compliant (2002/95/EG, 2005/618/EG)
Packing
Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: reel of empty components at start: reel of empty components at start including leader: trailer:
Pull Off Direction
3000 min. 300 mm min. 500 mm min. 300 mm
Tape (all dimensions in mm) W : 12,00 0,3 Po : 4,00 0,1 Do : 1,50 +0,1/-0 E : 1,75 0,1 F : 5,50 0,05 G(min) : 0,75 P2 : 2,00 0,05 P1 : 8,00 0,1 D1(min) : 1,50 Ao : 5,30 0,1 Bo : 5,30 0,1 Ct : 9,5 0,1
P1 Date Code t Do Po P2
E G Ct Bo F
Ko
Typ
PIN Marker
D1
Ao
W2
Reel (all dimensions in mm) A : 330 W1 : 12,4 +2/-0 W2(max) : 18,4 N(min) : 50 C : 13,0 +0,5/-0,2
A
C N
W1
The minimum bending radius is 45 mm.
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
G
W
Filename: tfs 300.doc
Version 1.6
17.05.2006
VI TELEFILTER
Air reflow temperature conditions
Filter specification
TFS 300
4/5
Conditions Average ramp-up rate (30C to 217C) > 100C > 150C > 217C Peak temperature Time within 5C of actual peak temperature Cool-down rate (Peak to 50C) Time from 30C to Peak temperature
Exposure less than 3C/second between 300 and 600 seconds between 240 and 500 seconds between 30 and 150 seconds max. 260C between 10 and 30 seconds less than 6C/second no greater than 300 seconds
Chip-mount air reflow profile Temperature / C
max. 260C
217C
max. 300 s
10 ... 30 s 30 ... 150 s
Time / s
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: tfs 300.doc
Version 1.6
17.05.2006
VI TELEFILTER
History
Version 1.3 Reason of Changes
Filter specification
TFS 300
5/5
Name Dr. Wall
Date 28.03.2001
Add history. Change date code from month to week. Correct tape and reel information. Use harder test conditions for point stability characteristic. Use harder conditions for vibration and damp heat Add input power level Change operating temperature range and relative attenuation Add filter characteristic Add typical values
1.4 1.5 1.6
Herrler Strehl Dr. Wall
30.07.2001 15.05.2006 17.05.2006
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS30006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X