Part Number Hot Search : 
HT46R48E GP30M BUK72 T823MB40 ETX500T T823MB40 K1299 3314G
Product Description
Full Text Search
 

To Download TCET28H-123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
TCUU EMI Line Filters
EMI Line Filters
EMI Line Filters for filtering common mode power line noise (TCUU)
Preview In recent times there has been a growing need for energy storage inductors for noise filtering in both mains line filters and DC chokes used in switched-mode power supplies. In mains line filter applications the filtering falls into two categories: common-mode noise and differential-mode noise. The line filter arrangement consists of two sections bobbin between the mains supply and the equipment. Note that the common-mode filter is wound on a single core and the differential mode filter consists of two indiviual wound cores. The common-mode noise is in relation to ground and is common to both lines. Differential mode noise is the noise between the two lines. Both types of noise are usually present to varying degrees. Token line filters TCUU series common mode choke coils are used in a wide range of prevention of radio frequency interference (RFI) and electromagnetic interference (EMI) from power supply lines and for prevention of multifunctioning of products such as measuring equipment and system equipment. Features wide range of selection, high impedance at applicable frequency, and high self-resonant frequency. The TCUU series is designed to reduce stray capacity between windings by using a single-layer coil and two sections bobbin construction on high permeability ferrite core, which offer excellent high frequency characteristics. This series provides excellent noise suppression for high frequency ranges including the FM band. This filter can also be used as a signal line with excellent withstanding voltage, since the windings are divided into two sections. Token is equipped to design and produce custom components to meet many design and reliability demands. Custom parts are available on request. Token will also produce devices outside these specifications to meet specific customer requirements, please contact our sales for more information. Features : - Easily inserted into PCB. - Small size and inexpensive type. - Highly reliable, compact & lightweight. - Magnetic shielded construction available. - Characteristics in Low Frequency Band. - AC common mode choke coil which has excellent attenuation. Applications : - Multi-Function Telephones. - Common Mode Chokes for Effective AC line Noise Prevention. - AC Adapters, Faxs Small Size Fluorescent Lights, VCRS,Color TVS. Version 2010
http://www.token.com.tw/ rfq token.com.tw
01 of 11
TOKEN
TCUU98V EMI Line Filters
Magnetic Shielded Construction (TCUU98V) Configurations & Dimensions
A
C
D
B
F
Type TCUU98V
A (max) 11.0
B (max) 16.5
C (max) 16.5
D 3.5
E 0.6
F 7.0
G 8.0
Note: Design as Customer's Requested Specifications.
Common Mode Chokes (TCUU98V) at 25C Electrical Characteristics Part Number TCUU98H-471 TCUU98H-681 TCUU98H-102 TCUU98H-222 TCUU98H-392 TCUU98H-472 TCUU98H-682 TCUU98H-103
Note: Test Freq.: 1.0kHz. Allowable Current : D.C. Current When Temperature of Coil Increased up to 40C .(Ta=25C )
Inductance (mH)(min) 0.47 0.68 1.0 2.2 3.9 4.7 6.8 10.0
Inductance Balance (H)(max) 25 25 50 50 100 100 150 200
DCR ()(max) 0.15 0.25 0.35 0.7 1.20 1.60 2.50 4.00
IDC (A)(max) 1.00 0.85 0.70 0.50 0.38 0.34 0.25 0.20
02 of 11
http://www.token.com.tw/
rfq token.com.tw
Version 2010
G
E
TOKEN
(TCUU98H) Configurations & Dimensions
TCUU98H EMI Line Filters
A
C
E
B
Type TCUU98H
A (max) 15.5
B (max) 16.5
C (max) 12.5
D 0.6
D
E 7.0
F 8.0
Note: Design as Customer's Requested Specifications.
Common Mode Chokes (TCUU98H) at 25C Electrical Characteristics Part Number TCUU98H-471 TCUU98H-681 TCUU98H-102 TCUU98H-222 TCUU98H-392 TCUU98H-472 TCUU98H-682 TCUU98H-103
Note: Test Freq.: 1.0kHz. Allowable Current : D.C. Current When Temperature of Coil Increased up to 40C .(Ta=25C )
Inductance (mH)(min) 0.47 0.68 1.0 2.2 3.9 4.7 6.8 10.0
Inductance Balance (H)(max) 25 25 50 50 100 100 150 200
DCR ()(max) 0.15 0.25 0.35 0.7 1.20 1.60 2.50 4.00
IDC (A)(max) 1.00 0.85 0.70 0.50 0.38 0.34 0.25 0.20
Version 2010
http://www.token.com.tw/
rfq token.com.tw
03 of 11
F
TOKEN
(TCUU10) Configurations & Dimensions
TCUU10 EMI Line Filters
A
C
D
F
E
Type TCUU10
A (max) 17.0
B (max) 18.5
C (max) 23.0
D 4.0
B
E 0.7
F 10.0
G 13.0
Note: Design as Customer's Requested Specifications.
Common Mode Chokes (TCUU10) at 25C Electrical Characteristics Part Number TCUU10-332 TCUU10-682 TCUU10-123 TCUU10-223 TCUU10-333 TCUU10-513
Note: Test Freq.: 1.0kHz. Allowable Current : D.C. Current When Temperature of Coil Increased up to 40C .(Ta=25C )
Inductance (mH)(min) 3.3 6.8 12.0 22.0 33.0 51.0
Inductance Balance (H)(max) 100 200 360 440 660 1000
DCR ()(max) 0.71 1.26 2.20 3.64 5.74 9.12
IDC (A)(max) 0.65 0.435 0.34 0.25 0.20 0.15
04 of 11
http://www.token.com.tw/
rfq token.com.tw
Version 2010
G
TOKEN
TCUU16 EMI Line Filters
AC Common Mode Choke Coils (TCUU16) Configurations & Dimensions
B
C
D
F
A
E
Type TCUU16
A (max) 22.0
B (max) 20.0
C (max) 28.5
D 4.5
E 0.7
F 10.0
G 13.0
Note: Design as Customer's Requested Specifications.
Common Mode Chokes (TCUU16) at 25C Electrical Characteristics Part Number TCUU16-152 TCUU16-402 TCUU16-802 TCUU16-203 TCUU16-303
Note: Test Freq.: 1.0kHz. Allowable Current : D.C. Current When Temperature of Coil Increased up to 40C .(Ta=25C )
Inductance (mH)(min) 1.5 4.0 8.0 20.0 30.0
Inductance Balance (H)(max) 40 60 80 150 200
DCR ()(max) 0.125 0.27 0.46 1.60 2.50
IDC (A)(max) 1.90 1.20 0.90 0.50 0.40
Version 2010
http://www.token.com.tw/
rfq token.com.tw
05 of 11
G
TOKEN
TCUT20 EMI Line Filters
AC Common Mode Choke Coils (TCUT20) Configurations & Dimensions
A
C
D
F
E
Type TCUT20
A (max) 17.2
B (max) 22.0
C (max) 22.5
D 4.5
E 0.8
F 10.0
G 13.0
Note: Design as Customer's Requested Specifications.
Common Mode Chokes (TCUT20) at 25C Electrical Characteristics Part Number TCUT20-222 TCUT20-392 TCUT20-103 TCUT20-183 TCUT20-223 TCUT20-333
Note: Test Freq.: 1.0kHz. Allowable Current : D.C. Current When Temperature of Coil Increased up to 40C .(Ta=25C )
Inductance (mH)(min) 2.2 3.9 10.0 18.0 22.0 33.0
Inductance Balance (H)(max) 150 150 550 600 800 800
DCR ()(max) 0.24 0.41 1.00 1.63 2.04 3.42
IDC (A)(max) 1.30 1.00 0.60 0.50 0.40 0.30
06 of 11
http://www.token.com.tw/
rfq token.com.tw
Version 2010
G
B
TOKEN
TCET24B EMI Line Filters
Magnetic Shielded Core (TCET24B) Configurations & Dimensions
B
A
C
E
D
F
Type TCET24B
A (max) 18.5
B(max) 25.5
C(max) 31.0
D 4.0
E 0.8
F 10.0
G 13.0
Note: Design as Customer's Requested Specifications.
Common Mode Chokes (TCET24B) at 25C Electrical Characteristics Part Number TCET24B-252 TCET24B-352 TCET24B-452 TCET24B-103 TCET24B-153 TCET24B-203 TCET24B-353
Note: Test Freq.: 1.0kHz. Allowable Current : D.C. Current When Temperature of Coil Increased up to 40C .(Ta=25C )
Inductance (mH)(min) 2.5 3.5 4.5 10.0 15.0 20.0 35.0
Inductance Balance (H)(max) 100 150 200 300 400 600 800
DCR ()(max) 0.13 0.18 0.21 0.47 0.73 0.87 1.58
IDC (A)(max) 2.00 1.70 1.50 1.00 0.80 0.70 0.60
Version 2010
http://www.token.com.tw/
rfq token.com.tw
07 of 11
G
TOKEN
TCET24H EMI Line Filters
Magnetic Shielded Core (TCET24H) Configurations & Dimensions
B
C
G
A
D
Type TCET24H
A (max) 18.5
B(max) 25.5
C(max) 31.0
D 4.0
E 0.8
E
F
F 10.0
G 13.0
Note: Design as Customer's Requested Specifications.
Common Mode Chokes (TCET24H) at 25C Electrical Characteristics Part Number TCET24H-252 TCET24H-352 TCET24H-452 TCET24H-103 TCET24H-153 TCET24H-203 TCET24H-353
Note: Test Freq.: 1.0kHz Allowable Current : D.C. Current When Temperature of Coil Increased up to 40C .(Ta=25C )
Inductance (mH)(min) 2.5 3.5 4.5 10.0 15.0 20.0 35.0
Inductance Balance (H)(max) 100 150 200 300 400 600 800
DCR ()(max) 0.13 0.18 0.21 0.47 0.73 0.87 1.58
IDC (A)(max) 2.00 1.70 1.50 1.00 0.80 0.70 0.60
08 of 11
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
TCET28B EMI Line Filters
Magnetic Shielded Core (TCET28B) Configurations & Dimensions
E
A
B
C
D
F
Type TCET28B
A (max) 22.0
B(max) 31.0
C(max) 35.5
D 4.0
E 0.8
F 10.0
G 13.0
Note: Design as Customer's Requested Specifications.
Common Mode Chokes (TCET28B) at 25C Electrical Characteristics Part Number TCET28B-182 TCET28B-682 TCET28B-123 TCET28B-223 TCET28B-393 TCET28B-683
Note: Test Freq.: 1.0kHz Allowable Current : D.C. Current When Temperature of Coil Increased up to 40C .(Ta=25C )
Inductance (mH)(min) 1.8 6.8 12.0 22.0 39.0 68.0
Inductance Balance (H)(max) 100 200 400 500 700 850
DCR ()(max) 0.072 0.23 0.38 0.65 1.43 1.82
IDC (A)(max) 2.60 1.60 1.20 1.00 0.70 0.60
Version 2010
http://www.token.com.tw/
rfq token.com.tw
09 of 11
G
TOKEN
TCET28H EMI Line Filters
Magnetic Shielded Core (TCET24H) Configurations & Dimensions
B
C
G
A
E D
D 3.5 0.5 E 0.8 0.1
Type TCET28H
A (max) 30.0
B(max) 30.0
C(max) 23.5
F 24.0 0.5
F
G 20.0 0.5
Note: Design as Customer's Requested Specifications.
Common Mode Chokes (TCET28H) at 25C Electrical Characteristics Part Number TCET28H-182 TCET28H-682 TCET28H-123 TCET28H-223 TCET28H-393 TCET28H-683
Note: Test Freq.: 1.0kHz Allowable Current : D.C. Current When Temperature of Coil Increased up to 40C .(Ta=25C )
Inductance (mH)(min) 1.8 6.8 12.0 22.0 39.0 68.0
Inductance Balance (H)(max) 100 200 400 500 700 850
DCR ()(max) 0.072 0.23 0.38 0.65 1.43 1.82
IDC (A)(max) 2.60 1.60 1.20 1.00 0.70 0.60
10 of 11
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
(TCUU98V, TCUU98H, TCUU10, TCUU16) How to Order
TCUU EMI Line Filters
TCUU98V
471 Winding
Code None D
P
Part Number: TCUU98V Vertical Type, TCUU10, TCUU16
TCUU98H Horizontal Type,
Tolerance
Inductance
Code Inductance
Standard Winding Sectional Winding
471 681 102 222
0.47mH 0.68mH 1.0mH 2.2mH
Package : P ( Bulk )
(TCUT20, TCET24B, TCET24H, TCET28B, TCET28H) How to Order
TCUU98V Part Number: TCUT20,
TCET24B, TCET24H, TCET28B, TCET28H
471
P
Inductance
Code Inductance
222 392 103 183 Package : P ( Bulk )
2.2mH 3.9mH 10.0mH 20.0mH
Back to 1st Page - EMI Line Filters (TCUU)
Version 2010
http://www.token.com.tw/ rfq token.com.tw
11 of 11


▲Up To Search▲   

 
Price & Availability of TCET28H-123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X