Part Number Hot Search : 
CLM4040 TL072AC 50243 28F016S3 EPM7192 24128 RF3378 11000
Product Description
Full Text Search
 

To Download STF3N62K3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB3N62K3, STD3N62K3, STF3N62K3 STP3N62K3, STU3N62K3
N-channel 620 V, 2.2 , 2.7 A SuperMESH3TM Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
Features
Type STB3N62K3 STD3N62K3 STF3N62K3 STP3N62K3 STU3N62K3 VDSS 620 V 620 V 620 V 620 V 620 V RDS(on) max < 2.5 < 2.5 < 2.5 < 2.5 < 2.5 ID 2.7 A 2.7 A 2.7 A(1) 2.7 A 2.7 A PD 45 W 45 W 20 W 45 W 45 W IPAK
3 1
3 2 1
1 3
DPAK
DPAK
3 1 2
1 2 3
1. Limited by package
100% avalanche tested Extremely high dv/dt capability Very low intrinsic capacitances Improved diode reverse recovery characteristics Zener-protected
TO-220
TO-220FP
Figure 1.
Internal schematic diagram
Application
Switching applications
Description
The new SuperMESH3TM series is obtained through the combination of a further fine tuning of ST's well established strip-based PowerMESHTM layout with a new optimization of the vertical structure. In addition to reducing on-resistance significantly versus previous generation, special attention has been taken to ensure a very good dv/dt capability and higher margin in breakdown voltage for the most demanding application. Table 1. Device summary
Order codes STB3N62K3 STD3N62K3 STF3N62K3 STP3N62K3 STU3N62K3 August 2009 Marking 3N62K3 3N62K3 3N62K3 3N62K3 3N62K3 Doc ID 14894 Rev 2 Package DPAK DPAK TO-220FP TO-220 IPAK Packaging Tape and reel Tape and reel Tube Tube Tube 1/20
www.st.com 20
Contents
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1 Electrical characteristics (curves) ......................... 7
3 4 5 6
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
2/20
Doc ID 14894 Rev 2
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Value Symbol Parameter TO-220 DPAK VDS VGS ID ID IDM (2) PTOT Drain-source voltage (VGS = 0) Gate- source voltage Drain current (continuous) at TC = 25 C Drain current (continuous) at TC = 100 C Drain current (pulsed) Total dissipation at TC = 25 C Derating factor VESD(G-S) dv/dt (3) VISO Tstg Tj Gate source ESD (HBM-C = 100 pF, R = 1.5 k) Peak diode recovery voltage slope Insulation withstand voltage (RMS) from all three leads to external heat sink (t = 1 s; TC = 25 C) Storage temperature Max. operating junction temperature --55 to 150 150 2.7 1.7 10.8 45 0.36 2500 9 2500 DPAK IPAK 620 30 2.7 1.7
(1) (1)
Unit TO-220FP V V A A A W W/C V V/ns V C C
10.8(1) 20 0.16
1. Limited by package 2. Pulse width limited by safe operating area 3. ISD 2.7 A, di/dt 200 A/s, VDD = 80% V(BR)DSS
Table 3.
Symbol Rthj-case Rthj-pcb Rthj-amb Tl
Thermal data
Parameter Thermal resistance junction-case max Thermal resistance junction-pcb max Thermal resistance junction-amb max Maximum lead temperature for soldering purpose -62.5 TO-220 DPAK DPAK IPAK TO-220FP 2.78 50 100 300 -6.25 -62.5 Unit C/W C/W C/W C
Doc ID 14894 Rev 2
3/20
Electrical ratings Table 4.
Symbol IAR EAS
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3 Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max) Single pulse avalanche energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max value 2.7 100 Unit A mJ
4/20
Doc ID 14894 Rev 2
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
Electrical characteristics
2
Electrical characteristics
(TC = 25 C unless otherwise specified) Table 5.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on
On /off states
Parameter Drain-source breakdown voltage Test conditions ID = 1 mA, VGS = 0 Min. 620 1 50 10 3 3.75 2.2 4.5 2.5 Typ. Max. Unit V A A A V
VDS = Max rating Zero gate voltage drain current (VGS = 0) VDS = Max rating, TC=125 C Gate-body leakage current (VDS = 0) VGS = 20 V
Gate threshold voltage VDS = VGS, ID = 50 A Static drain-source on resistance VGS = 10 V, ID = 1.4 A
Table 6.
Symbol gfs (1) Ciss Coss Crss COSS eq(1) RG Qg Qgs Qgd
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Equivalent output capacitance Intrinsic gate resistance Total gate charge Gate-source charge Gate-drain charge Test conditions VDS = 15 V, ID = 1.4 A Min. Typ. 2.1 385 55 6 32.3 10 13 2.5 7.5 Max. Unit S pF pF pF pF nC nC nC
VDS = 25 V, f = 1 MHz, VGS = 0
-
-
VGS = 0, VDS = 0 to 496 V f = 1 MHz open drain VDD = 496 V, ID = 2.7 A, VGS = 10 V (see Figure 17)
-
-
-
-
1. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
Table 7.
Symbol td(on) tr td(off) tf
Switching times
Parameter Turn-on delay time Rise time Turn-off-delay time Fall time Test conditions VDD = 310 V, ID =1.7 A, RG = 4.7 , VGS = 10 V (see Figure 16) Min. Typ. 9 6.8 22 15.6 Max Unit ns ns ns ns
-
-
Doc ID 14894 Rev 2
5/20
Electrical characteristics
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
Table 8.
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 2.7 A, VGS = 0 ISD = 2.7 A, di/dt = 100 A/s VDD = 60 V (see Figure 21) ISD = 2.7 A, di/dt = 100 A/s VDD = 60 V, Tj = 150 C (see Figure 21) Test conditions Min. 190 825 9 255 1100 10 Typ. Max. Unit 2.7 10.8 1.6 A A V ns nC A ns nC A
-
1. Pulse width limited by safe operating area 2. Pulsed: Pulse duration = 300 s, duty cycle 1.5%
Table 9.
Symbol BVGSO(1)
Gate-source Zener diode
Parameter Gate-source breakdown voltage Test conditions Igs= 1 mA (open drain) Min 30 Typ Max Unit V
1. The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components
6/20
Doc ID 14894 Rev 2
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
Electrical characteristics
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area for TO-220, IPAK, DPAK, DPAK Figure 3. Thermal impedance for TO-220, IPAK, DPAK, DPAK
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics
Doc ID 14894 Rev 2
7/20
Electrical characteristics Figure 8.
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3 Figure 9. Static drain-source on resistance
Normalized BVDSS vs temperature
Figure 10. Gate charge vs gate-source voltage Figure 11. Capacitance variations
Figure 12. Normalized gate threshold voltage vs temperature
Figure 13. Normalized on resistance vs temperature
8/20
Doc ID 14894 Rev 2
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3 Figure 14. Source-drain diode forward characteristics
Electrical characteristics
Figure 15. Maximum avalanche energy vs temperature
Doc ID 14894 Rev 2
9/20
Test circuits
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
3
Test circuits
Figure 17. Gate charge test circuit
Figure 16. Switching times test circuit for resistive load
Figure 18. Test circuit for inductive load Figure 19. Unclamped Inductive load test switching and diode recovery times circuit
Figure 20. Unclamped inductive waveform
Figure 21. Switching time waveform
10/20
Doc ID 14894 Rev 2
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK(R) packages, depending on their level of environmental compliance. ECOPACK(R) specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark.
Doc ID 14894 Rev 2
11/20
Package mechanical data
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.48 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
12/20
Doc ID 14894 Rev 2
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
Package mechanical data
TO-220FP mechanical data
Dim. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 Dia 28.6 9.80 2.9 15.90 9 3 mm. Min. 4.40 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.40 10 16 30.6 10.60 3.6 16.40 9.30 3.2 1.126 0.385 0.114 0.626 0.354 0.118 Typ Max. 4.60 2.7 2.75 0.70 1.00 1.50 1.50 5.20 2.70 10.40 Min. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch Typ. Max. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7
Dia
F1
D
F
G1 H
F2
E
L2 L5
123
L4
7012510-I
Doc ID 14894 Rev 2
G
13/20
Package mechanical data
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
TO-251 (IPAK) mechanical data
mm. DIM. A A1 b b2 b4 c c2 D E e e1 H L (L1) L2 V1 9.00 0.80 0.80 10 o 4.40 16.10 9.40 1.20 5.20 0.45 0.48 6.00 6.40 2.28 4.60 min. 2.20 0.90 0.64 typ max. 2.40 1.10 0.90 0.95 5.40 0.60 0.60 6.20 6.60
0068771_H
14/20
Doc ID 14894 Rev 2
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
Package mechanical data
TO-252 (DPAK) mechanical data
DIM. A A1 A2 b b4 c c2 D D1 E E1 e e1 H L L1 L2 L4 R V2 0o 0.60 0.20 8o 4.40 9.35 1 2.80 0.80 1 6.40 4.70 2.28 4.60 10.10 mm. min. 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 5.10 6.60 typ max. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20
0068772_G
Doc ID 14894 Rev 2
15/20
Package mechanical data
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
DPAK (TO-263) mechanical data
mm Dim Min A A1 b b2 c c2 D D1 E E1 e e1 H J1 L L1 L2 R V2 4.40 0.03 0.70 1.14 0.45 1.23 8.95 7.50 10 8.50 2.54 4.88 15 2.49 2.29 1.27 1.30 0.4 0 8 0 5.28 15.85 2.69 2.79 1.40 1.75 0.192 0.590 0.099 0.090 0.05 0.051 Typ Max 4.60 0.23 0.93 1.70 0.60 1.36 9.35 10.40 Min 0.173 0.001 0.027 0.045 0.017 0.048 0.352 0.295 0.394 0.334
inch Typ Max 0.181 0.009 0.037 0.067 0.024 0.053 0.368 0.409 0.1 0.208 0.624 0.106 0.110 0.055 0.069 0.016 8
0079457_M
16/20
Doc ID 14894 Rev 2
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
Package mechanical data
5
Package mechanical data
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
Doc ID 14894 Rev 2
17/20
Package mechanical data
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
18/20
Doc ID 14894 Rev 2
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
Revision history
6
Revision history
Table 10.
Date 10-Jul-2008 17-Aug-2009
Document revision history
Revision 1 2 First release Modified: marking of the Table 1 Changes
Doc ID 14894 Rev 2
19/20
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2009 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Philippines - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
20/20
Doc ID 14894 Rev 2


▲Up To Search▲   

 
Price & Availability of STF3N62K3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X