Part Number Hot Search : 
PA1A68 RDC10 F1030 04021 M51161 M5244B DM313 HAL106
Product Description
Full Text Search
 

To Download SPD06N60C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPD06N60C3
CoolMOS
Features
TM
Power Transistor
Product Summary V DS @ T j,max R DS(on),max ID 650 0.75 6.2 V A
* New revolutionary high voltage technology * Ultra low gate charge * Periodic avalanche rated * High peak current capability * Ultra low effective capacitances * Extreme dv /dt rated * Improved transconductance
PG-TO252
Type SPD06N60C3
Package PG-TO252
Ordering Code Q67040-S4630
Marking 06N60C3
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C Pulsed drain current1) Avalanche energy, single pulse Avalanche energy, repetitive t AR1),2) Avalanche current, repetitive t AR1) Drain source voltage slope Gate source voltage I D,pulse E AS E AR I AR dv /dt V GS V GS Power dissipation Operating and storage temperature Reverse diode dv/dt 7) Rev. 1.5 P tot T j, T stg dv/dt Page 1 I D=6.2 A, V DS=480 V, T j=125 C static AC (f >1 Hz) T C=25 C T C=25 C I D=3.1 A, V DD=50 V I D=6.2 A, V DD=50 V Value 6.2 3.9 18.6 200 0.5 6.2 50 20 30 74 -55 ... 150 15 W C V/ns 2008-04-11 A V/ns V mJ Unit A
SPD06N60C3
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case R thJC R thJA Thermal resistance, junction ambient SMD version, device on PCB, minimal footprint SMD version, device on PCB, 6 cm2 cooling area3) T sold 1.6 mm (0.063 in.) from case for 10 s 1.7 75 K/W Values typ. max. Unit
-
50
-
Soldering temperature *)
-
-
260
C
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Avalanche breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=250 A V (BR)DS V GS(th) V GS=0 V, I D=6.2 A V DS=V GS, I D=0.26 mA V DS=600 V, V GS=0 V, T j=25 C V DS=600 V, V GS=0 V, T j=150 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=3.9 A, T j=25 C V GS=10 V, I D=3.9 A, T j=150 C Gate resistance Transconductance RG g fs f =1 MHz, open drain |V DS|>2|I D|R DS(on)max, I D=3.9 A 600 2.1 700 3 3.9 V
Zero gate voltage drain current
I DSS
-
0.1
1
A
-
0.68
100 100 0.75 nA
-
1.82 1 5.6
S
*) reflow soldering, MSL3 Rev. 1.5 Page 2 2008-04-11
SPDT06N60C3
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance C iss C oss C rss V GS=0 V, V DS=25 V, f =1 MHz V GS=0 V, V DS=0 V to 480 V V DD=480 V, V GS=10 V, I D=6.2 A, R G=12 47 7 12 52 10 ns 620 200 17 28 pF Values typ. max. Unit
Effective output capacitance, energy C o(er) related4) Effective output capacitance, time related5) Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage
1)
C o(tr) t d(on) tr t d(off) tf
Q gs Q gd Qg V plateau V DD=480 V, I D=6.2 A, V GS=0 to 10 V
-
3.3 12 24 5.5
31 -
nC
V
Pulse width limited by maximum temperature T j,max only Repetitive avalanche causes additional power losses that can be calculated as P AV=E AR*f.
2) 3)
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
4)
C o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS. C o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
5)
7)
ISD<=ID, di/dt<=400A/us, VDClink=400V, VpeakRev. 1.5
Page 3
2008-04-11
SPD06N60C3
Parameter Symbol Conditions min. Reverse Diode Diode continuous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current IS I S,pulse V SD t rr Q rr I rrm V R=480 V, I F=I S, di F/dt =100 A/s T C=25 C V GS=0 V, I F=6.2 A, T j=25 C 0.97 400 3.5 25 6.2 18.6 1.2 V ns C A A Values typ. max. Unit
Typical Transient Thermal Characteristics Symbol Value typ. R th1 R th2 R th3 R th4 R th5 0.0325 0.0448 0.251 0.31 0.231 K/W C th1 C th2 C th3 C th4 C th5 C th6 Unit Symbol Value typ. 0.0000502 0.000303 0.000428 0.00243 0.00344 0.1986) Ws/K Unit
C th6 models the additional heat capacitance of the package in case of non-ideal cooling. It is not needed if R thCA=0 K/W.
6)
Rev. 1.5
Page 4
2008-04-11
SPD06N60C3
1 Power dissipation P tot=f(T C) 2 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
80 102
limited by on-state resistance 1 s
60
10
1
10 s
100 s
P tot [W]
40
I D [A]
100
DC 1 ms 10 ms
20
10-1
0 0 40 80 120 160
10-2 100 101 102 103
T C [C]
V DS [V]
3 Max. transient thermal impedance I D=f(V DS); T j=25 C parameter: D=t p/T
101
4 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
20
20 V 7V
16
0.5
6.5 V
100
Z thJC [K/W]
12
0.2 0.1 0.05 0.02 0.01 single pulse
I D [A]
6V
8 10
-1
5.5 V
4
5V
4.5 V 4V
10-2 10-6 10-5 10-4 10-3 10-2 10-1 100
0 0 5 10 15 20
t p [s]
V DS [V]
Rev. 1.5
Page 5
2008-04-11
SPD06N60C3
5 Typ. output characteristics I D=f(V DS); T j=150 C parameter: V GS
8
20 V 7V 6.5 V 5.5 V 6V
6 Typ. drain-source on-state resistance R DS(on)=f(I D); T j=150 C parameter: V GS
4
4V 4.5 V 5V 5.5 V
6
3
6V
R DS(on) []
5V
I D [A]
20 V
4
2
4.5 V
2
4V
1
0 0 5 10 15 20
0 0 2 4 6 8 10
V DS [V]
I D [A]
7 Drain-source on-state resistance R DS(on)=f(T j); I D=3.9 A; V GS=10 V
8 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
2
25
25 C
1.6
20
R DS(on) []
1.2
15
98 %
0.8
I D [A]
typ
10
150 C
0.4
5
0 -60 -20 20 60 100 140 180
0 0 2 4 6 8 10
T j [C]
V GS [V]
Rev. 1.5
Page 6
2008-04-11
SPD06N60C3
9 Typ. gate charge V GS=f(Q gate); I D=6.2 A pulsed parameter: V DD
12
10 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
102
10
25 C 120 V 480 V 25 C, 98% 150 C, 98%
8
101
150 C
V GS [V]
6
I F [A]
100 10-1 0 10 20 30 0 0.5 1 1.5 2 2.5
4
2
0
Q gate [nC]
V SD [V]
11 Avalanche SOA I AR=f(t AR) parameter: T j(start)
8
12 Avalanche energy E AS=f(T j); I D=3.1 A; V DD=50 V
250
200 6
150 4
E AS [mJ]
125 C 25 C
-3 -2 -1 0 1 2 3
I AV [A]
100
2 50
0 10 10 10 10 10 10 10
0 20 60 100 140 180
t AR [s]
T j [C]
Rev. 1.5
Page 7
2008-04-11
SPD06N60C3
13 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=0.25 mA 14 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
700
104
660
103
Ciss
V BR(DSS) [V]
C [pF]
620
102
Coss
580
101
Crss
540 -60 -20 20 60 100 140 180
100 0 100 200 300 400 500
T j [C]
V DS [V]
15 Typ. C oss stored energy E oss= f(V DS)
5
4
3
E oss [J]
2
1
0 0 100 200 300 400 500 600
V DS [V]
Rev. 1.5
Page 8
2008-04-11
SPD06N60C3
Definition of diode switching characteristics
Rev. 1.5
Page 9
2008-04-11
SPD06N60C3
PG-TO252-3-1: Outline , PG-TO-252-3-11 (D-PAK), PG-TO-252-3-21 (D-PAK)
Rev. 1.5
Page 10
2008-04-11
SPD06N60C3
Rev. 1.5
Page 11
2008-04-11


▲Up To Search▲   

 
Price & Availability of SPD06N60C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X