|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 5033951010 Active 1.50mm (.059") Pitch CLIK-MateTM Wire-to-Board PCB Receptacle, Single Row, SMT, Bottom Entry, 10 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-503395-001 (PDF) RoHS Certificate of Compliance (PDF) Series PCB Receptacles 503395 Wire-to-Board CLIK-MateTM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Product Name Physical Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Temperature Range - Operating Termination Interface: Style 10 Beige 30 No Yes Yes Yes Copper Alloy Tin Tin 1 Bottom Entry Yes Tray 0.059 In 1.50 mm Yes Yes -25C to +85C Surface Mount Search Parts in this Series 503395Series Mates With 502578 Crimp Housing . 502579 Crimp Terminal Electrical Current - Maximum per Contact Voltage - Maximum 2A 100V Material Info Reference - Drawing Numbers Application Specification Packaging Specification Product Specification Sales Drawing AS-503395-001 SPK-503395-001 PS-503395-001 SD-503395-001, SD-503395-002 This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of SD-503395-001 |