Part Number Hot Search : 
HCTS21D 708V6Q 4AHCT1 HD74HC04 TPD4104 F2004 PS104RS N27C25
Product Description
Full Text Search
 

To Download SB20100LCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB20100LCT
DUAL LOW VF SCHOTTKY RECTIFIER
VOLTAGE FEATURES
* Low forward voltage drop, low power losses * High efficiency operation * In compliance with EU RoHS 2002/95/EC directives
100 Volts
CURRENT
20 Amperes
MECHANICAL DATA
Case : TO-220AB, Plastic Terminals : Solderable per MIL-STD-750, Method 2026
.058(1.47)
Weight: 0.0655 ounces, 1.859 grams.
.042(1.07)
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum average forward rectified current (Fig.3) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode Typical thermal resistance Operating junction Storage temperature range per device per diode per diode SYMBOL VRRM I F(AV) I FSM RJC TJ TSTG VALUE 100 20 10 200 2.5 -55 to + 150 -55 to + 150
o
UNIT V A A C/W
o
C C
o
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
PARAMETER Breakdown voltage per diode SYMBOL VBR TEST CONDITIONS I R=1.0mA I F=5A I F=10A I F=5A I F=10A VR=70V Reverse current per diode (2) IR VR=100V TJ=25oC TJ=125oC TJ=25oC TJ=125oC MIN. 103 TYP. 120 0.55 0.52 0.62 12 MAX. 0.60 0.75 0.7 40 500 35 UNIT V V V A A mA
Instantaneous forward voltage per diode (1)
VF
Note.1 Pulse test : 380s pulse width, 1% duty cycle 2. Pulse test : Pulse width < 2.5ms PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE June.9.2010-REV.01 PAGE . 1
SB20100LCT
IR, Leakage Current (mA)
100
100 10 1 0.1 0.01 0.001 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 20 40 60 80 100
IF, Forward Current (A)
TJ = 125C
10
TJ = 150C TJ=125C
1
TJ = 25C
TJ = 25C Per Diode
TJ = 75C
0.1
Per Diode
VF, Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.1 Typical Forward Characteristics
12 10000
Fig.2 Typical Reverse Characteristics
IF, Forward Current (A)
10 8 6 4 2
CJ, Junction Capacitance (pF)
1000
100
Per Diode
0 0 25 50 75 100 125 150
Per Diode
10 0.1 1 10 100
TC, Case Temperature (C)
VR, Reverse Bias Voltage (V)
Fig.3 Forward Current Derating Curve
Fig.4 Typical Junction Capacitance
June.9.2010-REV.01
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB20100LCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X