Part Number Hot Search : 
R2040 XO3090 00505 BBY56 TSS3G47S H1100 SNC204 AX93167
Product Description
Full Text Search
 

To Download RG1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RG01C
PRV : 1000 Volts Io : 0.7 Ampere
FEATURES :
* * * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency Pb / RoHS Free
ULTRA FAST RECOVERY RECTIFIER DIODE
DO - 41
0.107 (2.7) 0.080 (2.0)
1.00 (25.4) MIN.
0.205 (5.2) 0.166 (4.2)
MECHANICAL DATA :
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.34 gram
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING Maximum Peak Reverse Voltage Maximum Peak Reverse Surge Voltage Maximum Average Rectified Forward Current (Note1) Maximum Peak Forward Surge Current ( 50 Hz, Half-cycle, Sine wave, Single Shot ) Maximum Forward Voltage at IF = 0.7 A Maximum Forward Current Maximum Reverse Current at Reverse voltage Maximum Reverse Current at Reverse voltage Maximum Reverse Recovery Time ( Note 2 ) Junction Temperature Range Storage Temperature Range
Notes : (1) Lead Length 10 mm. (2) Reverse Recovery Test Conditions : IF = 100 mA, IRP = 100 mA.
SYMBOL VRM VRSM IF(AV)
VALUE 1000 1000 0.7
UNIT V V A
IFSM VF IF IR Ta = 100 C IR(H) Trr TJ TSTG
10 3.3 0.5 0.05 0.5 100 - 40 to + 150 - 40 to + 150
A V A mA mA ns C C
Page 1 of 2
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( RG01C )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
100 F
specimen 100 mA IF 0.1 IRP
200S NOTE : IF = IRP = 100 mA TO 10 mA
100 mA IRP
20S
10
Trr
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
1.0 10
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
0.8
8
0.6
6
0.4
4
0.2
2
0 0 25 50 75 100 125 150 175
0 1 2 4 6 10 20 40 60 100
AMBIENT TEMPERATURE, ( C) FIG.4 - TYPICAL FORWARD CHARACTERISTICS
10 10
NUMBER OF CYCLES AT 50Hz
FIG.5 - TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
FORWARD CURRENT, AMPERES
TJ = 100 C
1.0
1.0
0.1 Ta = 25 C
0.1 TJ = 25 C
0.01
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.001 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of RG1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X