Part Number Hot Search : 
06400 WH125FU IRF3808L IRXXH420 EMIF06 MAX3030 NP32N055 EMIF06
Product Description
Full Text Search
 

To Download PCI-1718HDU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCI-1718HDU
100 kS/s, 12-bit, 16-ch Universal PCI Multifunction Card Features
ISA-Compatible with PCL-818HD 16-ch single-ended or 8-ch differential analog input 12-bit A/D converter, with up to 100 kHz sampling rate Programmable gain Automatic channel/gain scanning Onboard FIFO memory (1,024 samples) One 12-bit analog output channel 16-ch digital input and 16-ch digital output Universal PCI bus (support 3.3 V or 5 V PCI bus signal) BoardIDTM switch
RoHS
2002/95/EC
COMPLIANT
Introduction
The PCI-1718HDU and the PCL-818H series are 100 kS/s multifunction data acquisition cards that offer the five most desired measurement and control functions: 12-bit A/D conversion, 12-bit D/A conversion, digital input, digital output, and counter/timer. With 3-way compatibility, migration is possible from ISA bus to PCI bus.
Specifications
Analog Input
Channels Resolution Max. Sampling Rate FIFO Size Overvoltage Protection Input Impedance Sampling Modes Input Range
Unipolar Bipolar Accuracy (% of FSR 1LSB)
Digital Output
16 single-ended/8 differential (software programmable) 12 bits 100 kS/s 1,024 samples 30 Vp-p 100 MW Software, onboard or external programmable pacer
N/A 10 0.1 0 ~ 10 5 0.1 0~5 2.5 0.2 0 ~ 2.5 1.25 0.2 0 ~ 1.25 0.625 0.4
Channels Compatibility Output Voltage Output Capability
16 5 V/TTL Logic 0: 0.8 V max. Logic 1: 2.0 V min. Sink: 8.0 mA @ 0.8 V Source: -0.4 mA @ 2.0 V
Counter/Timer
Channels Resolution Compatibility Max. Input Frequency Reference Clock 1 16 bits 5 V/TTL 10 MHz Internal: 10 MHz External Clock Frequency: 10 MHz
PCI-1718HDU
Analog Output
Channels Resolution Output Rate Output Range
Internal Reference External Reference
1 12 bits Static update (V, software programmable)
Unipolar
0 ~ 5, 0 ~ 10 0 ~ x V @ x V (-10 x 10)
General
Bus Type I/O Connector Universal PCI 2.2 1 x DB37 female connector 2 x 20-pin box header Dimensions 175 x 100 mm (6.9" x 3.9") Power Consumption Typical: +5 V @ 850 mA Max.: +5 V @ 1 A Operating Temperature 0 ~ 60 C (32 ~ 140 F) Storage Temperature -20 ~ 70 C (-4 ~ 158 F) Operating Humidity 5 ~ 85% RH non-condensing (refer to IEC 68-1, -2, -3) Storage Humidity 5 ~ 95% RH non-condensing (refer to IEC 68-1, -2, -3) Certifications CE

Slew Rate Driving Capability Output Impedance Operation Mode Accuracy
10 V/s 10 mA 0.1 W max. Software polling INLE: 1LSB
Digital Input
Channels Compatibility Input Voltage 16 5 V/TTL Logic 0: 0.8 V max., Logic 1: 2 V min.
Data Acquisition Boards
PCI-1718HDU Ordering Information
PCI-1718HDU PCL-10120-1 PCL-10120-2 PCL-10137-1 PCL-10137-2 PCL-10137-3 PCLD-8115 PCLD-880 100 kS/s, 12-bit, 16-ch Univ. PCI Multi. Card 20-pin Flat Cable, 1 m 20-pin Flat Cable, 2 m DB37 Cable, 1 m DB37 Cable, 2 m DB37 Cable, 3 m Wiring Board w/ CJC Circuit & One DB37 Cable Wiring Board w/ Two 20-pin Flat Cables & Adapter
Pin Assignments
A/D S0 A/D S1 A/D S2 A/D S3 A/D S4 A/D S5 A/D S6 A/D S7 A.GND A.GND V.REF S0* +12 V S2* D.GND NC Counter 0 CLK Counter 0 OUT +5V
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37
A/D S8 A/D S9 A/D S10 A/D S11 A/D S12 A/D S13 A/D S14 A/D S15 A.GND A.GND DA0.OUT DA0.VREF S1* S3* D.GND EXT.TRIG Counter 0 GATE PACER
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of PCI-1718HDU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X