Part Number Hot Search : 
I506ERW 100PS 10023 BP104S01 04424 15009 L6386AD MFL2815S
Product Description
Full Text Search
 

To Download NX3225GB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Units
NX3225GB
n Features
A small surface-mount type crystal unit, ideal for an engine control CPU clock; delivering the high reliability that is particularly demanded by car electronics. lUltra compact and thin. (3.2 x 2.5 x 0.75 mm typ.) lHigh resistance to solder cracking. lStable start-up characteristics even under extremely severe environmental conditions. lExcellent environment-resistant performance, including heat, vibration and shock resistance. lMeets the requirements for re-flow profiling using lead-free solder. lConforms to AEC-Q200.
For Car Electronics
n Specifications
Item Frequency Range Overtone Order Frequency Tolerance (25 3 ) Temperature Characteristics (with reference to +25 C) Operating Temperature Range Storage Temperature Range Equivalent Series Resistance Drive Level Load Capacitance Model NX3225GB 9.84375 to 50 MHz Fundamental 50 x 10-6 150 x 10-6 -40 to +150 -40 to +150 Refer to *1 10 W (Max. 200 W) 8 pF
The above specifications are standard for this NDK product. Custom-made specifications such as load capacitance and temperature characteristics are also available. Please contact NDK sales with your enquiries.
n How to Specify an Order
When ordering our products, specify them with an "Ordering Code" that consists of the following : Model name - Frequency (Max : 9 digits) M - Number for specifying an order Example NX3225GB-12.000M-STD-CRA-2
If you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage (http://www.ndk.com/).
n Dimensions
mm
3.20.1 0.18
*1 Equivalent Series Resistance Frequency Range (MHz) 9.84375 to 12 12 to 20 20 to 50 Equivalent Series Resistance max. [] 300 120 100
Internal connections (TOP VIEW)
0.750.15
2.50.1
Reference land pattern
1.6
0.5
0.994 0.831 1.3 0.6 1.3 0.831 1.9
1.5
2.7
cu33_081212_NX3225GB_e


▲Up To Search▲   

 
Price & Availability of NX3225GB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X