|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Quartz Crystal Units NX3225GA n Features A small surface-mount type crystal unit, especially suited for small-sizing requirements. lUltra compact and thin. (3.2 x 2.5 x 0.75 mm typ.) lExcellent environmental characteristics, including heat and shock resistance. lExcellent electrical performance for OA (office automation) and AV (audiovisual) applications. lMeets the requirements for re-flow profiling using lead-free solder. lOutstanding cost performance. For OA / AV n Specifications Item Nominal frequency Overtone order Frequency tolerance (25 3 ) Frequency versus temperature characteristics (with reference to +25 C) Operating temperature range Storage temperature range Equivalent series resistance Level of drive Load capacitance The above specifications are standard for this NDK product. Custom-made specifications such as load capacitance and temperature characteristics are also available. Please contact NDK sales with your enquiries. Model NX3225GA 8 to 50 MHz Fundamental 20 x 10-6 30 x 10-6 -10 to +70 -40 to +85 Refer to *1 10 W (Max. 200 W) 8 pF n How to Specify an Order When ordering our products, specify them with an "Ordering Code" that consists of the following : Model name - Frequency (Max : 9 digits) M - Number for specifying an order Example NX3225GA-27.000M-STD-CRG-1 If you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage (http://www.ndk.com/). n Dimensions 3.20.1 *1 Equivalent Series Resistance Terminal land connections (TOP VIEW) #4 #3 mm Nominal frequency (MHz) 8 to 9.8 9.8 to 12 12 to 13 13 to 20 Equivalent Series Resistance max. [] 500 200 100 80 50 2.50.1 #1 0.750.15 #2 20 to 50 *#2 and #4 are not connected. Land pattern (Typical) #1 #2 1.6 0.9 #4 1.0 2.2 #3 2.2 1.4 1.2 1.6 cu26_090920_NX3225GA_e |
Price & Availability of NX3225GA |