Part Number Hot Search : 
B7105 62834 BAS40S 96SA20TA 4PC50F XF200 0441025 2SD47
Product Description
Full Text Search
 

To Download NTD6600N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTD6600N Power MOSFET
100 V, 12 A, N-Channel, Logic Level DPAK
Features
* Source-to-Drain Diode Recovery Time Comparable to a * * *
Discrete Fast Recovery Diode Avalanche Energy Specified Logic Level Pb-Free Packages are Available
V(BR)DSS 100 V
http://onsemi.com
RDS(on) TYP 118 mW @ 5.0 V ID MAX 12 A
Typical Applications
* PWM Motor Controls * Power Supplies * Converters
MAXIMUM RATINGS (TC = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Drain-to-Source Voltage (RGS = 1.0 MW) Gate-to-Source Voltage - Continuous Drain Current - Continuous @ TA = 25C Drain Current - Continuous @ TA =100C Drain Current - Pulsed (Note 3) Total Power Dissipation Derate above 25C Total Power Dissipation @ TA = 25C (Note 1) Total Power Dissipation @ TA = 25C (Note 2) Operating and Storage Temperature Range Single Pulse Drain-to-Source Avalanche Energy - Starting TJ = 25C (VDD = 50 Vdc, VGS = 5.0 Vdc, IL = 12 Apk, L = 1.0 mH, RG = 25 W) Thermal Resistance - Junction-to-Case - Junction-to-Ambient (Note 1) - Junction-to-Ambient (Note 2) Maximum Temperature for Soldering Purposes, (1/8 from case for 10 s) Symbol VDSS VDGR VGS ID ID IDM PD Value 100 100 20 12 9.0 44 56.6 0.38 1.76 1.28 -55 to +175 72 Unit Vdc Vdc Vdc Adc Apk W W/C W W C mJ 4 C/W RqJC RqJA RqJA TL 2.65 85 117 260 C 1 12 3 4 G
N-Channel D
S
MARKING DIAGRAMS
4 Drain DPAK CASE 369C (Surface Mounted) STYLE 2 YWW NT 6600G 4 Drain DPAK-3 CASE 369D (Straight Lead) STYLE 2 YWW NT 6600G 123 Gate Drain Source Y WW NT6600 G = Year = Work Week = Device Code = Pb-Free Package
TJ, Tstg EAS
2 1 3 Drain Gate Source
2
3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. When surface mounted to an FR4 board using 0.5 sq in pad size. 2. When surface mounted to an FR4 board using the minimum recommended pad size. 3. Pulse Test: Pulse Width = 10 ms, Duty Cycle = 2%.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2007
1
March, 2007 - Rev. 4
Publication Order Number: NTD6600N/D
NTD6600N
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (VGS = 0 Vdc, ID = 250 mAdc) Zero Gate Voltage Drain Current (VGS = 0 Vdc, VDS = 100 Vdc, TJ = 25C) (VGS = 0 Vdc, VDS = 100 Vdc, TJ = 125C) Gate-Body Leakage Current (VGS = 20 Vdc, VDS = 0) ON CHARACTERISTICS Gate Threshold Voltage VDS = VGS, ID = 250 mAdc) Temperature Coefficient (Negative) Static Drain-to-Source On-State Resistance (VGS = 5.0 Vdc, ID = 6.0 Adc) Drain-to-Source On-Voltage (VGS = 5.0 Vdc, ID = 12 Adc) Forward Transconductance (VDS = 10 Vdc, ID = 6.0 Adc) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING CHARACTERISTICS (Notes 4 & 5) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain Charge BODY-DRAIN DIODE RATINGS (Note 4) Diode Forward On-Voltage Reverse Recovery Time (IS = 12 Adc, VGS = 0 Vdc, dIS/dt = 100 A/ms) Reverse Recovery Stored Charge 4. Indicates Pulse Test: P.W. = 300 ms max, Duty Cycle = 2%. 5. Switching characteristics are independent of operating junction temperature. (IS = 12 Adc, VGS = 0 Vdc) (IS = 12 Adc, VGS = 0 Vdc, TJ = 125C) VSD trr ta tb QRR - - - - - - 0.90 0.80 80 50 30 0.240 1.4 - - - - - mC Vdc ns (VDS = 80 Vdc, ID = 6.0 Adc, VGS = 5.0 Vdc) (VDD = 80 Vdc, ID = 6.0 Adc, VGS = 5.0 Vdc, RG = 9.1 W) td(on) tr td(off) tf Qtot Qgs Qgd - - - - - - - 10.5 75 26 50 11.3 1.9 7.4 20 140 40 90 20 - - nC ns (VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Ciss Coss Crss - - - 463 116 36 700 225 75 pF VGS(th) 1.0 - RDS(on) VDS(on) gFS - - - 1.5 -4.4 118 1.5 10 2.0 - 146 2.2 - Vdc mV/C mW Vdc mhos V(BR)DSS 100 IDSS - - IGSS - - - - 1.0 10 100 nAdc - - mAdc Vdc Symbol Min Typ Max Unit
ORDERING INFORMATION
Device NTD6600N NTD6600N-1 NTD6600N-1G NTD6600NT4 NTD6600NT4G Package DPAK DPAK-3 DPAK-3 (Pb-Free) DPAK DPAK (Pb-Free) 2500 Tape & Reel 75 Units/Rail Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
NTD6600N
TYPICAL CHARACTERISTICS
24 VGS = 9 V ID, DRAIN CURRENT (AMPS) 21 18 15 3.4 V 12 9 6 3 0 0 2 4 6 8 10 VDS, DRAIN-TO-SOURCE VOLTAGE (V) 2.6 V 3V 10 V 4.2 V 5.5 V 4V 3.8 V TJ = 25C ID, DRAIN CURRENT (AMPS) 25 VDS 10 V 20
15
10 TJ = 150C 5 TJ = -55C TJ = 25C 0 0 1 2 3 4 5 6
VGS, GATE-TO-SOURCE VOLTAGE (V)
Figure 1. On-Region Characteristics
RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) 0.4 VGS = 5 V 0.3 RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) 0.20
Figure 2. Transfer Characteristics
TJ = 25C 0.18 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0 4 8 12 16 20 24 VGS = 10 V VGS = 5 V
TJ = 150C
0.2 TJ = 25C 0.1 TJ = -55C
0 0 4 8 ID, DRAIN CURRENT (A) 12 16
ID, DRAIN CURRENT (A)
RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
Figure 3. On-Resistance versus Drain Current and Temperature
2.5 ID = 12 A 2.25 V = 5 V GS IDSS, LEAKAGE (nA) 2.0 1.75 1.5 1.25 1.0 0.75 0.5 -50 -25 0 25 50 75 100 125 150 175 10 0 1000 10000
Figure 4. On-Resistance versus Drain Current and Temperature
VGS = 0 V TJ = 150C
100
TJ = 125C
10
20
30
40
50
60
70
80
90
100
TJ, JUNCTION TEMPERATURE (C)
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-To-Source Leakage Current versus Voltage
http://onsemi.com
3
NTD6600N
TYPICAL CHARACTERISTICS
VDS, DRAIN-TO-SOURCE VOLTAGE (V) VGS, GATE-TO-SOURCE VOLTAGE (V) 1500 Ciss 1250 C, CAPACITANCE (pF) 1000 750 Crss 500 250 0 10 Ciss TJ = 25C VDS = 0 V VGS = 0 V 8 VDS 6 QT 4 Q1 Q2 2 ID = 12 A TJ = 25C 0 0 2 4 6 8 10 12 14 16 Qg, TOTAL GATE CHARGE (nC) VGS 100 90 80 70 60 50 40 30 20 10 0 18
Coss Crss 5 0 5 10 15 20 25
VGS VDS DRAIN-TO-SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
Figure 8. Gate-to-Source and Drain-to-Source Voltage versus Total Charge
12 IS, SOURCE CURRENT (AMPS)
1000 VDS = 80 V ID = 6 A VGS = 5 V t, TIME (ns) 100 tr tf td(off) 10 td(on)
VGS = 0 V 10 8 6 4 2 0 TJ = 25C
1 1 10 RG, GATE RESISTANCE (W) 100
0
0.25
0.5
0.75
1.0
VSD, SOURCE-TO-DRAIN VOLTAGE (V)
Figure 9. Resistive Switching Time Variation versus Gate Resistance
EAS, SINGLE PULSE DRAIN -TO - SOURCE AVALANCE ENGERGY (mJ) 1000 I D, DRAIN CURRENT (AMPS) VGS = 20 V SINGLE PULSE TC = 25C 10 ms 10 100 ms 1.0 RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 0.1 0.1 1.0 10 1 ms 10 ms dc 80 70 60 50 40 30 20 10 0 25
Figure 10. Diode Forward Voltage versus Current
ID = 12 A
100
100
1000
50
75
100
125
150
175
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
TJ, STARTING JUNCTION TEMPERATURE (C)
Figure 11. Maximum Rated Forward Biased Safe Operating Area
Figure 12. Maximum Avalanche Energy versus Starting Junction Temperature
http://onsemi.com
4
NTD6600N
PACKAGE DIMENSIONS
DPAK CASE 369C-01 ISSUE O
-T- B V R
4 SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.180 0.215 0.025 0.040 0.020 --- 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.22 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.57 5.45 0.63 1.01 0.51 --- 0.89 1.27 3.93 ---
C E
A S
1 2 3
Z U
K F L D G
2 PL
J H 0.13 (0.005)
M
DIM A B C D E F G H J K L R S U V Z
T
STYLE 2: PIN 1. GATE 2. DRAIN 3. SOURCE 4. DRAIN
SOLDERING FOOTPRINT*
6.20 0.244 2.58 0.101 5.80 0.228 1.6 0.063 6.172 0.243 3.0 0.118
SCALE 3:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
NTD6600N
PACKAGE DIMENSIONS
DPAK-3 CASE 369D-01 ISSUE B
C E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.090 BSC 0.034 0.040 0.018 0.023 0.350 0.380 0.180 0.215 0.025 0.040 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.35 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 2.29 BSC 0.87 1.01 0.46 0.58 8.89 9.65 4.45 5.45 0.63 1.01 0.89 1.27 3.93 ---
B V R
4
Z A
3
S -T-
SEATING PLANE
1
2
K
F D G
3 PL
J H 0.13 (0.005)
M
DIM A B C D E F G H J K R S V Z
T
STYLE 2: PIN 1. GATE 2. DRAIN 3. SOURCE 4. DRAIN
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
NTD6600N/D


▲Up To Search▲   

 
Price & Availability of NTD6600N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X