Part Number Hot Search : 
KB40C02A A3842 M3529XR 6KE100A SMB30CA IRFU540 ADN2814 C441PM
Product Description
Full Text Search
 

To Download NHD-43-480272YF-ATXI-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 User's Guide
NHD-4.3-480272YF-ATXI#-1
LCM
(Liquid Crystal Display Module)
For product support, contact
Newhaven Display International 2511 Technology Drive, #101 Elgin, Illinois 60123
Tel: (847) 844-8795 Fax: (847) 844-8796
December 18, 2008
Newhaven Display
NHD-4.3-480272YF-ATXI#-1
Revision History
Date Rev. No. Page Summary
Contents
General Description 1. Absolute Maximum Ratings
1.1 Absolute Ratings Of Environment 1.2 Electrical Absolute Ratings
-------------------------- (4) -------------------------- (6)
2. Optical Characteristics 3. Electrical Characteristics
3.1 TFT-LCD Module 3.2 Back-light Unit 4.. Block Diagram
------------------------- (8) ------------------------ (12)
-------------------------- (14)
4.1 TFT-LCD Module(Interface System Structure) with Back Light Unit 4.2 Back-light Unit
5. Input Terminal Pin Assignment
5.1 5.2 5.3 5.4
-------------------------- (15)
Input Signal & Power Back-Light Unit Input Signal, Basic Display colors and Gray Scale of Each Colors Pixel Format
6. Interface Timing 7. Power On/Off Sequence 8. Outline Dimension 9. Packing 10.Others 11. General Precaution
11.1 11.2 11.3 11.4 Handling Storage Operation Others
----------------------------------------------------------------------------------------------------------------------------------------------------------
(18) (23) (24) (25) (26) (27)
General Description
* Description NHD-4.3-480272YF-ATXI#-1 is a transmissive type color TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFT as a switching devices. This model is composed of a TFT-LCD module, a driver circuit and a back-light unit. The resolution of a 4.3" contains 480x272(RGB) dots and can display up to 16.7M colors. * Features - triple-gate & Dual ASG - Transmissive with seven LED backlight - TN(Twisted Nematic) mode. - Column inversion mode. - 24bit RGB Interface - DE(Data Enable) & SYNC mode - DE, Vsync, Hsync, DOTCLK * Applications - Display terminals for PMP(Portable Multimedia Player) , Portable CNS(P-CNS) , MP3 application products. - Display terminals for AV application products.
* General information Items Display area Driver element Display colors Number of dots Pixel arrangement Pixel pitch Display mode Viewing direction * Mechanical information Item Module size Horizontal(H) Vertical(V) Depth(D) Weight Min. 105.3 67.0 3.75 Typ. 105.5 67.2 3.95 TBD Max. 105.7 67.4 4.15 TBD Unit mm mm mm g Note (1) (1) (2) Specification 95.04(H) x 53.856(V) (4.3" diagonal) a-Si TFT active matrix 16,777,212 480(H) x 272 x RGB(V) RGB stripe 0.198(H) x 0.198(V) Normally White 6 Unit mm colors dot mm o'clock Note 128dpi -
Note (1) Not include FPC. Refer to the Outline Dimension in the "8. Outline Dimension" for further information. (2) Module and Back-light unit are included.
Absolute Ratings Of
1.2 Electrical Absolute Ratings (1) TFT-LCD Module
(Ta = 25 2C, VSS=GND=0)
Item Input voltage
Symbol VDD
Min. -0.3
Max. 4.6
Unit V
Note -
(2) Back-Light Unit
(Ta = 25 2C)
Item Current
Symbol IB
Min. -
Max. 25
Unit. mA
Note (1)
Note (1) Permanent damage to the device may occur if maximum values are exceeded or reverse voltage is loaded. Functional operation should be restricted to the conditions described under normal operating conditions.
2. Optical Characteristics
The following items are measured under stable conditions. The optical characteristics should be measured in a dark room or equivalent state with the methods shown in Note (1). Measuring equipment: LCD-5000, BM-5A, BM-7, PR-650, EZ-Contrast
(Ta=25 2C , VDD=3.3V, fv=60Hz , fDCLK=9.2MHz , IL=20mA)
Item Contrast ratio (Center point) Luminance of white (Center point) Response time Rising Falling White Color chromaticity (CIE 1931) Red Green Blue Hor. Viewing angle Ver.
Symbol Condition C/R YL TR TF Wx Wy Rx Ry Gx Gy Bx By
L R H L
Min. TBD
Typ. 400 350 5 25 TBD TBD TBD TBD TBD TBD TBD TBD 80 80 60 60
Max. 15 30 TBD TBD TBD TBD TBD TBD TBD TBD -
Unit cd/ msec
NOTE (1) =0 =0 Normal Viewing Angle B/L On
TBD TBD TBD TBD TBD TBD TBD TBD TBD 75 75 55 55
Note (2) BM-5A (3) BM-5A (4) BM-7
-
(5) PR-650
C/R 10 B/L On
Degrees
(6) Ez-Contrast
Note (1) Test Equipment Setup After stabilizing and leaving the panel alone at a given temperature for 30 min , the measurement should be executed. Measurement should be executed in a stable, windless, and dark room. 30 min after lighting the back-light. This should be measured in the center of screen. Environment condition : Ta = 25 2 C Back-Light On condition
Photodetector Photodetector BM-5A BM-7 PR-650 Field 1 1 1 BM-5A : 40 BM-7 TFT - LCD Module LCD Panel : 50 PR-650: 50 Field
The center of the screen
Back-Light Off condition
Photodetector LCD-5000
Field 1
Photodetector Light source : Halogan lamp or D65
Reflected light
LCD-5000 : 50
Incident light
30
TFT - LCD Module LCD Panel
The center of the screen
Optical Measuring Equipment Setup
Note (2) Definition of Contrast Ratio (C/R) : Ratio of gray max (Gmax) & gray min (Gmin) at the center point
CR =
G max G min
* Gmax : Luminance with all pixels white * Gmin : Luminance with all pixels black
Note (3) Definition of Luminance of White : Luminance of white at the center point (@ )
Note (4) Definition of Response time : Sum of
Display data White(TFT OFF)
Tr ,Tf
White(TFT OFF)
Black(TFT ON)
TR Optical Response 100% 90%
TF
10% 0% Time
Note (5) Definition of Color Chromaticity (CIE 1931) Color coordinate of white & red, green, blue at center point.
Note (6) Definition of Viewing Angle :
Viewing angle range (CR 10 )
Normal Line = 0o, = 0o L R L =90o x L H 12 o'clock direction H = 90o
y
6 o'clock y' direction L= 90o
x'
R =90o
3. Electrical Characteristics
3.1 TFT-LCD Module
Ta = 25 2C
ITEM
Symbol
Min.
Typ.
Max.
Unit
Note
Logic supply voltage Vsync Frequency Hsync Frequency Main Frequency White Power Dissipation Black
VDD fv fH fDCLK -
2.9 -
3.3 60 17.26 9.2 80 85
3.5 70 15.0 95 100
V Hz kHz MHZ mW mW
(1),(2)
Note (1). fV=60Hz, fDCLK=9.2MHZ, VDD=3.3V Note (2). Power Dissipation check pattern
a) White Pattern
b) Black Pattern
3.2 Back-Light unit
The back-light system is an edge-lighting type with seven white LED(Light Emitting Diode)s.
(Ta=25 2C)
Item
Symbol
Min.
Typ.
Max.
Unit
Note
LEDs Current Power Consumption
IB PBL
-
20 480
TBD TBD
mA mW
(1) (2)
Note (1) Seven LEDs serial type. (2) Where IB = 20 mA, VB = PBL / IB
4. Block Diagram
4.1 TFT-LCD Module (Interface System Structure) with Back Light Unit
4.2 Back-light Unit
5. INTERFACE PIN CONNECTIONS
PIN 1 2 3 4 5-12 13-20 21-28 29 30 31 32 33 34 35 36 37 38 39 40 SYMBOL LEDLED+ GND VCC [R0-R7] [G0-G7] [B0-B7] GND PCLK DISP HYSNC VSYNC DE AVDD GND XR YD XL YU FUNCTION Cathode of LED backlight Anode of LED backlight Ground for the logic and analog circuit A power supply for the internal logic circuit and for the I/O circuit RED data signal GREEN data signal BLUE data signal Ground for the logic and analog circuit Clock signal to sample each data Display ON/OFF signal Line synchronization signal Frame synchronization signal Data enable A power supply for the internal analog circuit.AVDD=5.0V Ground for the logic and analog circuit No Connect
5.3 Input Signal,Basic Display Colors and Gray Scale of
DATA SIGNAL COLOR DISPLAY RED GREEN
Each Colors
GRAY BLUE SCALE LEVEL R0 R1 R2 R3~R252 R253 R254 R255 G0 G1 G2 G3~G252 G253 G254 G255 B0 B1 B2 B3~B252 B253 B254 B255
R0 R1 R2 R3 R4 R5 R6 R7 G0 G1 G2 G3 G4 G5 G6 G7 B0 B1 B2 B3 B4 B5 B6 B7 BLACK BLUE GREEN BASIC COLOR CYAN RED MAGENTA YELLOW WHITE BLACK 0 0 0 0 1 1 1 1 0 1 GRAY SCALE OF RED LIGHT DARK 0 : : 1 0 RED BLACK 1 0 0 GRAY SCALE OF GREEN LIGHT DARK 0 : : 0 0 GREEN BLACK 0 0 0 GRAY SCALE OF BLUE LIGHT DARK 0 : : 0 0 BLUE 0 0 0 0 0 0 0 : : 0 0 0 0 0 0 0 0 0 : : 0 0 0 0 0 0 0 1 1 1 1 0 0 1 : : 0 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 : : 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 0 1 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 0 1 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 0 1 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 0 1 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 1 1 0 0 1 1 0 0 0 : : 0 0 0 0 1 0 : : 1 0 1 0 0 0 : : 0 0 0 0 1 1 0 0 0 : : 0 0 0 1 1 1 0 0 0 : : 0 0 0 0 0 1 1 0 0 1 1 0 0 0 : : 0 0 0 0 0 1 0 0 1 1 0 0 1 1 0 0 0 : : 0 0 0 0 0 0 0 0 1 1 0 0 1 1 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1 0 0 0 : : 0 0 0 0 0 1 1 0 0 1 1 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1 0 0 0 : : 0 0 0 0 0 1 1 0 0 1 1 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1 0 0 0 : : 0 0 0 0 0 1 1 0 0 1 1 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1 0 0 0 : : 0 0 0 0 0 1 1 0 0 1 1 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1 0 0 0 : : 0 0 0 0 1 0 1 0 1 0 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 1 0 : : 1 0 1 0 0 0 0 0 1 : : 0 1 1 0 0 0 0 0 0 : : 1 1 1 0 1 0 1 0 1 0 1 0 0 0 : : 0 0 0 0 0 0 0 1 0 1 0 1 0 1 0 0 0 : : 0 0 0 0 0 0 0 1 0 1 0 1 0 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1 0 1 0 1 0 1 0 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1 0 1 0 1 0 1 0 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1 0 1 0 1 0 1 0 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1 0 1 0 1 0 1 0 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1
Note)
Definition of Gray : Rn : Red Gray, Gn : Green Gray, Bn : Blue Gray (n = Gray level) Input Signal : 0 = Low level voltage, 1 = High level voltage
5.4 PIXEL FORMAT
6. INTERFACE TIMING 6-1. Vertical timing
Signal
Frame Frequency VSYNC(Frame) Period VSYNC Low width Vertical Display Period Vertical Back porch Vertical Front porch
Symbol
fFRM VCYC VLW VDP VBP VFP
Min.
239 1
Typ.
60 288 10 272
Max.
70 335 -
Unit
Hz H H H H H
Note
2
12 4
6-2. Horizontal timing
Signal
HSYNC(1H) Period HSYNC Low width Horizontal Display Period Horizontal Back porch
Symbol
HCYC HLW HDP HBP HFP fDOTCLK
Min.
490 4 8 2 -
Typ.
533 41 480 45 8 9.2
Max.
605 15
Unit
DOTCLK DOTCLK DOTCLK DOTCLK DOTCLK MHz
Note
Horizontal Front porch DOTCLK Frequence
@fFRM=60Hz
6-3. AC characteristics
Operating at VDD=2.25~2.9V , Ta = -40 ~+85
Parameter VSYNC,HSYNC setup time ENABLE (DE) setup time ENABLE (DE) hold time DOTCLK "Low" level pulse width DOTCLK "High" level pulse width DOTCLK cycle time Data setup time Data hold time DOTCLK,VSYNC,HSYNC clock rise/fall time Symbol Min.
10 10 10 25 25 66.7 10 10
Typ.
-
Max.
-
Unit
tSYNCS tENS tENH PWDL PWDH tCYCD tPDS tPDH trgbr trgbf
ns -
-
-
5
Operating at VDD=2.25~2.9V , Ta = -40 ~+85
7. Power On/Off Sequence
Power Supply VDD
Interface Signal
Display On/Off Signal
Power Supply for LED unit
9. Packing
2 4 1
6
30 150 Note (1) Total : Case: Approx. : TBD Kg Box: Approx. : TBD Kg (2) Size : Case: 490(W) x 342(D) x 58(H) Box: 505(W) x 355(D) x 312(H) (3) Place the panels in the tray facing the direction shown in the figure. (4) Place 4 tray and cover(empty tray) and pads inside the packing-case. (5) Place 5 packing-case inside the packing-box. (Affix the label) (6) Seal the packing-box. Affix the label-safety.
10. Others
11. General Precautions
11.1 Handling
(a) When the module is assembled, it should be attached to the system firmly. Be careful not to twist and bend the module. (b) Refrain from strong mechanical shock and / or any force to the module. In addition to damage, this may cause improper operation or damage to the module and back-light unit. (c) Note that polarizers are very fragile and could be easily damaged. Do not press or scratch the surface harder than a HB pencil lead. (d) Wipe off water droplets or oil immediately. If you leave the droplets for a long time, Staining and discoloration may occur. (e) If the surface of the polarizer is dirty, clean it using some absorbent cotton or soft cloth. (f) The desirable cleaners are water, IPA(Isopropyl Alcohol) or Hexane. Do not use Ketone type materials(ex. Acetone), Ethyl alcohol, Toluene, Ethyl acid or Methyl chloride. It might permanent damage to the polarizer due to chemical reaction. (g) If the liquid crystal material leaks from the panel, it should be kept away from the eyes or mouth. In case of contact with hands, legs or clothes, it must be washed away thoroughly with soap. (h) Protect the module from static , it may cause damage to the Integrated Gate Circuit.
(i) Use finger-stalls with soft gloves in order to keep display clean during the incoming inspection and assembly process. (j) Do not disassemble the module. (k) Do not adjust the variable resistor which is located on the back side. (l) Protection film for polarizer on the module shall be slowly peeled off just before use so that the electrostatic charge can be minimized. (m) Pins of I/F connector shall not be touched directly with bare hands


▲Up To Search▲   

 
Price & Availability of NHD-43-480272YF-ATXI-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X