Part Number Hot Search : 
C1164 D1857 UM66T11S D1857 P2020 BL75R05 5NF16 NTE713
Product Description
Full Text Search
 

To Download MIC4930005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC49300
3.0A Low Voltage LDO Regulator w/Dual Input Voltages
General Description
The MIC49300 is a high-bandwidth, low-dropout, 3.0A voltage regulator ideal for powering core voltages of low-power microprocessors. The MIC49300 implements a dual supply configuration allowing for very low output impedance and very fast transient response. The MIC49300 requires a bias input supply and a main input supply, allowing for ultra-low input voltages on the main supply rail. The input supply operates from 1.4V to 6.5V and the bias supply requires between 3V and 6.5V for proper operation. The MIC49300 offers fixed output voltages from 0.9V to 1.8V and adjustable output voltages down to 0.9V. The MIC49300 requires a minimum of output capacitance for stability, working optimally with small ceramic capacitors. The MIC49300 is available in a 5-pin S-Pak. It operates over a junction temperature range of -40C to +125C.
Features
* Input Voltage Range: VIN: 1.4V to 6.5V VBIAS: 3.0V to 6.5V * Stable with 1F ceramic capacitor * 1% initial tolerance * Maximum dropout voltage (VIN-VOUT) of 500mV over temperature * Adjustable output voltage down to 0.9V * Ultra fast transient response (Up to 10MHz bandwidth) * Excellent line and load regulation specifications * Logic controlled shutdown option * Thermal shutdown and current limit protection * Power S-Pak package * Junction temperature range: -40C to 125C
Applications
* * * * * * Graphics processors PC Add-In Cards Microprocessor core voltage supply Low voltage digital ICs High Efficiency Linear power supplies SMPS post regulators
Typical Application
VIN = 1.5V VBIAS = 3.3V CBIAS = 1F Ceramic CIN = 1F Ceramic MIC49300BR IN OUT BIAS ADJ R2 COUT = 10F Ceramic VOUT = 1.0V R1
VOUT 20mV/div
Load Transient Response
GND
VBIAS = 5V VIN = 2.5V VOUT = 1.8V COUT = 10F Ceramic
Low Voltage, Fast Transient Response Regulator
IOUT 2A/div
TIME (20s/div.)
Micrel, Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel + 1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
August 2005
1
M9999-082605-B
MIC49300
Micrel, Inc.
RoHS Compliant* Output Current 3A 3A 3A 3A 3A Voltage 0.9V 1.2V 1.5V 1.8V ADJ. Temperature Range -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C Package S-Pak-5 S-Pak-5 S-Pak-5 S-Pak-5 S-Pak-5
Ordering Information
Part Number MIC49300-0.9BR MIC49300-1.2BR MIC49300-1.5BR MIC49300-1.8BR MIC49300BR
MIC49300-0.9WR* MIC49300-1.2WR* MIC49300-1.5WR* MIC49300-1.8WR* MIC49300WR*
Other voltages available. Contact Micrel for details. *RoHS compliant with 'high-melting solder' exemption.
Pin Configuration
5 4 3 2 1 VOUT VIN GND VBIAS EN/ADJ.
5-Lead S-Pak (R)
Pin Description
Pin Number 1 Pin Name Enable ADJ. 4 5 2 3 VIN VOUT VBIAS GND Pin Function Enable (Input): CMOS compatible input. Logic high = enable, logic low = shutdown. Adjustable regulator feedback input. Connect to resistor voltage divider. Input voltage which supplies current to the output power device. Regulator Output. Input Bias Voltage for powering all circuitry on the regulator with the exception of the output power device. Ground (TAB is connected to ground on S-Pak).
M9999-082605-B
2
August 2005
MIC49300
Micrel, Inc.
Absolute Maximum Ratings (Note 1)
Supply Voltage (VIN) ........................................................ 8V Bias Supply Voltage (VBIAS) ............................................ 8V Enable Input Voltage (VEN) ............................................. 8V Power Dissipation ..................................... Internally Limited ESD Rating, Note 3 ...................................................... 2kV
Operating Ratings (Note 2)
Supply Voltage (VIN) .........................................1.4V to 6.5V Bias Supply Voltage (VBIAS) ................................3V to 6.5V Enable Input Voltage (VEN) ............................... 0V to VBIAS Junction Temperature Range ..............-40C TJ +125C Package Thermal Resistance S-PAK(JC) ........................................................... 2C/W
Electrical Characteristics
TA = 25C with VBIAS = VOUT +2.1V; VIN = VOUT + 1V; bold values indicate -40C < TJ < +125C, Note 4; unless otherwise specified. Parameter Output Voltage Accuracy Line Regulation Load Regulation Dropout Voltage (VIN - VOUT) Dropout Voltage (VBIAS - VOUT) Note 4 Ground Pin Current, Note 5 Ground Pin Current in Shutdown Current thru VBIAS Current Limit Enable Input, Note 6 Enable Input Threshold (Fixed Voltage only) Enable Pin Input Current Reference Reference Voltage
Note 1. Note 2. Note 3. Note 4. Note 5. Note 6.
Conditions At 25C, fixed voltage options Over temperature range VIN = 2.0V to 6.5V IL = 0mA to 3A IL = 1.5A IL = 3A IL = 3A IL = 0mA IL = 3A VEN 0.6V, (IBIAS + ICC), Note 6 IL = 0mA IL = 3A VOUT = 0V Regulator enable Regulator shutdown
Min -1 -2 -0.1
Typ
Max +1 +2
Units % % %/V % mV mV V mA
0.01 0.2 125 280 1.5 25 25 0.07 20 50 6.5
+0.1 0.5 200 400 2.1
50 5 35 150 9
mA A mA mA A V V A V V
1.6 0.1
0.6 1.0 0.909 0.918
Adjustable option only
0.891 0.882
0.9
Exceeding the absolute maximum rating may damage the device. The device is not guaranteed to function outside its operating rating. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. For VOUT 1V, VBIAS dropout specification does not apply due to a minimum 3V VBIAS input. IGND = IBIAS + (IIN - IOUT). At high loads, input current on VIN will be less than the output current, due to drive current being supplied by VBIAS. Fixed output voltage versions only.
August 2005
3
M9999-082605-B
MIC49300
Micrel, Inc.
Functional Diagram
VBIAS VIN
Ilimit VEN / ADJ Fixed Enable Bandgap
Adj. VIN Open Circuit Fixed R1 VOUT
R2
M9999-082605-B
4
August 2005
MIC49300
Micrel, Inc.
Typical Characteristics
VIN Dropout vs. Output Current
VBIAS DROPOUT (V)
300
1.7 1.6
VBIAS Dropout vs. Output Current
400 350
VIN DROPOUT (mV)
Dropout vs. Temperature (Input Supply)
VIN DROPOUT (mV)
250 200 150 100 50 0 0 0.5 1 1.5 2 2.5 OUTPUT CURRENT (A) 3
1.5 1.4 1.3 1.2 1.1 1 0 0.5 1.0 1.5 2.0 2.5 OUTPUT CURRENT (A) 3.0
300 250 200 150 100 50 0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
Dropout Characteristics
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 VBIAS = 5V 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 SUPPLY VOLTAGE (V)
B
25
Bias Current vs. Input Supply
IOUT = 100mA
BIAS CURRENT (mA)
1000 900 800 700 600 500 400 300 200 100
Bias Current vs. Supply Voltage
IOUT = 2A
OUTPUT VOLTAGE (V)
100mA 3A
20 15 10 5 VOUT = 1.8V VBIAS = 5V IOUT = 0mA
IOUT = 3A IOUT = 1A
0 0 0.5 1 1.5 2 2.5 3 3.5 4 INPUT SUPPLY (V)
0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 SUPPLY VOLTAGE (V)
35 BIAS CURRENT (mA) 30 25 20 15 10 5 0 0
Bias Current vs. Output Current
35 BIAS CURRENT (mA) 30 25 20 15 10 5 I
Bias Current vs. Temperature
IOUT = 500mA BIAS CURRENT (mA) I
OUT
60 50 40 30 20 10
Bias Current vs. Temperature
= 100mA
IOUT = 3A IOUT = 2A
OUT
= 100A
VBIAS = 5V VIN = 2.5V 0.5 1.0 1.5 2.0 2.5 OUTPUT CURRENT (A) 3.0
IOUT = 1A
0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
SHORT CIRCUIT CURRENT (A)
1.834 OUTPUT VOLTAGE (V) 1.824 1.814 1.804 1.794 1.784 1.774
Output Voltage vs. Temperature
9 8 7 6 5 4 3 2 1
Short Circuit vs. Temperature
1.764 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
August 2005
5
M9999-082605-B
MIC49300
Micrel, Inc. Input Capacitor An input capacitor of 1F or greater is recommended when the device is more than 4 inches away from the bulk supply capacitance, or when the supply is a battery. Small, surfacemount, ceramic chip capacitors can be used for the bypassing. The capacitor should be placed within 1" of the device for optimal performance. Larger values will help to improve ripple rejection by bypassing the input to the regulator, further improving the integrity of the output voltage. Thermal Design Linear regulators are simple to use. The most complicated design parameters to consider are thermal characteristics. Thermal design requires the following application-specific parameters: * Maximum ambient temperature (TA) * Output Current (IOUT) * Output Voltage (VOUT) * Input Voltage (VIN) * Ground Current (IGND) First, calculate the power dissipation of the regulator from these numbers and the device parameters from this datasheet. PD = VIN x IIN + VBIAS x IBIAS - VOUT x IOUT The input current will be less than the output current at high output currents as the load increases. The bias current is a sum of base drive and ground current. Ground current is constant over load current. Then the heat sink thermal resistance is determined with this formula: TJ(MAX) TA SA = PD - JC + CS
Applications Information
The MIC49300 is an ultra-high performance, low dropout linear regulator designed for high current applications requiring fast transient response. The MIC49300 utilizes two input supplies, significantly reducing dropout voltage, perfect for low-voltage, DC-to-DC conversion. The MIC49300 requires a minimum of external components and obtains a bandwidth of up to 10MHz. As a Cap regulator, the output is tolerant of virtually any type of capacitor including ceramic and tantalum. The MIC49300 regulator is fully protected from damage due to fault conditions, offering linear current limiting and thermal shutdown. Bias Supply Voltage VBIAS, requiring relatively light current, provides power to the control portion of the MIC49300. VBIAS requires approximately 33mA for a 1.5A load current. Dropout conditions require higher currents. Most of the biasing current is used to supply the base current to the pass transistor. This allows the pass element to be driven into saturation, reducing the dropout to 300mV at a 1.5A load current. Bypassing on the bias pin is recommended to improve performance of the regulator during line and load transients. Small ceramic capacitors from VBIAS to ground help reduce high frequency noise from being injected into the control circuitry from the bias rail and are good design practice. Good bypass techniques typically include one larger capacitor such as a 1F ceramic and smaller valued capacitors such as 0.01F or 0.001F in parallel with that larger capacitor to decouple the bias supply. The VBIAS input voltage must be 1.6V above the output voltage with a minimum VBIAS input voltage of 3V. Input Supply Voltage VIN provides the high current to the collector of the pass transistor. The minimum input voltage is 1.4V, allowing conversion from low voltage supplies. Output Capacitor The MIC49300 requires a minimum of output capacitance to maintain stability. However, proper capacitor selection is important to ensure desired transient response. The MIC49300 is specifically designed to be stable with virtually any capacitance value and ESR. A 1F ceramic chip capacitor should satisfy most applications. Output capacitance can be increased without bound. See typical characteristics for examples of load transient response. X7R dielectric ceramic capacitors are recommended because of their temperature performance. X7R-type capacitors change capacitance by 15% over their operating temperature range and are the most stable type of ceramic capacitors. Z5U and Y5V dielectric capacitors change value by as much as 50% and 60%, respectively, over their operating temperature ranges. To use a ceramic chip capacitor with Y5V dielectric, the value must be much higher than an X7R ceramic or a tantalum capacitor to ensure the same capacitance value over the operating temperature range. Tantalum capacitors have a very stable dielectric (10% over their operating temperature range) and can also be used with this device.
(
)
The heat sink may be significantly reduced in applications where the maximum input voltage is known and large compared with the dropout voltage. Use a series input resistor to drop excessive voltage and distribute the heat between this resistor and the regulator. The low dropout properties of the MIC49300 allow significant reductions in regulator power dissipation and the associated heat sink without compromising performance. When this technique is employed, a capacitor of at least 1F is needed directly between the input and regulator ground. Refer to Application Note 9 for further details and examples on thermal design and heat sink specification. Minimum Load Current The MIC49300, unlike most other high current regulators, does not require a minimum load to maintain output voltage regulation. Power Sequencing There is no power sequencing requirement for VIN and VBIAS, giving more flexibility to the user.
M9999-082605-B
6
August 2005
MIC49300 Adjustable Regulator Design The MIC49300 adjustable version allows programming the output voltage anywhere between 0.9Vand 5V. Two resistors are used. The resistor value between VOUT and the adjust pin should not exceed 1k. Larger values can cause instability. The resistor values are calculated by: V R1 = R2 x OUT -1 0. 9 Where VOUT is the desired output voltage. Enable The fixed output voltage versions of the MIC49300 feature an active high enable input (EN) that allows on-off control of the regulator. Current drain reduces to "zero" when the device is sn}tnwn, with only microamperes of leakage current. The EN input has TTL/CMOS compatible thresholds for simple logic interfacing. EN may be directly tied to VIN and pulled up to the maximum supply voltage
Micrel, Inc.
August 2005
7
M9999-082605-B
MIC49300
Micrel, Inc.
Package Information
5-Pin S-Pak (R)
TEL + 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2005 Micrel, Incorporated.
MICREL, INC.
2180 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
M9999-082605-B
8
August 2005


▲Up To Search▲   

 
Price & Availability of MIC4930005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X