Part Number Hot Search : 
MM3Z27VC LA7668 8C839 AOB7S65 0RPEL V1N4565 NJU7054D LA7668
Product Description
Full Text Search
 

To Download MASWSS0136TR-3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASWSS0136
GaAs SPDT Switch DC - 3.0 GHz
Features
* * * * * * * Low Insertion Loss: 0.4 dB @ 2.4 GHz Moderate Isolation: 27 dB @ 2.4 GHz Low Power Consumption: 5 A @ +3.0 V Lead-Free SC-70 (SOT-363) Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible Rev. V2
Functional Schematic
C = 39 pF
V1
RFC
V2
Description
M/A-COM's MASWSS0136 is a GaAs PHEMT MMIC SPDT switch in a lead-free SC-70 (SOT-363) surface mount plastic package. The MASWSS0136 is ideally suited for applications where very small size and low cost are required. Typical applications are transmit / receive (Tx / Rx) switching in linear systems such as WLAN 802.11b/ g. Other applications include 1.9 GHz and 2.4 GHz DECT and linear systems operating up to 3.0 GHz. The MASWSS0136 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
RF1
GND
RF2
Pin 1
C = 39 pF C = 39 pF
Pin Configuration
Pin No.
1 2 3
Pin Name
RF1 GND RF2 V2 RFC V1
Description
RF Port 1 Ground RF Port 2 Control 2 RF Input Control 1
Ordering Information
Part Number
MASWSS0136 MASWSS0136TR-3000 MASWSS0136SMB
1
4
Package
Bulk packaging 3000 piece reel Sample Board
5 6
Absolute Maximum Ratings 2,3
Parameter
Input Power (0.5 - 3.0 GHz) 3 V Control Voltage Operating Temperature Storage Temperature
1. Reference Application Note M513 for reel size information.
Absolute Maximum
+30 dBm -8.5 V < Vc < +8.5 V -40C to +85C -65C to +150C
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASWSS0136
GaAs SPDT Switch DC - 3.0 GHz
Electrical Specifications: TA = 25C, VC = 0 V / 3 V, Z0 = 50 4
Parameter
Insertion Loss5 Isolation VSWR IP2 IP3
Rev. V2
Test Conditions
1.0 GHz 2.4 GHz 1.0 GHz 2.4 GHz 0.05 - 3.0 GHz Two Tone, +5 dBm / Tone, 5 MHz Spacing 2.4 GHz Two Tone, +5 dBm / Tone, 5 MHz Spacing 2.4 GHz 2.5 GHz, OFDM, QAM-64,54Mbps, EVM=2.5% 3.0 V 3.3 V 5.0 V -- 10% to 90% RF and 90% to 10% RF 50% control to 90% RF, 50% control to 10% RF -- VC = 3.0 V
Units
dB dB dB dB Ratio dBm dBm dBm dBm dBm dBm nS nS mV A
Min.
-- -- -- 25 -- -- -- -- -- -- -- -- -- -- --
Typ.
0.3 0.4 24 27 1.2:1 80 48 22.5 24.0 28.5 28 35 40 10 5
Max.
-- 0.5 -- -- -- -- -- -- -- -- -- -- -- -- 10
Linear Pout
P1dB Trise, Tfall Ton, Toff Transients Current
4. For positive voltage control, external DC blocking capacitors are required on all RF ports. 5. Insertion Loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1.0 GHz, 39 pF for 0.5 - 3.0 GHz.
Truth Table 6,7
Control V1
0 1
Lead-Free SC-70 (SOT-363)
RFC-RF1
On Off
Control V2
1 0
RFC-RF2
Off On
6. Differential voltage, V (state 1) - V (state 0), must be +2.3 V minimum and must not exceed 8.5 V. 7. 0 = 0 V 0.2 V, 1 = +2.5 V to 5.0 V
Qualification
Qualified to M/A-COM specification REL-201, Process Flow -2.
Handling Procedures
The following precautions should be observed to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
changes to the product(s) or information contained herein without notice.
MASWSS0136
GaAs SPDT Switch DC - 3.0 GHz
Typical Performance Curves
Insertion Loss
0.8
Rev. V2
Isolation
35
0.6
+25C -40C +85C
30
+25C -40C +85C
0.4
25
0.2
20
0.0 0.5
1.0
1.5
2.0
2.5
3.0
15 0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
VSWR
2.00
EVM vs. Pout @ 2.5 GHz
10
1.75
+25C -40C +85C
8
EVM @ 3 V EVM @ 3.3 V EVM @ 5 V
6 1.50 4
1.25
2
1.00 0.5
0 1.0 1.5 2.0 2.5 3.0 10 15 20 25 30 35
Frequency (GHz)
Pout (dBm)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASWSS0136TR-3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X