Part Number Hot Search : 
78L10 Z5250 5357B TA7130 5806X 25CMB M3L2828S AT25F
Product Description
Full Text Search
 

To Download IPB80N06S3-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPB80N06S3-05 IPI80N06S3-05, IPP80N06S3-05
OptiMOS(R)-T2 Power-Transistor
Product Summary V DS R DS(on),max (SMD version) ID 55 5.1 80 V m A
Features * N-channel - Enhancement mode * Automotive AEC Q101 qualified * MSL1 up to 260C peak reflow * 175C operating temperature * Green product (RoHS compliant) * 100% Avalanche tested PG-TO263-3-2 PG-TO262-3-1 PG-TO220-3-1
Type IPB80N06S3-05 IPI80N06S3-05 IPP80N06S3-05
Package PG-TO263-3-2 PG-TO262-3-1 PG-TO220-3-1
Marking 3N0605 3N0605 3N0605
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current1) Symbol ID Conditions T C=25 C, V GS=10 V T C=100 C, V GS=10 V2) Pulsed drain current2) Avalanche energy, single pulse2) Avalanche current, single pulse Gate source voltage3) Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 I D,pulse E AS I AS V GS P tot T j, T stg T C=25 C T C=25 C I D=40 A Value 80 80 320 345 80 20 165 -55 ... +175 55/175/56 mJ A V W C Unit A
Rev. 1.1
page 1
2007-11-07
IPB80N06S3-05 IPI80N06S3-05, IPP80N06S3-05
Parameter Symbol Conditions min. Thermal characteristics2) Thermal resistance, junction - case Thermal resistance, junction ambient, leaded SMD version, device on PCB R thJC R thJA R thJA minimal footprint 6 cm2 cooling area4) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D= 1 mA V GS(th) I DSS V DS=V GS, I D=110 A V DS=55 V, V GS=0 V, T j=25 C V DS=55 V, V GS=0 V, T j=125 C2) Gate-source leakage current Drain-source on-state resistance I GSS RDS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=63 A V GS=10 V, I D=63 A, SMD version 55 2.1 3.0 4.0 1 A V 0.9 62 62 40 K/W Values typ. max. Unit
-
1 1 4.0 3.7
100 100 5.4 5.1 nA m
Rev. 1.1
page 2
2007-11-07
IPB80N06S3-05 IPI80N06S3-05, IPP80N06S3-05
Parameter Symbol Conditions min. Dynamic characteristics2) Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics2) Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode2) Diode continous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge
1)
Values typ. max.
Unit
C iss C oss Crss t d(on) tr t d(off) tf V DD=27.5 V, V GS=10 V, I D=80 A, R G=3.5 V GS=0 V, V DS=25 V, f =1 MHz
-
10760 1640 1560 37 50 46 47
-
pF
ns
Q gs Q gd Qg V plateau V DD=11 V, I D=80 A, V GS=0 to 10 V
-
73 35 158 6.2
240 -
nC
V
IS I S,pulse V SD t rr Q rr
T C=25 C V GS=0 V, I F=80 A, T j=25 C V R=27.5 V, I F=I S, di F/dt =100 A/s
0.6 -
0.9 70 100
80 320 1.3 -
A
V ns nC
Current is limited by bondwire; with an R thJC = 0.9 K/W the chip is able to carry 130 A at 25C. For detailed information see Application Note ANPS071E
2) 3) 4)
Defined by design. Not subject to production test. Qualified at -5V and +20V.
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.1
page 3
2007-11-07
IPB80N06S3-05 IPI80N06S3-05, IPP80N06S3-05
1 Power dissipation P tot = f(T C); V GS 6 V 2 Drain current I D = f(T C); V GS 6 V
180 160 140 120
100
80
60
P tot [W]
80 60 40 20 0 0 50 100 150 200
I D [A]
40 20 0 0 50 100 150 200
100
T C [C]
T C [C]
3 Safe operating area I D = f(V DS); T C = 25 C; D = 0 parameter: t p
1000
4 Max. transient thermal impedance Z thJC = f(t p) parameter: D =t p/T
101
1 s 10 s 100 s
100
0.5
100
1 ms
Z thJC [K/W]
I D [A]
10-1
0.1 0.05
10 10
-2
0.01
single pulse
1 0.1 1 10 100
10
-3
10-7
10-6
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 1.1
page 4
2007-11-07
IPB80N06S3-05 IPI80N06S3-05, IPP80N06S3-05
5 Typ. output characteristics I D = f(V DS); T j = 25 C parameter: V GS
200
10 V 8V
6 Typ. drain-source on-state resistance R DS(on) = f(I D); T j = 25 C parameter: V GS
20
5V 6V
180 160 140 120
7V
18 16 14
R DS(on) [m]
6V 5.5 V
I D [A]
12 10 8 6 4 2
100 80 60 40 20 0 0 2 4 6 8
8V 10 V
5V 4.5 V
0
20
40
60
80
100
120
V DS [V]
I D [A]
7 Typ. transfer characteristics I D = f(V GS); V DS = 6V parameter: T j
200 180 160 140
175 C -55 C
8 Typ. drain-source on-state resistance R DS(on) = f(T j); I D = 80 A; V GS = 10 V
7
25 C
6
R DS(on) [m]
2 3 4 5 6 7 8
120
5
I D [A]
100 80 60 40
4
3 20 0 2 -60 -20 20 60 100 140 180
V GS [V]
T j [C]
Rev. 1.1
page 5
2007-11-07
IPB80N06S3-05 IPI80N06S3-05, IPP80N06S3-05
9 Typ. gate threshold voltage V GS(th) = f(T j); V GS = V DS parameter: I D
4
10 Typ. capacitances C = f(V DS); V GS = 0 V; f = 1 MHz
3.5
Ciss
3
C [pF]
1150A
104
Coss
V GS(th) [V]
115A
2.5
Crss
2
103
1.5
1 -60 -20 20 60 100 140 180
102 0 5 10 15 20 25 30
T j [C]
V DS [V]
11 Typical forward diode characteristicis IF = f(VSD) parameter: T j
103
12 Typ. avalanche characteristics I A S= f(t AV) parameter: T j(start)
100
25C
100C 150C
102
I AV [A]
101
175 C 25 C
I F [A]
10
100 0 0.2 0.4 0.6 0.8 1 1.2 1.4
1 0.1 1 10 100 1000
V SD [V]
t AV [s]
Rev. 1.1
page 6
2007-11-07
IPB80N06S3-05 IPI80N06S3-05, IPP80N06S3-05
13 Typical avalanche energy E AS = f(T j) parameter: I D
2000 66 64
20 A
14 Typ. drain-source breakdown voltage V BR(DSS) = f(T j); I D = 1 mA
1600
62 60
V BR(DSS) [V]
1200
58 56 54 52
E AS [mJ]
40 A
800
400
80 A
50 48
0 0 20 40 60 80 100 120 140 160 180
46 -60 -20 20 60 100 140 180
T j [C]
T j [C]
15 Typ. gate charge V GS = f(Q gate); I D = 80 A pulsed parameter: V DD
12
16 Gate charge waveforms
10
11 V
44 V
V GS
Qg
8
V GS [V]
6
4
2
Q gate
0 0 50 100 150 200 250
Q gs
Q gd
Q gate [nC]
Rev. 1.1
page 7
2007-11-07
IPB80N06S3-05 IPI80N06S3-05, IPP80N06S3-05
Published by Infineon Technologies AG 81726 Munich, Germany
(c) Infineon Technologies AG 2007
All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of noninfringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.1
page 8
2007-11-07
IPB80N06S3-05 IPI80N06S3-05, IPP80N06S3-05
Revision History Version Date Changes
Data Sheet 2.1
15.12.2006 Removal of ordering code Implementation of avalanche 15.12.2006 current single pulse
Data Sheet 2.1
Data Sheet 2.1
15.12.2006 Update of Infineon address Removal of foot note 3, avalanche 15.12.2006 diagrams
Data Sheet 2.1
Data Sheet 2.1
15.12.2006 Implementation of Qrr and trr typ
Data Sheet 2.1
15.12.2006 Update of disclaimer Implementation of RoHS and AEC 15.12.2006 logo, update of feature list
Data Sheet 2.1
Data Sheet 1.1
16.10.2007 Update of data sheet layout
Data Sheet 1.1
16.10.2007 Adaptation of Ias implementation of footnote 2 for 16.10.2007 Eas specification removal of Vdg specification from 16.10.2007 data sheet
Data Sheet 1.1
Data Sheet 1.1
Rev. 1.1
page 9
2007-11-07


▲Up To Search▲   

 
Price & Availability of IPB80N06S3-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X