Part Number Hot Search : 
06030 A0201 1512D 150FCB CMPD914E 00003 BA3707 DZB10C
Product Description
Full Text Search
 

To Download GW12LHH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra-Thin Rockers
Series GW
Distinctive Characteristics
Various colored rockers and paddles. Combination of dust cover and closely fit housing, actuator, and interior pivot provides protection for contacts. Detent mechanism design of coil spring, plunger, and plastic detent results in crisp and positive actuation. Extremely thin size allows high density PCB mounting and makes these switches ideal for handheld equipment. Award-winning STC contact mechanism with benefits unavailable in conventional mechanisms: smoother, positive detent actuation, increased contact stability and unparalleled logic-level reliability. (Additional STC details in Terms & Acronyms; see Supplement section.) Molded-in, epoxy sealed terminals lock out flux and other contaminants. .100" x .100" (2.54mm x 2.54mm) terminal spacing conforms to standard PC board grid spacing for straight and angle mounting.
Actual Size
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Ultra-Thin Rockers
Series GW
General Specifications
Electrical Capacity (Resistive Load)
Logic Level: 0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength: Mechanical Life: Electrical Life: Nominal Operating Force: Angle of Throw:
80 milliohms maximum 500 megohms minimum @ 500V DC 500V AC minimum for 1 minute minimum 50,000 operations minimum 50,000 operations minimum For Rockers 1.70N; for Paddles 1.30N 28
Materials & Finishes
Actuator: Case: Sealing Ring: Movable Contact: Stationary Contacts: Base: Mounting Bracket: Terminals:
Glass fiber reinforced polyamide (UL94V-0) Glass fiber reinforced polyamide (UL94V-0) Nitrile butadiene rubber Phosphor bronze with gold plating Phosphor bronze with gold plating Glass fiber reinforced polyamide (UL94V-0) Phosphor bronze with tin plating Phosphor bronze with gold plating
Environmental Data
Operating Temperature Range: Humidity: Vibration: Shock:
-30C through +85C (-22F through +185F) 90 ~ 95% humidity for 240 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering: Cleaning:
Wave Soldering Recommended: See Profile A in Supplement section. Manual Soldering: See Profile A in Supplement section.. These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards: UL Recognition or CSA Certification:
UL94V-0 actuator & case/base The GW Series rockers have not been tested for UL recognition or CSA certification. These switches are designed for use in a low-voltage, low-current, logic-level circuit. When used as intended in a logic-level circuit, the results do not produce hazardous energy.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Ultra-Thin Rockers
TYPICAL SWITCH ORDERING EXAMPLE
Series GW P
PC TERMINALS
P H V Straight Right Angle Vertical
GW
POLES
1 2 SPDT DPDT 2 ON
1
2
ACTUATORS
R
B C H White Red Gray
C
ACTUATOR COLORS CIRCUIT
NONE ON R L Rocker Paddle
DESCRIPTION FOR TYPICAL ROCKER ORDERING EXAMPLE
GW12RCP
Red Rocker Cap
Straight PC Terminals
SPDT ON-NONE-ON Circuit
POLES & CIRCUIT
Rocker Position Up Pole SP DP Model GW12 GW22 ON ON NONE NONE ON ON 5-6 5-6 2-3 OPEN OPEN 5-4 5-4 2-1 Center Down Up Connected Terminals Center Down Throw & Schematics Note: Terminal numbers are not actually on the switch. SPDT DPDT
4 5 (COM) 4 5 (COM) 6 1 6 2 3
TYPICAL SWITCH DIMENSIONS
Straight PC
(0.25) Typ .010 (3.0) .118 (1.35) .053 P/N This Side (0.4) Dia Typ .016
Single Pole
1 4 5 3 6
(7.0) .276
28 (2.54) Typ .100 (4.5) .177 (2.3) .091 (7.0) .276 (2.6) .102
(2.54) .100 4
5 6
(2.54) Typ .100
(0.25) Typ .010
(2.54) .100
(0.6) Dia Typ .024
GW12RCP
On single pole models positions 1 & 3 are support pins.
(0.25) Typ .010 (3.0) .118
Straight PC
Double Pole
P/N This Side (0.4) Dia Typ .016 28 (2.54) Typ .100
1 2 3 4 5 6
(7.0) .276
(2.54) .100
4 5 6
1 2 3
(2.54) Typ .100
(2.6) .102 (0.25) Typ .010
(4.5) .177
(3.8) .150
(7.0) .276
(2.6) .102
(2.54) .100
(0.6) Dia Typ .024
GW22LCP NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07
Ultra-Thin Rockers
TYPICAL SWITCH DIMENSIONS
Right Angle PC
28
Series GW
Single Pole
(0.25) .010 (5.15) .203 (2.9) .114
(7.0) .276 (3.0) .118
P/N This Side (4.5) .177 (2.75) .108 (0.25) .010 (5.08) .200 (7.68) .302
6 5 4
(2.54) Typ .100 4 (0.6) Dia Typ .024
5
6
(5.08) .200
(0.5) Typ .020
(5.08) .200 (7.5) .295
(2.3) .091
(0.4) Dia Typ .016 (2.54) Typ .100
GW12RCH
Right Angle PC
28 (7.0) .276 (3.0) .118 (2.6) .102
Double Pole
(0.25) .010 (5.15) .203 (2.9) .114
P/N This Side
3 2 1
(4.5) .177 (2.75) .108 (0.25) .010 (5.08) .200 (10.22) .402 (0.5) .020 (2.54) .100
6 5 4
(2.54) Typ .100
1 4
2 5
3 6
(2.54) .100 (5.08) .200
(0.6) Dia Typ .024
(0.5) Typ .020
GW22LCH
(5.08) .200 (7.5) .295
(3.8) .150
(0.4) Dia Typ .016 (2.54) Typ .100
Vertical PC
(0.25) Typ .010 (4.5) .177 (1.35) .053
Single Pole
P/N This Side
4
(7.65) .301 (4.15) .163
28 (2.75) .108
5 6
(2.54) .100 4
5 6
(2.54) Typ .100 (5.08) .200 C L
(0.5) Typ .020 (2.54) .100
(0.25) .010 (5.0) .197 (2.3) .091
GW12RCV
(5.08) .200 (12.76) .502
(0.5) Typ .020 (2.54) Typ .100
(0.6) Dia Typ .024 (0.4) Dia .016 (1.27) .050
Vertical PC
(0.25) Typ .010 (4.5) .177
Double Pole
P/N This Side
1 2 3 4 5 6
(7.65) .301 (4.15) .163
(2.54) .100
28 (2.75) .108
4 5 6
1 2 3
(2.54) Typ .100 (5.08) .200
(0.5) Typ .020 (2.54) .100
(0.25) .010 (5.0) .197 (3.8) .150
(5.08) .200 (12.76) .502
(0.5) Typ .020 (2.54) Typ .100
(0.6) Dia Typ .024 (0.4) Dia .016 (2.54) .100
GW22LCV NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07


▲Up To Search▲   

 
Price & Availability of GW12LHH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X