Part Number Hot Search : 
CMF1XA 6500V EL5281C 721GST NTE934 CMBD914 H0001 MCL4151
Product Description
Full Text Search
 

To Download ES3AB11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ES3AB thru ES3JB Surface Mount Super Fast Rectifiers
REVERSE VOLTAGE 50 TO 600 VOLTS FORWARD CURRENT 3.0 AMPERE
Features:
* High current capability * High surge current capability * Low reverse current * Component in accordance to RoHS 2002/95/EC
Mechanical Data
* Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 * Terminals: Lead Free Plating (Tin Finish). Solderable per MIL-STD-202, Method 208 * Polarity: Cathode Band * Weight: 0.095 grams (approximate)
SMB(DO-214AA)
SMB Outline Dimensions
SMB Dim A B C D E G H J Min
3.30 4.06 1.96 0.15 5.00 0.10 0.76 2.00
Max
3.94 4.80 2.21 0.31 5.59 0.20 1.52 2.62
WEITRON
http://www.weitron.com.tw
1/3
27-Jan-2011
ES3AB thru ES3JB
Maximum Ratings and Electrical Characteristics
(TA=25C unless otherwise noted)
Characteristics
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current, 8.3 ms Single Half Sine-Wave Superimposed on Rated Load Maximum Instantaneous IF = 3.0A @ 25C Maximum DC Reverse Current @TA=25C At Rated DC Blocking Voltage @TA=100C Maximun Reverse Recocery Time(Note1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance Operating Temperature Range Storage Temperature Range
Symbol ES3AB ES3BB ES3CB ES3DB ES3FB ES3GB ES3JB Unit
VRRM VRMS VDC IF(AV) 50 35 50 100 70 100 150 105 150 200 140 200 3.0 80.0 300 210 300 400 280 400 600 420 600
V V V A A
IFSM VF IR Trr CJ R JC TJ TSTG 50
0.98 5 100 35
1.30
1.75
V uA
nS
30 30 -55 to+150 -55 to+150
PF C/W
C C
NOTES:1.Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, I RR =0.25A. 2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
WEITRON
http://www.weitron.com.tw
2/3
27-Jan-2011
ES3AB Thru ES3JB
5.0 100.00
ES3AB~ES3DB
INSTANTANEOUS FORWARD CURRENT (A)
AVERAGE FORWARD CURRENT,(A)
4.0
ES3FB~ES3JB
10.00
3.0
1.00
2.0
0.10
1.0
0.0 0 25 50 75 100 125 AMBIENT TEMPERATURE () 150 175
0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
FORWARD VOLTAGE (V)
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
100
100.000
PEAK FORWARD SURGE CURRENT (A)
25
REVERSE LEAKAGE CURRENT (uA)
80
10.000
125
60
1.000
40
0.100
20
0.010
0 1 10 NUMBER OF CYCLES AT 60Hz 100
0.001 20 40 60 80 100 PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
200
ES3AB~ES3DB
JUNCTION CAPACITANCE (pF)
150
ES3FB~ES3JB
100
50
0 0 1 10 100
REVERSE VOLTAGE (V)
FIG. 5-TYPICAL JUNCTION CAPACITANCE
WEITRON
http://www.weitron.con.tw
3/3
27-Jan-2011


▲Up To Search▲   

 
Price & Availability of ES3AB11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X