Part Number Hot Search : 
IN74180 100H6 RF3710 SMD32PT 768KHZ W0603 209EGW TLP798G
Product Description
Full Text Search
 

To Download DI1010S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact Technology
DI100S thru DI1010S
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.0 Amperes
GLASS PASSIVATED BRIDGE RECTIFIERS
FEATURES
Rating to 1000V PRV Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique The plastic material has UL flammability classification 94V-0 In compliance with EU RoHS 2002/95/EC directives
D
SDIP
A
I
DIM. A B
C
SDIP MIN.
MAX.
8.05 6.20 9.40 7.40 2.20 5.00 0.89 .076 .220
8.51 6.50 10.4 7.90 2.50 5.20 1.14 .330 .250
B J
C D E F G H I J
MECHANICAL DATA
Polarity : As marked on Body Weight : 0.02 ounces, 0.3 grams Mounting position : Any
E
G H F
1.02 1.53 All Dimensions in millimeter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER Maximum recurrent peak reverse voltage Maximum RMS bridge input voltage
SYMBOL
DI DI DI 100S 101S 102S VRRM 50 100 35 50 70 100 140 200
DI 104S 200 280 400 1.0 3.735 30 1.1
DI 106S 400 420 600
DI DI UNIT 108S 1010S 600 800 1000 560 800 700 1000 A A2sec A V uA pF J/W J V V
V
VRMS
Maximum DC blocking voltage VDC Maximum average forward rectified current IF @TA=40 J
2 I 2t Rating for fuisng (t< 8.3mS) tI Peak forward surge current, single sine-wave IFSM superim posed on rated load (JEDEC method) Maximum instantaneous Forward Voltage VF Drop per element at 1.0A DC Maximum DC Reverse CurrentA=25J @T IR at Rated DC Blocking Voltage A=100J @T Typical junction capacitance per leg(note1 ) C J RcJA Typical Thermal Resistance Per leg (note2) RcJC
Operating & StorageTemperature Range
J&TSTG T
5.0 500 25 40 15 -55 to +150
note1. Measured at 1.0MHz and applied reverse voltage of 4.0 volts note2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B with 0.5x0.5" (13x13mm) copper pads.
1 of 2 DI100S thru DI1010S
Compact Technology
DI100S thru DI1010S
BRIDGE OUTPUT FULL WAVE RECTIFIED CURRENT AVERES AMPERES
3
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
2
1.0
1
.1 (JEDEC METHOD)
Single Half-Sine-Wave
0
0
50
100
O
150
.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
AMBIENT TEMPERATURE , C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1 DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
Fig.2 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, uA
10
FORWARD SURGE CURRENT,AMPERES pk (HALF SINE-WAVE)
30
T A =100 C
1.0
O
20
10
Single Half-Sine-Wave (JEDEC METHOD)
0.1
T A =25 C
O
0 1
1
2
2
5
5
10
10
20
20 40
50
60
100
100
0.01
0
20
40
60
80
100
120
140
PERCENT OF PEAK REVERSE VOLTAGE Fig.3 TYPICAL PEAK REVERSE CHARACTERISTICS
NO. OF CYCLES AT 60Hz Fig.4 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
2 of 2
DI100S thru DI1010S


▲Up To Search▲   

 
Price & Availability of DI1010S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X