Part Number Hot Search : 
PKG058CC ZT653 J0026D21 3C103Z2U 74AUP1 G5335 NTE5545 002000
Product Description
Full Text Search
 

To Download DDTA144VUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R1R2 SERIES) UA
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistors, R1R2 Lead Free/RoHS Compliant (Note 1) "Green" Device (Note 2 & 3)
A
SOT-323 Dim A
BC
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
NEW PRODUCT
B C D
Mechanical Data
* * Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 3. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking Information: See Page 4 Type Code: See Table Below Ordering Information: See Page 4 Weight: 0.006 grams (approximate) R1 R2 P/N Type Code (NOM) (NOM) 1K 10K DDTA113ZUA P02 2.2K 10K DDTA123YUA P05 2.2K 47K DDTA123JUA P06 4.7K 10K DDTA143XUA P09 4.7K 22K DDTA143FUA P10 DDTA143ZUA P11 4.7K 47K DDTA114YUA P14 10K 47K DDTA114WUA P15 10K 4.7K DDTA124XUA P18 22K 47K DDTA144VUA P21 47K 10K DDTA144WUA P22 47K 22K
G H K M
0.65 Nominal
E G H J K L M
OUT 3
C
* * * * * * * *
J
D
E
L
All Dimensions in mm
B
R1 R2
IN B
1
3
C OUT
E
1 IN
2 GND(+)
GND (+)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@TA = 25C unless otherwise specified Symbol VCC DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA Value -50 +5 to -10 +5 to -12 +5 to -12 +7 to -20 +6 to -30 +5 to -30 +6 to -40 +10 to -30 +10 to -40 +15 to -40 +10 to -40 -100 -100 -100 -100 -100 -100 -70 -100 -50 -30 -30 Unit V
Characteristic
2
E
VIN
V
Output Current
IO
mA
Notes:
1. No purposefully added lead. 2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 3. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30326 Rev. 7 - 2
1 of 4 www.diodes.com
DDTA (R1R2 SERIES) UA
(c) Diodes Incorporated
Maximum Ratings
(continued)
@TA = 25C unless otherwise specified Symbol IC (Max) Pd RJA Tj, TSTG Value -100 200 625 -55 to +150 Unit mA mW C/W C
Characteristic Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 4) Operating and Storage Temperature Range
All
NEW PRODUCT
Notes:
4.
Mounted on FR4 PC Board with recommended pad layout as shown on Diodes Inc., suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf
Electrical Characteristics
@TA = 25C unless otherwise specified Symbol Min -0.3 -0.3 -0.5 -0.3 -0.3 -0.5 -0.3 -0.8 -0.4 -1.0 -0.8 Typ Max Unit Test Condition
Input Voltage
Characteristic DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA
Vl(off)
VCC = 5V, IO = 100A
Vl(on)
-3.0 -3.0 -1.1 -2.5 -1.3 -1.3 -1.4 -3.0 -2.5 -5.0 -4.0 -0.3 -7.2 -3.8 -3.6 -1.8 -1.8 -1.8 -0.88 -0.88 -0.36 -0.16 -0.16 -0.5
V
Output Voltage DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA
VO(on)
-0.1
V
VO = -0.3V, IO = -20mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -5mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -3mA VO = -0.3V, IO = -5mA VO = -0.3V, IO = -1mA VO = -0.3V, IO = -2mA VO = -0.3V, IO = -2mA VO = -0.3V, IO = -2mA VO = -0.3V, IO = -2mA IO/Il = -5mA/-0.25mA DDTA123JUA IO/Il = -5mA/-0.25mA DDTA143ZUA IO/Il = -5mA/-0.25mA DDTA114YUA IO/Il = -10mA/-0.5mA All Others
Input Current
Il
mA
VI = -5V
Output Current
IO(off)
DC Current Gain
Gl
Input Resistor Tolerance Resistance Ratio Tolerance Gain-Bandwidth Product*
* Transistor - For Reference Only
R1 R2/R1 fT
-33 -33 -80 -30 -68 -80 -68 -24 -68 -33 -56 -30 -20
A
VCC = -50V, VI = 0V
VO = -5V, IO = -10mA
250
+30 +20
% % MHz
VCE = -10V, IE = 5mA, f = 100MHz
DS30326 Rev. 7 - 2
2 of 4 www.diodes.com
DDTA (R1R2 SERIES) UA
(c) Diodes Incorporated
Typical Curves - DDTA123JUA
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
PD, POWER DISSIPATION (MW)
200
0.1
25C
75C -25C
NEW PRODUCT
150
100
0.01
50
0 -50
0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
150
0.001 0
40 10 20 30 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
50
1,000
VCE = 10V
12
f = 1MHz
10
hFE, DC CURRENT GAIN
75C
COB, CAPACITANCE (pF)
8
-25C
25C
100
6
4
2
10 1
10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
75C VO = 5V
100
0 0
10 15 25 20 5 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
30
100
10
VO = 0.2V
IC , COLLECTOR CURRENT (mA)
25C
10 Vin, INPUT VOLTAGE (V) 10
-25C
1
1
0.1
0.01
0.001 0
8 9 6 7 3 4 5 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2
1
0.1
0
10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30326 Rev. 7 - 2
3 of 4 www.diodes.com
DDTA (R1R2 SERIES) UA
(c) Diodes Incorporated
Ordering Information (Note 3 & 5)
Device DDTA113ZUA-7-F DDTA123YUA-7-F DDTA123JUA-7-F Packaging SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
NEW PRODUCT
DDTA143XUA-7-F DDTA143FUA-7-F DDTA143ZUA-7-F DDTA114YUA-7-F DDTA114WUA-7-F DDTA124XUA-7-F DDTA144VUA-7-F DDTA144WUA-7-F
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code
2006 T Jan 1 Feb 2
2007 U Mar 3 Apr 4
YM
2008 V May 5 Jun 6
2009 W Jul 7
2010 X Aug 8 Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30326 Rev. 7 - 2
4 of 4 www.diodes.com
DDTA (R1R2 SERIES) UA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTA144VUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X