Part Number Hot Search : 
GL901RX LPC1343F 01501 11007 SGM8552 LR246 TDA5030A 1N5820
Product Description
Full Text Search
 

To Download DDTA114GKA2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R2-ONLY SERIES) KA
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Please click here to visit our online spice models database.
Features
* * * * * Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistor, R2 only Lead Free/RoHS Compliant (Note 2) "Green" Device Note 3 & 4
A
SC-59 Dim
BC
Min 0.35 1.50 2.70 0.95 1.90 2.90 0.013 1.00 0.35 0.10 0
Max 0.50 1.70 3.00
A B C
Mechanical Data
* * Case: SC-59 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Copper leadframe). Terminal Connections: See Diagram Marking Information: See Table Below & Page 3 Ordering Information: See Page 3 Weight: 0.008 grams (approximate)
G H K M
D G H J
3.10 0.10 1.30 0.55 0.20 8
* * * * * * *
J
D
L
K L
OUT 3
C
M
All Dimensions in mm
B R2
P/N DDTA114GKA DDTA124GKA DDTA144GKA DDTA115GKA
R2 (NOM) 10K 22K 47K 100K
Type Code P26 P27 P28 P29
E
1 IN
2 GND(+)
Schematic and Pin Configuration
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) Pd RJA TJ, TSTG Value -50 -50 -5 -100 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30344 Rev. 8 - 2
1 of 3 www.diodes.com
DDTA (R2-ONLY SERIES) KA
(c) Diodes Incorporated
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Bleeder Resistor (R2) Tolerance Gain-Bandwidth Product*
* Transistor - For Reference Only
@TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO Min -50 -50 5 -300 -140 -65 -30 30 56 68 82 -30 Typ 250 Max -0.5 -580 -260 -130 -58 -0.3 +30 Unit Test Condition V IC = -50A V IC = -1mA IE = -720A, DDTA114GKA IE = -330A, DDTA124GKA V IE = -160A, DDTA144GKA IE = -72A, DDTA115GKA A VCB = -50V A V VEB = -4V IC = -10mA, IB = -0.5mA IC = -5mA, VCE = -5V
DDTA114GKA DDTA124GKA DDTA144GKA DDTA115GKA DDTA114GKA DDTA124GKA DDTA144GKA DDTA115GKA
IEBO VCE(sat) hFE R2 fT
% MHz VCE = -10V, IE = 5mA, f = 100MHz
Typical Curves - DDTA114KA
250
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V) 1
IC/IB = 10
PD, POWER DISSIPATION (mW)
200
150
0.1
75C -25C 25C
100
0.01
50
0 -50 0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
150
0.001 0 10 20 30 40 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC 50
1,000
12
f = 1MHz
hFE, DC CURRENT GAIN
COB, CAPACITANCE (pF)
1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
10
8
100
6
4
2
10
0 0 10 5 20 25 30 15 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance DDTA (R2-ONLY SERIES) KA
(c) Diodes Incorporated
DS30344 Rev. 8 - 2
2 of 3 www.diodes.com
1,000
75C VO = 5V
10
VO = 0.2V
IC , COLLECTOR CURRENT (mA)
100
10
Vin, INPUT VOLTAGE (V)
0 9 6 7 4 8 5 3 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 1 2 10
1
1
0.1
0.01
0.001
0.1 0 100 200 500 600 300 400 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current 700
Ordering Information (Note 4 & 5)
Device DDTA114GKA-7-F DDTA124GKA-7-F DDTA144GKA-7-F DDTA115GKA-7-F
Notes:
Packaging SC-59 SC-59 SC-59 SC-59
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
PXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
PXX
Date Code Key Year Code Month Code
2002 N Jan 1
2003 P Feb 2
2004 R Mar 3
2005 S Apr 4
YM
2006 T May 5 Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30344 Rev. 8 - 2
3 of 3 www.diodes.com
DDTA (R2-ONLY SERIES) KA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTA114GKA2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X