Part Number Hot Search : 
C74AC LM324 33AXI 5933B NTE175 10032 MUR1540 AD832
Product Description
Full Text Search
 

To Download CMXT390610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMXT3906 SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMXT3906 type is a dual PNP silicon transistor manufactured by the epitaxial planar process, epoxy molded in a SUPERminiTM surface mount package, and designed for small signal general purpose amplifier and switching applications. MARKING CODE: X2A
SOT-26 CASE
MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
SYMBOL VCBO VCEO VEBO IC PD TJ, Tstg JA
40 40 5.0 200 350 -65 to +150 357
UNITS V V V mA mW C C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN MAX ICEV VCE=30V, VEB=3.0V 50 BVCBO IC=10A 40 BVCEO IC=1.0mA 40 BVEBO IE=10A 5.0 VCE(SAT) IC=10mA, IB=1.0mA 0.25 VCE(SAT) IC=50mA, IB=5.0mA 0.40 VBE(SAT) IC=10mA, IB=1.0mA 0.65 0.85 VBE(SAT) IC=50mA, IB=5.0mA 0.95 hFE VCE=1.0V, IC=0.1mA 60 hFE VCE=1.0V, IC=1.0mA 80 hFE VCE=1.0V, IC=10mA 100 300 hFE VCE=1.0V, IC=50mA 60 hFE VCE=1.0V, IC=100mA 30 fT VCE=20V, IC=10mA, f=100MHz 250 Cob VCB=5.0V, IE=0, f=1.0MHz 4.5 Cib VBE=0.5V, IC=0, f=1.0MHz 10 hie VCE=10V, IC=1.0mA, f=1.0kHz 2.0 12
UNITS nA V V V V V V V
MHz pF pF k
R3 (12-February 2010)
CMXT3906 SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
ELECTRICAL CHARACTERISTICS PER TRANSISTOR - Continued: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN MAX UNITS hre VCE=10V, IC=1.0mA, f=1.0kHz 0.1 10 x10-4 hfe VCE=10V, IC=1.0mA, f=1.0kHz 100 400 hoe VCE=10V, IC=1.0mA, f=1.0kHz 3.0 60 S NF VCE=5.0V, IC=100A, RS=1.0k, f=10Hz to 15.7kHz 4.0 dB td VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA 35 ns tr VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA 35 ns ts VCC=3.0V, IC=10mA, IB1=IB2=1.0mA 225 ns tf VCC=3.0V, IC=10mA, IB1=IB2=1.0mA 75 ns
SOT-26 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) Emitter Q1 2) Base Q1 3) Collector Q2 4) Emitter Q2 5) Base Q2 6) Collector Q1 MARKING CODE: X2A
R3 (12-February 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMXT390610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X