Part Number Hot Search : 
M16C6N P3300 TOP246R PG1500 FSM11PL BD14010 BDT87 Q4015L5
Product Description
Full Text Search
 

To Download CMLT591E10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMLT591E SURFACE MOUNT PNP SILICON TRANSISTOR
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMLT591E type is a PNP Low VCE(SAT) 1.0 Amp transistor, epoxy molded in a space saving PICOminiTM SOT-563 surface mount package and designed for applications requiring a high current capability and low saturation voltages. MARKING CODE: L59
SOT-563 CASE
MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Collector Current Continuous Base Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance ELECTRICAL SYMBOL ICBO IEBO BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VBE(SAT) VBE(ON) hFE hFE hFE hFE fT Cob SYMBOL VCBO VCEO VEBO IC ICM IB PD TJ, Tstg JA UNITS V V V A A mA mW C C/W
80 60 5.0 1.0 2.0 200 250 -65 to +150 500
CHARACTERISTICS: (TA=25C unless otherwise noted) TEST CONDITIONS MIN VCB=60V VEB=4.0V IC=100A 80 IC=10mA 60 IE=100A 5.0 IC=500mA, IB=50mA IC=1.0A, IB=100mA IC=1.0A, IB=100mA VCE=5.0V, IC=1.0A VCE=5.0V, IC=1.0mA 200 VCE=5.0V, IC=500mA 200 VCE=5.0V, IC=1.0A 50 VCE=5.0V, IC=2.0A 15 VCE=10V, IC=50mA, f=100MHz 150 VCB=10V, IE=0, f=1.0MHz
MAX 100 100
0.20 0.40 1.1 1.0 600
UNITS nA nA V V V V V V V
10
MHz pF
R3 (20-January 2010)
CMLT591E SURFACE MOUNT PNP SILICON TRANSISTOR
SOT-563 CASE - MECHANICAL OUTLINE
PIN CONFIGURATION
LEAD CODE: 1) Collector 2) Collector 3) Base 4) Emitter 5) Collector 6) Collector Pins 1, 2, 5 and 6 are common. MARKING CODE: L59
R3 (20-January 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMLT591E10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X