Part Number Hot Search : 
1500A PT226 BU2515DX HBL21000 58786 00104 PCK2001 31202G
Product Description
Full Text Search
 

To Download CEM9435A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-Channel Enhancement Mode Field Effect Transistor FEATURES
-30V, -5.3A, RDS(ON) = 50m @VGS = -10V. RDS(ON) = 90m @VGS = -4.5V. Super high dense cell design for extremely low RDS(ON). High power and current handing capability. Lead free product is acquired. Surface mount Package.
CEM9435A
D 8
D 7
D 6
D 5
SO-8 1
1 S
2 S
3 S
4 G
ABSOLUTE MAXIMUM RATINGS
Parameter Drain-Source Voltage Gate-Source Voltage Drain Current-Continuous Drain Current-Pulsed
a
TA = 25 C unless otherwise noted Symbol VDS VGS ID IDM PD TJ,Tstg Limit -30 Units V V A A W C
20
-5.3 -20 2.5 -55 to 150
Maximum Power Dissipation Operating and Store Temperature Range
Thermal Characteristics
Parameter Thermal Resistance, Junction-to-Ambient b Symbol RJA Limit 50 Units C/W
Details are subject to change without notice . 1
Rev 3. 2010.Apr. http://www.cetsemi.com
CEM9435A
Electrical Characteristics
Parameter Off Characteristics Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Body Leakage Current, Forward Gate Body Leakage Current, Reverse On Characteristics c Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Dynamic Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching Characteristics d Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Drain-Source Diode Forward Current b Drain-Source Diode Forward Voltage c td(on) tr td(off) tf Qg Qgs Qgd IS VSD VGS = 0V, IS = -5.3A VDS = -15V, ID = -5.3A, VGS = -10V VDD = -15V, ID = -1A, VGS = -10V, RGEN = 6 11 5 30 7 13 2 3 -1.9 -1.3 20 10 60 14 17 ns ns ns ns nC nC nC A V
d
TA = 25 C unless otherwise noted Symbol BVDSS IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss Test Condition VGS = 0V, ID = -250A VDS = -20V, VGS = 0V VGS = 20V, VDS = 0V VGS = -20V, VDS = 0V VGS = VDS, ID = -250A VGS = -10V, ID = -5.3A VGS = -4.5V, ID = -4.2A VDS = -15V, ID = -5.3A 4 -1 44 74 7 640 135 95 Min -30 -1 100 -100 -3 50 90 Typ Max Units V
A
nA nA V m m S pF pF pF
VDS = -15V, VGS = 0V, f = 1.0 MHz
Drain-Source Diode Characteristics and Maximun Ratings
Notes : a.Repetitive Rating : Pulse width limited by maximum junction temperature. b.Surface Mounted on FR4 Board, t < 10 sec. c.Pulse Test : Pulse Width < 300s, Duty Cycle < 2%. d.Guaranteed by design, not subject to production testing.
2
CEM9435A
25 -VGS=10,9,8,7V 20
-ID, Drain Current (A)
-ID, Drain Current (A)
20 15 10 5 0 0.0
-VGS=6V
25 C 16 12 8 4 TJ=125 C 3.0 0 0.0 0.5 1.0 1.5 -55 C 2.0 2.5 3.0
-VGS=5V
5
-VGS=4V
-VGS=3V
0.5 1.0 1.5 2.0 2.5
-VDS, Drain-to-Source Voltage (V) Figure 1. Output Characteristics
1200 1000 800 600 400 200 0 Coss Crss 0 5 10 15 20 25 Ciss 2.2 1.9 1.6 1.3 1.0 0.7 0.4 -100
-VGS, Gate-to-Source Voltage (V) Figure 2. Transfer Characteristics
ID=-5.3A VGS=-10V
RDS(ON), Normalized RDS(ON), On-Resistance(Ohms)
C, Capacitance (pF)
-50
0
50
100
150
200
-VDS, Drain-to-Source Voltage (V) Figure 3. Capacitance
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 VDS=VGS
TJ, Junction Temperature( C) Figure 4. On-Resistance Variation with Temperature -IS, Source-drain current (A)
VGS=0V
10
1
VTH, Normalized Gate-Source Threshold Voltage
ID=-250A
10
0
-25
0
25
50
75
100
125
150
10
-1
0.4
0.6
0.8
1.0
1.2
1.4
TJ, Junction Temperature( C) Figure 5. Gate Threshold Variation with Temperature
-VSD, Body Diode Forward Voltage (V) Figure 6. Body Diode Forward Voltage Variation with Source Current
3
CEM9435A
-VGS, Gate to Source Voltage (V)
10 V =-15V DS ID=-5.3A RDS(ON)Limit
-ID, Drain Current (A)
8 6 4 2 0
10
1
10ms 100ms 1s
10
0
DC
10
-1
TA=25 C TJ=150 C Single Pulse
-1
0
4
8
12
16
10
10
0
10
1
Qg, Total Gate Charge (nC) Figure 7. Gate Charge VDD t on V IN VGS RGEN G RL D VOUT td(on) VOUT
-VDS, Drain-Source Voltage (V) Figure 8. Maximum Safe Operating Area
toff tr
90%
td(off)
90% 10%
tf
10%
INVERTED
90%
S
VIN
50% 10%
50%
PULSE WIDTH
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
r(t),Normalized Effective Transient Thermal Impedance
10
0
D=0.5
0.2
10
-1
0.1 0.05 0.02
PDM t1 t2
10
-2
Single Pulse
-4
1. RcJA (t)=r (t) * RcJA 2. RcJA=See Datasheet 3. TJM-TA = P* RcJA (t) 4. Duty Cycle, D=t1/t2
10
10
-3
10
-2
10
-1
10
0
10
1
10
2
Square Wave Pulse Duration (sec) Figure 11. Normalized Thermal Transient Impedance Curve
4


▲Up To Search▲   

 
Price & Availability of CEM9435A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X